Part Number Hot Search : 
GCQ20A06 P87C5 ML74WLAD N6000 RSB39VFH 0262F8 1H823J BZT52C3
Product Description
Full Text Search
 

To Download SI2303ADS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI2303ADS
New Product
Vishay Siliconix
P-Channel, 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
-30
rDS(on) (W)
0.240 @ VGS = -10 V 0.460 @ VGS = -4.5 V
ID (A)b
-1.4 -1.0
TO-236 (SOT-23)
G
1 3 D
S
2
Top View Si2303DS (3A)* *Marking Code
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)b _ Pulsed Drain Currenta Continuous Source Current (Diode Conduction)b Power Dissipationb Operating Junction and Storage Temperature Range TA= 25_C TA= 70_C PD TJ, Tstg TA= 25_C TA= 70_C ID IDM IS -0.75 0.9 0.57 -55 to 150
Symbol
VDS VGS
5 sec
-30 "20 -1.4 -1.1 -10
Steady State
Unit
V
-1.3 -1.0 A -0.6 0.7 0.45 W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambientb Maximum Junction-to-Ambientc Notes a. Pulse width limited by maximum junction temperature. b. Surface Mounted on FR4 Board, t v 5 sec. c. Surface Mounted on FR4 Board. For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm Document Number: 71837 S-20617--Rev. B, 29-Apr-02 www.vishay.com RthJA
Symbol
Typical
115 140
Maximum
140 175
Unit
_C/W _
1
SI2303ADS
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Limits Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-Resistancea Forward Transconductancea Diode Forward Voltage V(BR)DSS VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VGS = 0 V, ID = -10 mA VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "20 V VDS = -30 V, VGS = 0 V VDS = -30 V, VGS = 0 V, TJ = 55_C VDS v -5 V, VGS = -10 V VGS = -10 V, ID = -1.7 A VGS = -4.5 V, ID = -1.3 A VDS = -5 V, ID = -1.7 A IS = -0.75 A, VGS = 0 V -6 0.120 0.230 2.4 -0.80 -1.2 0.240 0.460 W S V -30 -1.0 -3.0 "100 -1 -10 mA m A V nA
Symbol
Test Conditions
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Qg Qgs Qgd Ciss Coss Crss VDS = -15 V, VGS = 0, f = 1 MHz VDS = -15 V, VGS = -10 V ID ^ -1.7 A 4.5 0.9 0.9 260 65 35 pF 10 nC
Switchingc
td(on) Turn-On Time tr td(off) tf Notes a. Pulse test: PW v300 ms duty cycle v2%. b. For DESIGN AID ONLY, not subject to production testing. c. Switching time is essentially independent of operating temperature. S FaxBack 408-970-5600 VDD = -15 V, RL =15 W ID ^ -1.0 A, VGEN = -4.5 V RG = 6 W 6 10 15 7 20 20 ns 35 20
Turn-Off Time
www.vishay.com
2
Document Number: 71837 S-20617--Rev. B, 29-Apr-02
SI2303ADS
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10
Vishay Siliconix
Output Characteristics
VGS = 10 thru 6 V
10
Transfer Characteristics
8 I D - Drain Current (A)
5V I D - Drain Current (A)
8
TC = -55_C
25_C 6 125_C 4
6
4
4V
2
1, 2 V
2 3V 0
0 0 2 4 6 8 10
0
1
2
3
4
5
6
7
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.8 400
Capacitance
r DS(on)- On-Resistance ( W )
C - Capacitance (pF)
0.6
300 Ciss
0.4
VGS = 4.5 V
200
0.2
VGS = 10 V
100
Coss
Crss 0.0 0 2 4 6 8 10 0 0 6 12 18 24 30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
10 VDS = 15 V ID = 1.7 A V GS - Gate-to-Source Voltage (V) 8
Gate Charge
1.8
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 1.7 A
1.6 r DS(on)- On-Resistance ( W ) (Normalized)
1.4
6
1.2
4
1.0
2
0.8
0 0 1 2 3 4 5
0.6 -50
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 71837 S-20617--Rev. B, 29-Apr-02
www.vishay.com
3
SI2303ADS
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
10 1.0
On-Resistance vs. Gate-to-Source Voltage
I S - Source Current (A)
1 TJ = 150_C
r DS(on)- On-Resistance ( W )
0.8
0.6 ID = 1.7 A 0.4
0.1
TJ = 25_C 0.01
0.2
0.001 0 0.2 0.4 0.6 0.8 1.0 1.2
0.0 0 2 4 6 8 10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.6 0.5 0.4 V GS(th) Variance (V) 0.3 0.2 0.1 -0.0 -0.1 -0.2 -0.3 -50 0 0.01 2 ID = 250 mA Power (W) 6 8 10
Single Pulse Power
TJ = 25_C Single Pluse
4
-25
0
25
50
75
100
125
150
0.10
1.00
10.00
100.00
1000.00
TJ - Temperature (_C)
Time (sec)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2
Notes:
0.1 0.1 0.05 0.02
PDM t1 t2 1. Duty Cycle, D = t1 t2
2. Per Unit Base = RthJA = 62.5_C/W
Single Pulse 0.01 10-4 10-3 10-2 10-1 1
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Square Wave Pulse Duration (sec) www.vishay.com Document Number: 71837 S-20617--Rev. B, 29-Apr-02
4


▲Up To Search▲   

 
Price & Availability of SI2303ADS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X