Part Number Hot Search : 
MV3507DG SM5520 D12NM50 2SC237 EA100 EA100 SB360S 74F379A
Product Description
Full Text Search
 

To Download SI1913EDH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI1913EDH
New Product
Vishay Siliconix
Dual P-Channel 20-V (D-S) MOSFET
FEATURES PRODUCT SUMMARY
VDS (V) rDS(on) (W)
0.490 @ VGS = -4.5 V -20 0.750 @ VGS = -2.5 V 1.10 @ VGS = -1.8 V
ID (A)
-1.0 -0.81 -0.67
D TrenchFETr Power MOSFETS: 1.8-V Rated D ESD Protected: 3000 V D Thermally Enhanced SC-70 Package
APPLICATIONS
D Load Switching D PA Switch D Level Switch
D D
SOT-363 SC-70 (6-LEADS)
S1 1 6 D1 3 kW G Lot Traceability and Date Code D2 3 4 S2 Part # Code
Marking Code DA XX YY
3 kW G
G1
2
5
G2
Top View
S
S
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a _ Pulsed Drain Current Continuous Diode Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 85_C PD TJ, Tstg TA = 25_C ID TA = 85_C IDM IS -0.61 0.74 0.38 -55 to 150 -0.72 -3 -0.48 0.57 0.30 W _C -0.63 A
Symbol
VDS VGS
5 secs
Steady State
-20 "12
Unit
V
-1.0
-0.88
THERMAL RESISTANCE RATINGS
Parameter
t v 5 sec Maximum Junction-to-Ambienta Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71415 S-03175--Rev. A, 05-Mar-01 www.vishay.com Steady State Steady State RthJA RthJF
Symbol
Typical
130 170 80
Maximum
170 220 100
Unit
_C/W C/W
1
SI1913EDH
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage VGS(th) IGSS VDS = VGS, ID = -100 mA VDS = 0 V, VGS = "4.5 V Gate-Body Leakage VDS = 0 V, VGS = "12 V VDS = -16 V, VGS = 0 V Zero Gate Voltage Drain Current On-State Drain Currenta IDSS ID(on) VDS = -16 V, VGS = 0 V, TJ = 85_C VDS = -5 V, VGS = -4.5 V VGS = -4.5 V, ID = -0.88 A Drain-Source On-State Resistancea rDS(on) VGS = -2.5 V, ID = -0.71 A VGS = -1.8 V, ID = -0.2 A Forward Transconductancea gfs VSD VDS = -10 V, ID = -0.88 A IS = -0.47 A, VGS = 0 V -2 0.400 0.610 0.850 1.5 -0.85 -1.2 0.490 0.750 1.10 S V W -0.45 "1.5 "10 -1 -5 V mA mA mA m A
Symbol
Test Condition
Min
Typ
Max
Unit
Diode Forward Voltagea
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Qg Qgs Qgd td(on) tr td(off) tf VDD = -10 V, RL = 20 W ID ^ -0.5 A, VGEN = -4.5 V, RG = 6 W VDS = -10 V, VGS = -4.5 V, ID = -0.88 A 1.2 0.3 0.3 0.150 0.480 0.840 0.850 0.23 0.72 1.2 1.2 ms m 1.8 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Gate-Current vs. Gate-Source Voltage
8 10,000 1,000 I GSS - Gate Current (mA) 6 I GSS - Gate Current (mA) 100 10 1 0.1 TJ = 25_C 0.01 0 0 4 8 12 16 0.001 0 3 6 9 12 15 TJ = 150_C
Gate Current vs. Gate-Source Voltage
4
2
VGS - Gate-to-Source Voltage (V) www.vishay.com
VGS - Gate-to-Source Voltage (V) Document Number: 71415 S-03175--Rev. A, 05-Mar-01
2
SI1913EDH
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
3.0 VGS = 5 thru 3 .5V 2.5 3V 2.5 TC = -55_C 25_C 2.0 3.0
Vishay Siliconix
Transfer Characteristics
I D - Drain Current (A)
2.0
1.5 2V 1.0 1.5 V 1V 0.0 0 1 2 3 4
I D - Drain Current (A)
2.5 V
1.5 125_C 1.0
0.5
0.5
0.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
1.6 VGS = 1.8 V C - Capacitance (pF) 1.2 120 160
Capacitance
r DS(on) - On-Resistance ( W )
Ciss
VGS = 2.5 V 0.8
80
VGS = 4.5 V 0.4
40 Crss
Coss
0.0 0.0
0 0.5 1.0 1.5 2.0 2.5 3.0 0 4 8 12 16 20
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
5 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 0.88 A 1.6
On-Resistance vs. Junction Temperature
3
r DS(on) - On-Resistance (W) (Normalized)
4
1.4
VGS = 4.5 V ID = 0.88 A
1.2
2
1.0
1
0.8
0 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.6 -50
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 71415 S-03175--Rev. A, 05-Mar-01
www.vishay.com
3
SI1913EDH
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
2 1.6
On-Resistance vs. Gate-to-Source Voltage
1 I S - Source Current (A)
r DS(on) - On-Resistance ( W )
TJ = 150_C
1.2
ID = 0.88 A 0.8
TJ = 25_C
0.4
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2
0.0 0 1 2 3 4 5
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.30 0.25 0.20 V GS(th) Variance (V) 0.15 0.10 0.05 -0.00 -0.05 -0.10 -0.15 -50 0 0.01 1 Power (W) 3 ID = 100 mA 5
Single Pulse Power, Junction-to-Ambient
4
2
-25
0
25
50
75
100
125
150
0.1
1 Time (sec)
10
100
600
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1
PDM
0.05
t1 t2 1. Duty Cycle, D = t1 t2
0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
2. Per Unit Base = RthJA = 170_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 71415 S-03175--Rev. A, 05-Mar-01
SI1913EDH
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
Vishay Siliconix
0.2 0.1 0.1 0.05
0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Document Number: 71415 S-03175--Rev. A, 05-Mar-01
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI1913EDH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X