Part Number Hot Search : 
PS104RS MF194FC 1215Z 8HC908A M3E11ZQA 85HFR60 BZX84C CMBA857E
Product Description
Full Text Search
 

To Download SI-A80003600-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI-A1125/500-6 ... SI-A8000/3600-1.8
SI-A1125/500-6 ... SI-A8000/3600-1.8
High Voltage Si-Rectifier Modules Si-Hochspannungs-Gleichrichter Module Version 2006-04-13
55 16
Nominal current Nennstrom Alternating input voltage Eingangswechselspannung Hockey-puck plastic case Hockey-puck Kunststoffgehause Weight approx. Gewicht ca.
2
6...1.8 A 1125...8000 V O 55 x 23 [mm] 125 g
36
23
SI-A 3000/1350-2.5
Polarity: Cathode to stud Polaritat: Kathode am Gewinde Compound has classification UL94V-0 Vergussmasse nach UL94V-0 klassifiziert Standard packaging bulk Standard Lieferform lose im Karton
M8
Dimensions - Mae [mm]
Maximum ratings Type 1) Typ 1) SI-A1125/500-6 SI-A1750/775-4 SI-A3000/1350-2.5 SI-A8000/3600-1.8 Rated DC voltage Anschlussgleichspg. VRD [V] 500 775 1350 3600 Alternat. input voltage Eingangswechselspg. VVRMS [V] 1125 1750 3000 8000
Grenzwerte Rep. peak reverse voltage Period. Spitzensperrspg. VRRM [V] 3200 4800 8000 24000
Maximum ratings, TA = 50C Type Typ SI-A1125/500-6 SI-A1750/775-4 SI-A3000/1350-2.5 SI-A8000/3600-1.8 Max. average fwd. current Dauergrenzstrom IFRM [A] 6.0 4.0 2.5 1.8 Peak fwd. surge current Stostrom IFSM [A] 2) 300 200 200 100
Grenzwerte, TA = 50C Rating for fusing Grenzlastintegral i2t [A2s] (t<10 ms) 450 200 200 50
Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
Tj TS
-50...+150C -50...+150C
1 2
SI-A and SI-E are identical devices - Si-A und SI-E sind identische Bauteile For one 50 Hz half sine-wave - Fur eine 50 Hz Sinus-Halbwelle http://www.diotec.com/
(c) Diotec Semiconductor AG
1
SI-A1125/500-6 ... SI-A8000/3600-1.8 Characteristics Type Typ Forward voltage Durchlass-Spannung VF [V] at/bei IF [A] Tj = 25C <3 <4 <6 < 15 6 4 2.5 1.8 Leakage current Sperrstrom IR [A] at / bei VRRM Tj = 25C < 10 < 10 < 10 < 10 Kennwerte Leakage current Sperrstrom IR [mA] at / bei VRRM Tj = 150C <1 <1 <1 <1
SI-A1125/500-6 SI-A1750/775-4 SI-A3000/1350-2.5 SI-A8000/3600-1.8
Cascade connection by screwing on top of each other: Kaskadierbar durch Aufeinanderschrauben:
SI-A 3000/1350-2.5
SI-A 3000/1350-2.5
SI-A 3000/1350-2.5
SI-A 3000/1350-2.5
2
http://www.diotec.com/
(c) Diotec Semiconductor AG


▲Up To Search▲   

 
Price & Availability of SI-A80003600-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X