Part Number Hot Search : 
KBJ1000 74LVC2G MBR1580 1N3507A BC858C MAX97 D3030 MC5430L
Product Description
Full Text Search
 

To Download SI-5300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Full-bridge PWM Motor Driver
SI-5300
General Description
Two Pch MOSFETs for high side power switches, two Nch for low side and one control IC are integrated into one package. Enables to drive a motor by DC drive at up to 5ADC or by pulse drive at up to 16A. PWM
September 2005
Package---SPM
input signal is 20 kHz max, and phase changeover frequency is 500Hz max. Input signals for IN1 and IN2 control the output of each phase with normal, reverse, brake, and free-run mode.
In order to prevent shoot through current during phase changeover, the control IC set the dead time. Dead time: 20S (typ).
Versatile
protection functions:
Over current protection for each power switch (Latch mode) Thermal shutdown (TSD) DIAG output function: Outputs the diagnosis during abnormal operation.
Applications
Driving various DC motors (PWM control) Throttle valve for automotive application
Key Specifications
Absolute maximum rating *1 with infinite heatsink Signal VM VINx,PWM Io Iop-p PWM control frequency Phase transition frequency Junction temperature Power dissipation PWM CW Tj PD1 PD2 Ratings 40V(max) -0.37.0V 5A 16A 20KHz(max) 500Hz(max) -40150 3.6W 33.7W *1 Remarks Parameter Motor supply voltage Input voltage Output current
Features
SI-5300 incorporates two high side Pch MOSFETs, two low side Nch MOSFETs, and a control IC in one package. Overcurrent protection function for each power switch, and thermal shutdown function for control IC. Also, the dead time (20S) is set in the control IC to prevent turning on the high side MOSFETs at the same timing.
Typical Connection
.
Sanken Electric Co.,Ltd.
I03-001EA-050910
1/12
Full-bridge PWM Motor Driver
SI-5300
1. Absolute maximum ratings (Ta=25)
Characteristics Motor Supply Voltage Output Current Logic Input Voltage Symbol VM IOUT1 IOUT2 IN1 IN2 PWM PWM CW 1 2 j- - Rating 40 5 16 -0.3 to 7 -0.3 to 7 -0.3 to 7 20 500 3.6 33.7 35 3.7 Unit V A A V V V KHz Hz W W /W /W
September 2005
Remarks
*1
PWM Control Frequency Forward and Reverse Change Frequency Total Device Power Dissipation Thermal Resistance
Duty=2080 *2 No heatsink Infinite heatsink
Junction Temperature Tj -40 to 150 Operation Temperature Top -40 to 85 Storage Temperature Tstg -40 to 150 *1 PW1mS,Duty50 *2 The dead time for the length current prevention in positive and the reversing switch is set by internal control IC. The set point in internal control IC at the dead time is 20S(TYP). Please confirm, and use the load condition. Recommended operating conditions Characteristics Motor Supply Voltage Logic Input Voltage PWM Control Frequency Output Current DIAG Terminal Output Voltage DIAG Terminal Sink Current Operation Temperature Symbol VM VIN1,VIN2,PWM PWM Io VDIAG IDIAG Top Rating 6 to 18 -0.3 to 5 10 3 -0.3 to 6 1 -40 to85 Unit V V KHz A V A Remarks
.
Sanken Electric Co.,Ltd.
I03-001EA-050910
2/12
Full-bridge PWM Motor Driver
SI-5300
Electrical characteristics (=25,M=14,Io=3A unless otherwise specified) Characteristics Motor Supply Voltage Output saturation voltage Output leak current Output transmission time Symbol VM V,VM-Vo V,Vo-PG IL,L IL,H LH HL
HL-LH
September 2005
6
Rating
Unit 18 0.8 0.3 100 100 10 *5 15 *6 10 V V S
Remarks VM=24V(2min) Io=3A Io=3A VM=40V VM=40V VPWM LH(Vth=2.5typ) VPWM HL(Vth=2.5typ)

Forward voltage characteristic of diode between drain and source Quiescent current
VFL VFH IM1 IM2 IM3 VIN,H VIN,L IIN,L IIN,H Iocp DIAG VDL 3.0
0.8 1.0 0.8 1.0 22 22 16 2.0 -100 200 16 20 0.3
V
A
Voltage of input terminal Current of input terminal Over current protection starting current DIAG terminal output Voltage of pulse width DIAG terminal output Voltage of satisfaction
V A S V
Io=3A Io=10A Io=3A Io=10A Stop mode Forward and reverse mode Brake mode VIN1=VIN2=VPWM VIN1=VIN2=VPWM VIN1=VIN2=VPWM=0V VIN1=VIN2=VPWM=5V *3 CDIAG=1F(typ) IDSINK=1mA *4
Note *3 The standard value of Iocp is assumed to be a value by which the output of each power MOSFET cuts off. When the protection circuit of OCP and TSD operates , power MOSFET's keeps cutoff. When a signal(5V:H0V:L) is input to the terminal PWM , the cutoff operation will be released. Moreover , Three minutes ( Ta=25, fPWM=10Khz ,VM=14V) are assumed to be max at the over current state continuance Time in the VM operation and ground of output terminal (OUT1,OUT2). It is not the one to assure the operation including reliability in the state that the sort-circuit continues for along time. *4 DIAG signal output terminal is an collector output. Use apull-up resistor when connecting it to a logic circuit.
.
Sanken Electric Co.,Ltd.
I03-001EA-050910
3/12
Full-bridge PWM Motor Driver
SI-5300
*5 Output transmission time(tpLH)
September 2005
Output transmission time tpLH is time form Vth(2.5Vtyp) of the terminal of PWM to output(Vout*0.9) of the output terminal. *6 Output transmission time(tpHL)
Output transmission time tpLH is time form Vth(2.5Vtyp) of the terminal of PWM to output (Vout*0.9) Of the output terminal.
.
Sanken Electric Co.,Ltd.
I03-001EA-050910
4/12
Full-bridge PWM Motor Driver
SI-5300
Timing chart of input and output
Tim ing Chart
Term inal Nam e
ON e ev DU rs e OF F ee Fr Ru n) S ( to p ee Fr Ru n)
September 2005
IN1
Fo r
D rd wa
Y UT
ON rw a rd DU
TY
OF
F Re ve
DU rs e
TY
TY
(B
ra k
e) (B
ra k
e)
Fo
R
S
( to p
IN2
PW M
OUT1
High Im pedance
OUT2
High Im pedance
High Im pedance IOUT1(A)
Input signal IN1 H H L L H H L L IN2 H H L L L L H H PWM H L H L H L H L
Output Signal OUT1 Z Z GND GND VM Z GND GND OUT2 Z Z GND GND GND GND VM Z
Power MOS operation Tr1(P1) Tr2(P2) Tr3(N1 Tr4(N2) OFF OFF OFF OFF ON OFF OFF OFF OFF OFF OFF OFF OFF OFF ON OFF OFF OFF ON ON OFF OFF ON ON OFF OFF ON ON ON ON OFF OFF
Function
Stop mode Stop mode Break mode Break mode Normal mode(Duty ON)
Normal mode(Duty OFF) Reverse mode(Duty ON) Reverse mode(Duty OFF)
HHigh level LLow level ZHigh impedance GNDGND level ONPower MOSFET ON OFFPower MOSFET OFF
Sanken Electric Co.,Ltd.
5/12
I03-001EA-050910
Full-bridge PWM Motor Driver
SI-5300
Timing chart
Protection circuit Return of constant section
September 2005
VM
VM = 2V
VM = 2V
IN1
IN2
PWM
VM-OUT1
VM-OUT2
VOUT1-GND
VOUT2-GND
OUT1
OUT2
IOUT(A)
TDIAG DIAG
(Pull-up Vcc with resistor)
20 m sec(Min.)
Sanken Electric Co.,Ltd.
6/12
I03-001EA-050910
Full-bridge PWM Motor Driver
SI-5300
Package information(Lead forming No.1505) Package type , physical dimensions and material
September 2005
Appearance The body shall be clean and shall not bear any stain , rust or flaw. Marking The type number and lot number shall be marked on the body by Laser which shall not be unreadable easily.
aType number blot number 1st letter 2nd letter 3rd & 4th
SI-5300 The last digit of year Month day Arabic numerals
Sanken Electric Co.,Ltd.
7/12
I03-001EA-050910
Full-bridge PWM Motor Driver
SI-5300
Equivalent Circuit
September 2005
Pre-Reg : Battery inside circuit Dead Time : Protection circuit of length current PWM down edge sence : Detection circuit of PWM signal OCP : Over Current protection circuit TSD : Over temperaturel protection circuit DIAG CONTROL : DIAG control circuit Terminal Pin 1 2 3 4 5 6 7 8 Symbol OUT1 OUT1 VM PGND VM IN1 PWM LGND Function OUTPUT terminal 1 OUTPUT terminal 1 Motor Supply Voltage terminal PGND Motor Supply Voltage terminal Input terminal IN1 Input terminal PWM LGND Pin 9 10 11 12 13 14 15 Symbol TDIAG DIAG IN2 PGND VM OUT2 OUT2 Function DIAG Delay time Output terminal DIAG Input terminal IN2 PGND Motor Supply Voltage terminal OUTPUT terminal 2 OUTPUT terminal 2
Sanken Electric Co.,Ltd.
8/12
I03-001EA-050910
Full-bridge PWM Motor Driver
SI-5300
Electrical characteristics Ta=25
September 2005
Sanken Electric Co.,Ltd.
9/12
I03-001EA-050910
Full-bridge PWM Motor Driver
SI-5300
September 2005
Sanken Electric Co.,Ltd.
10/12
I03-001EA-050910
Full-bridge PWM Motor Driver
SI-5300
September 2005
Sanken Electric Co.,Ltd.
11/12
I03-001EA-050910
Full-bridge PWM Motor Driver
SI-5300
CAUTION / WARNING
September 2005
The information in this publication has been carefully checked and is believed to be accurate; however, no responsibility is assumed for inaccuracies. Sanken reserves the right to make changes without further notice to any products herein in the interest of improvements in the performance, reliability, or manufacturability of its products. Before placing an order, Sanken advises its customers to obtain the latest version of the relevant information to verify that the information being relied upon is current. Application and operation examples described in this catalog are quoted for the sole purpose of reference for the use of the products herein and Sanken can assume no responsibility for any infringement of industrial property rights, intellectual property rights or any other rights of Sanken or any third party which may result from its use. When using the products herein, the applicability and suitability of such products for the intended purpose or object shall be reviewed at the users' responsibility. Although Sanken undertakes to enhance the quality and reliability of its products, the occurrence of failure nd defect of semiconductor products at a certain rate is inevitable. Users of Sanken products are requested to take, at their own risk, preventative measures including safety design of the equipment or systems against any possible injury, death, fires or damages to the society due to device failure or malfunction. Sanken products listed in this catalog are designed and intended for the use as components in general purpose electronic equipment or apparatus (home appliances, office equipment, telecommunication equipment, measuring equipment, etc.). Before placing an order, the user's written consent to the specifications is requested. When considering the use of Sanken products in the applications where higher reliability is required (transportation equipment and its control systems, traffic signal control systems or equipment, fire/crime alarm systems, various safety devices, etc.), please contact your nearest Sanken sales representative to discuss and obtain written confirmation of your specifications. The use of Sanken products without the written consent of Sanken in the applications where extremely high reliability is required (aerospace equipment, nuclear power control systems, life support systems, etc.) is strictly prohibited. Anti radioactive ray design is not considered for the products listed herein. This publication shall not be reproduced in whole or in part without prior written approval from Sanken.
This is notification that you, as purchaser of the products/technology, are not allowed to perform any of the following: 1. Resell or retransfer these products/technology to any party intending to disturb international peace and security. 2. Use these products/technology yourself for activities disturbing international peace and security. 3. Allow any other party to use these products/technology for activities disturbing international peace and security. Also, as purchaser of these products/technology, you agree to follow the procedures for the export or transfer of these products/technology, under the Foreign Exchange and Foreign Trade Law, when you export or transfer the products/technology abroad.
Sanken Electric Co.,Ltd.
12/12
I03-001EA-050910


▲Up To Search▲   

 
Price & Availability of SI-5300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X