Part Number Hot Search : 
B4250 SMBG40 SI1N4 P16N25E D679AG 74CBT 6R400 10112
Product Description
Full Text Search
 

To Download SHE144AF-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SHE144AF-(B)
High Efficiency LED Lamp
Features
* * * * * * * * Red Colored lens type Ellipse type(X=4.6mm, Y=5.8mm) Super luminosity Flangeless package High power LEDs Oval shape Lens Color : Red View Angle : 70 / 34
Application
* Full color displays * Message boards * Variable message signs(VMS)
Outline Dimensions
4.60.2 5.8
0.2
unit :
mm
7.70.2
3.60.5 0.5 22.0 MIN
1.0 MIN 2.54 NOM
PIN Connections 1.Anode 2.Cathode
KLE-3008-000
1
SHE144AF-(B)
Absolute maximum ratings
Characteristic
Power Dissipation Forward Current * Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature
2 1
Symbol
PD IF IFP VR Topr Tstg
Ratings
110 40 50 4 -2585 -30100 260 for 5 seconds
Unit
mW mA mA V
* Soldering Temperature Tsol *1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical Characteristics
Characteristic
Forward Voltage * Luminous Intensity Peak Wavelength Spectrum Bandwidth Reverse Current *3Half Angle
4
Symbol
VF IV
Test Condition
IF= 20mA IF= 20mA IF= 20mA IF= 20mA VR=4V
Min. Typ. Max.
1.8 780 2.1 1365 630 17 17 35 2.5 2640 10 -
Unit
V mcd nm nm uA deg
P IR
1/2 X Y
IF= 20mA
*3. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity *4. Luminous Intensity Maximum tolerance for each Grade Classification limit is 18%
*4. Luminous Intensity classification Q
R
S
780~1170 1170~1760 1760~2640
KLE-3008-000
2
SHE144AF-(B)
Characteristic Diagrams
Fig. 1 IF - VF Fig. 2 IV - IF
Forward Current IF [mA]
Forward Voltage VF [V]
Luminous Intensity Iv [mcd]
Forward
Current IF [mA]
Fig. 3 IF - Ta
Fig.4 Spectrum Distribution
Current IF [mA]
Forward
Ambient Temperature Ta []
Relative Intensity [%]
Wavelength [nm]
Fig. 5-1 Radiation Diagram(X)
Fig. 5-2 Radiation Diagram(Y)
Relative Luminous Intensity Iv [%]
Relative Luminous Intensity Iv [%]
KLE-3008-000
3
SHE144AF-(B)
These AUK products are intended for usage in general electronic equipments(Office and communication equipment, measuring equipment, domestic electrification, etc.). Please make sure that you consult with us before you use these AUK products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.). AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KLE-3008-000
4


▲Up To Search▲   

 
Price & Availability of SHE144AF-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X