Part Number Hot Search : 
STD80 MBR1535 1N475 BCW30LT1 330M1 HA13421A LLZ30A 30D04
Product Description
Full Text Search
 

To Download SGE2698-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Specification Number SGE2698-1 Rev. B(120401) Rev. C (121801) This Document describes and specifies the electrical and mechanical characteristics of SGE2698-1 inverter transformer for CCFL inverter power supply . This component should be designed and manufactured in accordance with Engineering Specification LES1410T
Magnetic Component Specification
1. Electrical Characteristics
Items L1-2, L2-3 (uH) L6-5 (mH) LLKG2-4 ,LLKG4-6 (uH) Inductance ( at 10Khz, 0.1V)
Min Nom Max
Items
D.C Resistance
Min Nom Max
94 106 118 836 938 1040 Inductance ( at 100Khz, 1Vrms) 5.5 6.0 6.5 Should be shorted pin 6-5 Secondary Self Capacitance C6-5 (pF) 2.0 3.2 5.0 Dielectric Voltage Withstand Secondary to Core 60 Hz.,Arc-detect enabled, 5 sec. min., 200uA max. Primary to Core leakage current Primary to Secondary Operating Test V6-5 Primary driven with 80 kHz. sine wave source (pin 1-3), secondary measured with Tektronix P6015 (or equiv.)..
255 265 275 R1-2, R2-3(m) 830 871 912 Rdc6-5() R1-2/R2-3 0.96 1 1.04 Balance of Primary DC resistance will be used as Bifilar winding measure tool HP4280A 1Mhz C meter, Floating mode 1200Vrms min. ( 1min. 60Hz) 1000Vrms min. 1200Vrms min. 1200Vrms min.
2. Winding Specifications
Winding Sequence Wire Size & Type Number of Turns Winding Method Primary Pin 1 - 2 Pin 2-3 1S-2F 2S-3F 0.15, Single Insulation, 0.15, Single Insulation, 130C 130C 17 17 Bifilar Secondary Pin 6-5 6S-5F #50, Class 2 (JIS3202), 130C 1600
3. Physical Specification & Wiring Diagram
Microsemi Corporation Integrated Products. 11861 Western Ave., Garden Grove, CA 92841 tel. (714) 898-8121


▲Up To Search▲   

 
Price & Availability of SGE2698-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X