Part Number Hot Search : 
5NK50 STM6930A AKD46 AFM302 78F003 DA24CT P89LP DS2890X
Product Description
Full Text Search
 

To Download SG25AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THYRISTOR MODULE ISOLATED MOLD TYPE
SG25AA
UL:E76102 M SG25AA is an isolated molded thyristor which is suitable fora wide range of industrial and home electronics uses. SG25AA uses highly relible glass passivation. IT(AV)=25A high Surge Capability Tab terminals for easy wiring.
Unit A
Maximum Ratings
Symbol VRRM VRSM VDRM Symbol IT IT
AV RMS
Item Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Repetitive Peak Off-State Voltage Item Average On-State Current R.M.S. On-State Current Surge On-State Current I2t Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage(Forward) Peak Gate Voltage(Reverse) Critical Rate of Rise of On-State Current Isolation Breakdown Voltage (R.M.S.) Operating Junction Temperature Storage Temperature Mounting Torque M4 Mass
Ratings SG25AA20 200 240 200 Conditions Single phase, half wave, 180 conduction, Tc 70 Single phase, half wave, 180 conduction, Tc 70
1 2cycle,
SG25AA40 400 480 400
SG25AA60 600 720 600 Ratings 25 39 450/500 1040 10 1 3 10 5
Unit V V V Unit A A A A2S W W A V V A/ s V
ITSM I2t PGM PG
AV
50Hz/60Hz, peak value, non-repetitive
2 10ms
IFGM VFGM VRGM di dt VISO Tj Tstg
IG 100mA Tj 25 A.C.1minute
VD
1
2VDRM
dIG/dt 1A/ s
100 2500 40 to 40 to 125 125
Recommended Value 1.0-1.4 10-14
1.5 15 23
N fB g
Electrical Characteristics
Symbol IDRM IRRM VTM IGT VGT VGD tgt dv dt IH Rth j-c Item Repetitive Peak Off-State Current, max. Repetitive Peak Reverse Current, max. Peak On-State Voltage, max. Gate Trigger Current/Voltage, max. Non-Trigger Gate, Voltage. min. Turn On Time, max. Critical Rate of Rise of Off-State Voltage, min. Holding Current, typ. Thermal Impedance, max. Conditions at VDRM, single phase, half wave, Tj 125 at VDRM, single phase, half wave, Tj 125 On-State Current 78A, Tj 25 Tj 25 Tj 125 IT 1A VD 6V VD
2 1 2VDRM
Ratings 5 5 1.40 40/3 0.2
Unit mA mA V mA/V V s V/ s mA /W
Inst. measurement
IT 25A IG 100mA Tj 25 Tj 125 , VD Tj 25 Junction to case
3VDRM,
VD
1
2VDRM
dIG/dt 1A/ s
10 100 30 1.6
Exponential wave.
SanRex(R)
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
; ;
SG25AA


▲Up To Search▲   

 
Price & Availability of SG25AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X