![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SG160160B (160 DOTS X160 DOTS ) FEATURES BUILT-IN CONTROLLER (SED1335 OR EQUIVALENT ) +5 V POWER SUPPLY 1/160 DUTY CYCLE EDGE LIGHTING TYPE LED BACKLIGHT MECHANICAL DATA ITEM Module Size (W x H x T) Viewing Area ( W x H ) Active Area ( W x H ) Dot Size ( W x H ) Dot Pitch ( W x H ) DIMENSIONS 88.8 x 88.8 x 9.4(13.8) 62.0 x 62.0 60.76 x 60.76 0.34 x 0.34 0.38 x 0.38 UNIT mm mm mm mm mm INTERFACE PIN CONNECTIONS NO. 1 2 3 4 5 6 7 8~15 16 17 18 19 20 ABSOLUTE MAXIMUM RATINGS ITEM Supply Voltage For Logic Supply Voltage For LCD Drive Input Voltage SYMBOL LEVEL VSS VDD Vo /RD /WR /CS Ao DB0~DB7 /RES VEE A K NC 0V 5V FUNCTION Power Supply Ground Power Supply Voltage Contrast Adjustment Voltage Read Signal Write Signal Chip Signal Data Type Select Data Bus Line Reset Signal Power Supply Voltage For LCD LED Power (+) LED Power (-) No Connection SYMBOL VDD-VSS VDD-Vo VI MIN. 0 0 Vss TYP. - MAX. 7 21 VDD UNIT V V V L L L H/L H/L L ELECTRICAL CHARACTERISTICS ITEM Supply Voltage For Logic LCD Supply Voltage Supply Current Input Voltage Output Voltage "HIGH" Level "LOW" Level "HIGH" Level "LOW" Level SYMBOL VDD-VSS VDD-Vo IDD VIH VIL VOH VOL CONDITION VDD=5V Ta=25 VDD=5V MIN. 4.5 17.4 2.2 2.4 - TYP. 5 18 14 - MAX. UNIT 5.5 24.3 23 VDD 0.6 0.4 V V mA V V V V 4.2V 0V - - EXTERNAL DIMENSIONS SG160160B ( 160 DOTS X 160 DOTS ) TIMING CHARACTERISTICS ITEM System Cycle Time Address Set-up Time Address Hold Time Data Set-up Time Data Hold Time Output Disable Time Access Time Enable Pulse Width Read Write SYMBOL MIN. 425 30 10 120 10 10 220 220 TYP. - MAX. 50 120 - UNIT. ns ns ns ns ns ns ns ns ns tCYC tAW tAH tDS tDH tOH tACC tEW BLOCK DIAGRAM |
Price & Availability of SG160160B
![]() |