Part Number Hot Search : 
LFEC1 TLUR6400 V1N4565 IN74ACT MD100 MAX3902D BUZ110S ENABLE
Product Description
Full Text Search
 

To Download SG-257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photointerrupters(Transmissive)
K DNH OESI
SG-257
DIMENSIONS
The SG(c)257 photointerrupter high(c)performance standard type,combines high(c)output GaAs IRED with high sensitive phototransistor.
(Unit : mm)
FEATURES
UPWB direct mount type UGAP 0mm 3. U nap S (c)in mount UHorizontal slit UConvenient for vertical lever operation
APPLICATIONS
U ouses M URotary encoders U acsimiles F U canners S
MAXIMUM RATINGS
Item
Power dissipation Forward current Input Reverse voltage *1 Pulse forward current Collector power dissipation Collector current Output C-E voltage E-C voltage *2 Operating temp. *2 Storage temp. *3 Soldering temp.
(Ta=2...) 5
Symbol
PD F I VR F IP PC C I VCEO VECO Topr. Tstg. Tsol.
Rating
75 50 5 1 75 20 30 5 -20~+85 -30~+85 260
Unit
mW mA V A mW mA V V ... ... ...
*1. pulse width UZ100 *I 10msec. sec.period T= *2. No icebound or dew *3. For MAX.5 seconds at the position of 1mm from the package
ELECTRO-OPTICAL CHARACTERISTICS
Item
Forward voltage Input Reverse current Peak wavelength Output Collector dark current Light current Transmission Leakage current C-E saturation voltage Rise time Fall time
(Ta=2...) 5
Symbol
VF R I *Ip C I EO c I C I EOD VCE(sat) tr tf
Conditions
Min.
Typ.
1.2 940 1 0.5 0.15 4 5
Max.
1.4 10 100 14 10 0.4
Unit.
V *IA nm nA mA *IA V *I ec. s *I ec. s
F= I 20mA VR=5V F I =20mA VCE=10V F=20mA,CE 5V,Non shading) 0.7 V = ( (c) I F=20mA,CE 5V, V (shading) = I F=20mA,C=0.3mA I I
I R 0 VCC=5V, C=2mA,L=10*y
- 1-
Photointerrupters(Transmissive)
SG-257
Collector power dissipation Vs. Ambient temperature
Forward current Vs. Forward voltage
Light current Vs. Forward current
Light current Vs. Collector-Emitter voltage
Relative light current Vs. Ambient temperature
Dark current Vs. Ambient temperature
Switching time Vs. Load resistance
Relative light current Vs. Moving distance
- 2-


▲Up To Search▲   

 
Price & Availability of SG-257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X