Part Number Hot Search : 
00ETTT X2816 HV9103P MAX16809 HT2813D A78L0 M199H PR1DJS
Product Description
Full Text Search
 

To Download SG-244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photointerrupters(Transmissive)
SG-244
DIMENSIONS
The SG(c)244 photointerrupter high(c)performance standard type,combines high(c)output GaAs IRED with high sensitive phototransistor.
(Unit : mm)
FEATURES
UPWB direct mount type UGAP 5mm 3. U oubl(c)sided screw(c) nt D e mou USlit 0.3mm UWith adjustable mounting position
APPLICATIONS
U rinters P U lotters P U obots R UAuto stampers
MAXIMUM RATINGS
Item
Power dissipation Forward current Input Reverse voltage *1 Pulse forward current Collector power dissipation Collector current Output C-E voltage E-C voltage *2 Operating temp. *2 Storage temp. *3 Soldering temp.
(Ta=2...) 5
Symbol
PD F I VR F IP PC C I VCEO VECO Topr. Tstg. Tsol.
Rating
100 60 5 1 100 40 30 5 -20~+85 -30~+85 260
Unit
mW mA V A mW mA V V ... ... ...
*1. pulse width UZ100 *I 10msec. sec.period T= *2. No icebound or dew *3. For MAX.5 seconds at the position of 1mm from the package
ELECTRO-OPTICAL CHARACTERISTICS
Item
Forward voltage Input Reverse current Peak wavelength Output Collector dark current Light current Transmission Leakage current C-E saturation voltage Rise time Fall time
(Ta=2...) 5
Symbol
VF R I *Ip C I EO c I C I EOD VCE(sat) tr tf
Conditions
Min.
Typ.
1.2 940 1 0.5 0.15 4 5
Max.
1.4 10 100 2 10 0.4
Unit.
V *IA nm nA mA *IA V *I ec. s *I ec. s
F= I 20mA VR=5V F I =20mA VCE=10V F=20mA,CE 5V,Non shading) 0.2 V = ( (c) I F=20mA,CE 5V, V (shading) = I F=20mA,C=0.1mA I I
I R * VCC=5V, C=2mA,L=100 y
- 1-
Photo interrupters(Transmissive)
SG-244
Collector power dissipation Vs. Ambient temperature
Forward current Vs. Forward voltage
Light current Vs. Forward current
Light current Vs. Collector-Emitter voltage
Relative light current Vs. Ambient temperature
Dark current Vs. Ambient temperature
Switching time Vs. Load resistance
Relative light current Vs. Moving distance
- 2-


▲Up To Search▲   

 
Price & Availability of SG-244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X