Part Number Hot Search : 
VA2ASG 2101A P6KE150A ENL9654 PL001 G2002 2SB1604 TMS77C82
Product Description
Full Text Search
 

To Download SG-103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photointerrupters(Reflective)
SG-103
DIMENSIONS
The SG-103 reflective sensor for paper sensing combine high-output GaAs IRED with high sensitivity phototransistor. It is most applicable to paper sensor.
(Unit : mm)
FEATURES
UHigh performance UHigh-speed response UDust proof
APPLICATIONS
U opiers C U acsimiles F UEdge sensors
MAXIMUM RATINGS
Item
Power dissipation Reverse voltage Input Forward current *1 Pulse forward current Collector power dissipation Collector current Output C-E voltage E-C voltage Operating temp. Storage temp. *2 Soldering temp.
(Ta=2...) 5
Symbol
PD VR F I F IP PC C I VCEO VECO Topr. Tstg Tsol.
Rating
100 5 60 1 100 40 30 5 -20~+85 -30~+85 240
Unit
mW V mA A mW mA V V ... ... ...
*1UZ100 *I . sec.period 10msec. T= *2. For MAX. 5 seconds at the position of 2mm from the package
ELECTRO-OPTICAL CHARACTERISTICS
Item
Input Forward voltage Reverse current Capacitance Peak wavelength Collector dark current
(Ta=2...) 5
Symbol
VF R I Ct *Ip C I EO L I C I EOD tr tf
Conditions
F= I 30mA VR=5V V=0V, f=1KHz
Min.
Typ.
1.2 25 940
Max.
1.5 10 0.1 10
Unit.
V *IA pF nm *IA *IA *IA *I ec. s *I ec. s
Output Ligh current Leakage current Switching Rise time speeds Fall time
VCE=10V I VCE=5V, F=20mA I VCE=5V, F=20mA I *I VCC=5V, C=100 A *y RL=1K
100 30 30
- 1-
Photointerrupters(Reflective)
SG-103
Collector power dissipation Vs. Ambient temperature
Forward current Vs. Forward voltage
Light current Vs. Forward current
Light current Vs. Collector-Emitter voltage
Relative light current Vs. Ambient temperature
Dark current Vs. Ambient temperature
Switching time Vs. Load resistance
- 2-


▲Up To Search▲   

 
Price & Availability of SG-103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X