|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SFT5666/39 SOLID STATE DEVICES, INC. 14830 Valley View Avenue * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 DESIGNER'S DATA SHEET FEATURES: * * * * * * * * High Performance replacement for 2N5666 Radiation Tolerant Faster Switching, t(on)< 150ns Higher Frequency, ft > 30MHz Higher gain, 40 @ 5A Lower Saturation Voltage, 1.5v @ 5A 200oC Operating, Gold Eutectic Die Attach PNP Compliment available - contact the factory 5 AMP 180 VOLTS HIGH SPEED NPN TRANSISTOR TO-39 MAXIMUM RATINGS Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Base Current Total Device Dissipation @ TC=100oC Operating and Storage Temperature Thermal Resistance, Junction to Case ELECTRICAL CHARACTERISTICS Collector-Emitter Breakdown Voltage (IC =30mADC) Collector-Base Breakdown Voltage (IC =200uADC) Emitter-Base Breakdown Voltage (IE =200uADC) Collector Cutoff Current (VCB =180VDC) Collector Cutoff Current (VCE =120VDC) NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. SYMBOL VCEO VCBO VEBO IC IB PD TJ, TSTG R0JC SYMBOL BVCEO BVCBO BVEBO ICBO ICEO VALUE 180 200 6 5 1 15 -65 to +200 20 MIN 180 200 6 MAX 2 10 UNITS Volts Volts Volts Amps Amps W o C o C/W UNITS V V V A A DATA SHEET #: TR0027A SFT5666/39 SOLID STATE DEVICES, INC. ELECTRICAL CHARACTERISTICS Emitter Cutoff Current (VEB =6VDC) DC Current Gain * (IC =0.5ADC , VCE =2VDC) (IC =1.0ADC , VCE =5VDC) (IC =2.0ADC , VCE =5VDC) (IC =3.0ADC , VCE =5VDC) (IC =5.0ADC , VCE =5VDC) Collector-Emitter Saturation Voltage * 5A 5V Mins (IC =3.0ADC , IB =300mADC) (IC =5.0ADC , IB = 1A) Base-Emitter Voltage * (IC =5.0ADC , IBC =3A, IB = .3A) (IB = 1A) Current Gain Bandwidth Product (IC =.5ADC , VCE =10VDC, f =10MHz) Output Capacitance (VCB=30VDC , IE =0ADC, f =1.0MHz) (VCC =30VDC , IC =1.0ADC, Turn On Time VEB(OFF)=3.7VDC, IB1=IB2=50mADC) Turn Off Time *Pulse Test: Pulse Width = 300us, Duty Cycle = 2% 14830 Valley View Avenue * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 SYMBOL IEBO MIN 40 40 40 40 30 MAX 1 UNITS A HFE 250 VCE(SAT) 0.40 1.5 VDC VDC MHz pf VBE (SAT) ft Cob t(on) t(off) 30 - 1.2 1.5 120 150 ns ns 1500 CASE OUTLINE: TO-39 * *Collector Hot to Case |
Price & Availability of SFT5666-39 |