Part Number Hot Search : 
133AX SMBJ5 SWT30 WM876211 VC5700 SAA73 SBM81314 9LV640D
Product Description
Full Text Search
 

To Download SFT5333A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLID STATE DEVICES, INC.
14830 Valley View Avenue * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773
SFT5333A
2 AMP 100 VOLTS HIGH SPEED PNP TRANSISTOR
TO-5
DESIGNER'S DATA SHEET
FEATURES:
* * * * * * * Radiation Tolerant Fast Switching, 150ns MAX t(on) High Frequency, fT 85MHz MIN. BVCEO 70Volts MIN. Low Saturation Voltage. 200oC Operating, Gold Eutectic Die Attach. Designed for Complementary Use with SFT4300A. MAXIMUM RATINGS Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Base Current Total Device Dissipation @ TC=100oC Derate above 100oC Operating and Storage Temperature Thermal Resistance, Junction to Case ELECTRICAL CHARACTERISTICS Collector-Emitter Breakdown Voltage (I C =30mA DC ) Collector-Base Breakdown Voltage (I C =200uADC ) Emitter-Base Breakdown Voltage (I E =200uADC ) Collector Cutoff Current (VCB =90VDC, TC=25oC) (VCB =90VDC, TC=100oC) Collector Cutoff Current (VCE =40VDC )
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
SYMBOL VCEO VCBO VEBO IC IB PD TJ, TSTG RJC SYMBOL BVCEO BVCBO BVEBO ICBO ICEO
VALUE 70 100 6 2 1 15 150 -65 to +200 6.6 MIN 70 100 6 MAX 1 75 5
UNITS Volts Volts Volts Amps Amps W mW/oC
o
C
o
C/W
UNITS V V V A A A
DATA SHEET #: TR0054B
SFT5333A
ELECTRICAL CHARACTERISTICS
Emitter Cutoff Current (VEB =6VDC) DC Current Gain * (I C =1.0ADC , VCE =5VDC ) (I C =2.0ADC , VCE =5VDC ) Collector-Emitter Saturation Voltage * (I C =1.0ADC , I B =100mA DC ) (I C =2.0ADC , I B =200mA DC ) Base-Emitter Voltage * (I C =2.0ADC , VCE =4VDC ) Current Gain Bandwidth Product (I C =1.0ADC , VCE =10VDC, f =10MHz) Output Capacitance (VCB =30VDC , I E =0ADC, f =1.0MHz) Input Capacitance (VBE =6VDC , I C =0ADC, f =1.0MHz) Turn On Time Turn Off Time (VCC =20VDC , IC =1.0ADC , VEB(OFF)=3.7VDC , I B1 =I B2 =100mA DC , R L =20 Ohms)
SOLID STATE DEVICES, INC.
SYMBOL
IEBO HFE VCE(SAT) VBE (ON) fT Cob Cib t(on) t(off)
14830 Valley View Avenue * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773
MIN 40 40
MAX
1
UNITS
A
250 0.45 1.0
VDC VDC MHz pf pf
85 -
1.5
-
75 300 150 450
ns ns
*Pulse Test: Pulse Width = 300us, Duty Cycle = 2%
CASE OUTLINE: TO-5
PIN 1: EMITTER PIN 2: BASE PIN 3: COLLECTOR


▲Up To Search▲   

 
Price & Availability of SFT5333A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X