Part Number Hot Search : 
DA101 PD78044F 80C32 0M100 0M100 MCR100 MCR100 MCR100
Product Description
Full Text Search
 

To Download SFT5004JUB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLID STATE DEVICES, INC.
14701 Firestone Blvd. * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SFT5002/SFT5004 SERIES
10 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
FEATURES * BVCEO 120V min. * Fast Switching * High Frequency * High Linear Gain, Low Saturation Voltage. * Radiation Tolerant * 200oC Operating, Gold Eutectic Die Attach. * High Current, High Voltage Version of 2N5002 and 2N5004 SYMBOL
V CBO VCEO V EBO IC IB TJ, TSTG PD R JC TO-59 (/59)
DESIGNER'S DATA SHEET
Part Number /Ordering Information
SFT5002 J UB TX SFT5004 J UB TX Screening 2/: _ = Not Screened
TX = TX Level TXV = TXV Level S = Space Level 3/ _ = Straight Lead Bend: UB = Up Bend DB = Down Bend Package: 3/ J = TO-257 /59 = TO-59
1/
MAXIMUM RATINGS
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Base Current Operating and Storage Temperature Total Device Dissipation @ TC # 25oC Derate above 25oC Thermal Resistance, Junction to Case Available Part Numbers:
SFT5002/59 SFT5002J SFT5002JUB SFT5002JDB SFT5004/59 SFT5004J SFT5004JUB SFT5004JDB
VALUE
150 120 6.0 10 2 -65 to +200 50 0.33 3.0 TO-257 (J)
UNITS
Volts Volts Volts Amps Amps
o
C
W W/oC
o
C/W
1 3 2
PIN ASSIGNMENT CODE FUNCTION Normal PIN 1 PIN 2 PIN 3 Base Collector Emitter
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0020C
SFT5002/SFT5004 SERIES
SOLID STATE DEVICES, INC.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
ELECTRICAL CHARACTERISTICS 4/
Collector-Emitter Breakdown Voltage (IC = 100mA) Collector-Base Sustaining Voltage (IC = 200A) Emitter-Base Sustaining Voltage (IE = 200A) Collector Cutoff Current (VCE = 60VDC , VBE = 2VDC , TC = 150oC) (VCE = 40VDC) Collector Cutoff Current Emitter Cutoff Current DC Current Gain* (SFT5002) (SFT5004) VCE = 60VDC VCE = 100VDC VEB = 5VDC VEB = 6VDC IC = 50mADC, VCE = 5VDC IC = 2.5ADC, VCE = 5VDC IC = 5.0ADC, VCE = 5VDC IC = 10ADC, VCE = 5VDC IC = 50mADC, VCE = 5VDC IC = 2.5ADC, VCE = 5VDC IC = 5.0ADC, VCE = 5VDC IC = 10ADC, VCE = 5VDC IC = 2.5ADC, IB = 250mADC IC = 5.0ADC, IB = 500mADC IC = 2.5ADC, IB = 250mADC IC = 5.0ADC, IB = 500mADC SFT5002 SFT5004
SYMBOL
BVCEO BVCBO BVEBO ICEV ICEO ICES I EBO
MIN
120 150 6 20 30 20 15 50 70 40 22 60 70 -
MAX
500 50 1.0 1.0 1.0 1.0
UNITS
VDC VDC VDC A DC A DC A DC mA DC A DC mA DC
150
HFE
200
Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage *
VCE(SAT) VBE(SAT) fT Cob ton toff
0.75 1.5 1.45 2.2 250 500 1.3
VDC VDC MHz pF
Current Gain Bandwidth Product (IC = 500mADC , VCE = 5VDC, f = 10MHz) Output Capacitance (VCB = 10VDC , IE = 0, f = 1MHz) On Time Off Time
NOTES: 1/ 2/ 3/ 4/ *
VCC = 30VDC , IB1 = IB1 = 500mADC, IC = 5ADC, VBE(off) = 3.7VDC, RL = 6 S
ns
s
Package Outline Part Number SFT5002/59 / SFT5004/59 SFT5002J / SFT5004J SFT5002JDB / SFT5004JDB SFT5002JUB / SFT5004JUB Document 60-0149-059 60-0149-504 60-0149-504 60-0149-504
For Ordering Information, Price, and Availability Contact Factory. Screening per MIL-PRF-19500. For Package Outlines Contact Factory. TC = 25oC, Unless Otherwise Specified. Pulse Test: Pulse Width = 300us, Duty Cycle = 2%


▲Up To Search▲   

 
Price & Availability of SFT5004JUB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X