Part Number Hot Search : 
CAT511 05E21 P200A YG865C10 G4496SS CSTCE20M C4053W NR20D20
Product Description
Full Text Search
 

To Download SFF80N10Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SFF80N10M SFF80N10Z
55 AMP (note 1) /100 Volts 12 mO N-Channel Trench Gate MOSFET
Features:
* * * * * * * * * Trench gate technology for high cell density Lowest ON-resistance in the industry Enhanced operating temperature range Hermetically Sealed, Isolated Power Package Low Total Gate Charge Fast Switching Enhanced replacement for IRM150 TX, TXV, S-Level screening available Improved (RDS(ON) QG) figure of merit
DESIGNER'S DATA SHEET
TO-254, TO254Z Note 1: maximum current limited by package configuration
TO-254 (SFF85N10M)
TO-254Z (SFF85N10Z)
Maximum Ratings Drain - Source Voltage Gate - Source Voltage Max. Continuous Drain Current (package limited) Max. Instantaneous Drain Current (Tj limited) Max. Avalanche current Repetitive Avalanche Energy Total Power Dissipation Operating & Storage Temperature Maximum Thermal Resistance Junction to Case @ TC = 25C @ TC = 125C @ TC = 25C @ TC = 125C @ L= 0.1 mH @ L= 0.1 mH @ TC = 25C
Symbol VDSS VGS ID1 ID2 ID3 ID4 IAR EAR PD TOP & TSTG R0JC
Value 100 20 55 (note 1) 55 (note 1) 110 70 75 280 250 -55 to +200 0.7 (typ 0.55)
Units V V A A A mJ W C C/W
TO-TO-254
PIN 3 PIN 2
PIN 3
PIN 1
PIN 2 PIN 1
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0019A
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SFF80N10M SFF80N10Z
Symbol
VGS = 0V, ID = 250A VGS = 10V, ID = 30A, Tj= 25oC VGS = 10V, ID = 30A, Tj=125oC VGS = 10V, ID = 30A, Tj= 200oC VGS = 10V, ID = 85A, Tj= 25oC VDS = VGS, ID = 250A VGS = 20V VDS = 80V, VGS = 0V, Tj = 25oC VDS = 80V, VGS = 0V, Tj = 125oC VDS = 80V, VGS = 0V, Tj = 200oC VDS = 15V, ID = 30A, Tj = 25oC VGS = 10V VDS = 50V ID = 85A VGS = 10V VDS = 50V ID = 85A RG = 2.5O IF = 50A, VGS = 0V IF = 50A, di/dt = 100A/usec VGS = 0V VDS = 25V f = 1 MHz BVDSS
Electrical Characteristics 4/
Drain to Source Breakdown Voltage
Min
100 -- -- -- -- 2.0 -- -- -- 23 -- -- -- -- -- -- -- -- -- -- -- --
Typ Max
-- 9.5 16 22 10 -- -- -- -- -- 140 40 40 25 115 75 110 1.0 70 5.5 0.2 8700 750 450 -- 12.0 -- -- -- 4.0 100 1 50 10 -- 220 -- -- 35 185 110 160 1.5 150 10 0.35 -- -- --
Units
V
Drain to Source On State Resistance
RDS(on)
mO
Gate Threshold Voltage Gate to Source Leakage Zero Gate Voltage Drain Current Forward Transconductance Total Gate Charge Gate to Source Charge Gate to Drain Charge Turn on Delay Time Rise Time Turn off Delay Time Fall Time Diode Forward Voltage Diode Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance
VGS(th) IGSS IDSS gfs Qg Q gs Q gd td(on) tr td(off) tf VSD trr IRM(rec) Qrr Ciss Coss Crss
V nA A A mA Mho nC
nsec
V nsec A C pF
NOTES: * Pulse Test: Pulse Width = 300sec, Duty Cycle = 2%. 1/ For Ordering Information, Price, and Availability Contact Factory. 2/ Screening per MIL-PRF-19500. 3/ For Package Outlines Contact Factory. 4/ Unless Otherwise Specified, All Electrical Characteristics @25oC.
Available Part Numbers:
Consult Factory
PIN ASSIGNMENT (Standard) Package Drain Source Gate Pin 1 Pin 2 Pin 3 TO254 Pin 1 Pin 2 Pin 3 TO254Z
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0019A
DOC


▲Up To Search▲   

 
Price & Availability of SFF80N10Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X