Part Number Hot Search : 
P1N60 4N26SM LC4064 26100 HER806FT CWD4890E C4430 SMB2EZ91
Product Description
Full Text Search
 

To Download SFF75N08Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SFF75N08M SFF75N08Z
55 AMP (note 1) /75 Volts 8.5 mO N-Channel Trench Gate MOSFET
Features:
* * * * * * * * * Trench gate technology for high cell density Lowest ON-resistance in the industry Enhanced operating temperature range Hermetically Sealed, Isolated Package Low Total Gate Charge Fast Switching Enhanced replacement for IRF7MS2907 TX, TXV, S-Level screening available Improved (RDS(ON) QG) figure of merit
DESIGNER'S DATA SHEET
TO-254 and TO-254Z Note 1: maximum current limited by package configuration
Maximum Ratings
Drain - Source Voltage Gate - Source Voltage Max. Continuous Drain Current (package limited) Max. Instantaneous Drain Current (Tj limited) Max. Avalanche current Repetitive Avalanche Energy Total Power Dissipation Operating & Storage Temperature Maximum Thermal Resistance (Junction to Case)
TO-254 (M) TO-254Z (Z)
Symbol
VDSS VGS @ TC = 25C @ TC = 125C @ TC = 25C @ TC = 125C @ L= 0.1 mH @ L= 0.1 mH @ TC = 25C ID1 ID2 ID3 ID4 IAR EAR PD TOP & TSTG R0JC
Value
75 20 55 (note 1) 55 (note 1) 175 75 75 280 210 -55 to +175 0.7 (typ 0.55)
Units
V V A A A mJ W C C/W
PIN 3
PIN 3
PIN 2
PIN 2
PIN 1
PIN 1
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0021A
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com 4/
SFF75N08M SFF75N08Z
Symbol
VGS = 0V, ID = 250A VGS = 10V, ID = 30A, Tj= 25oC VGS = 10V, ID = 30A, Tj=125oC VGS = 10V, ID = 30A, Tj= 175oC VDS = VGS, ID = 250A VGS = 20V VDS = 60V, VGS = 0V, Tj = 25oC VDS = 60V, VGS = 0V, Tj = 125oC VDS = 60V, VGS = 0V, Tj = 200oC VDS = 15V, ID = 30A, Tj = 25oC VGS = 10V VDS = 35V ID = 110A VGS = 10V VDS = 35V ID = 110A RG = 2.5O IF = 110A, VGS = 0V IF = 100A, di/dt = 100A/usec VGS = 0V VDS = 25V f = 1 MHz BVDSS RDS(on) VGS(th) IGSS IDSS gfs Qg Q gs Q gd td(on) tr td(off) tf VSD trr IRM(rec) Qrr Ciss Coss Crss
Electrical Characteristics
Min
75 -- -- -- 2.0 -- -- -- 25 -- -- -- -- -- -- -- -- -- -- -- --
Typ Max Units
-- 7.5 10.0 12.5 -- -- -- -- -- 150 35 50 25 210 70 170 1.1 85 4.5 0.16 8000 1000 600 -- 8.5 -- -- 4.0 100 1 50 10 -- 220 -- -- 50 300 125 275 1.5 135 7.5 0.35 -- -- -- V mO V nA A A mA Mho nC
Drain to Source Breakdown Voltage Drain to Source On State Resistance Gate Threshold Voltage Gate to Source Leakage Zero Gate Voltage Drain Current Forward Transconductance Total Gate Charge Gate to Source Charge Gate to Drain Charge Turn on Delay Time Rise Time Turn off Delay Time Fall Time Diode Forward Voltage Diode Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance
nsec
V nsec A C pF
NOTES: * Pulse Test: Pulse Width = 300sec, Duty Cycle = 2%. 1/ For Ordering Information, Price, and Availability Contact Factory. 2/ Screening per MIL-PRF-19500. 3/ For Package Outlines Contact Factory. 4/ Unless Otherwise Specified, All Electrical Characteristics @25oC.
Available Part Numbers:
Consult Factory
PIN ASSIGNMENT (Standard) Package Drain Source Gate Pin 1 Pin 2 Pin 3 TO-254 (M) Pin 1 Pin 2 Pin 3 TO-254Z (Z)
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0021A
DOC


▲Up To Search▲   

 
Price & Availability of SFF75N08Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X