Part Number Hot Search : 
0103M JCS1N60C LBN7053 CBC3225T MLSEP12 P22A1 HA1743 35071
Product Description
Full Text Search
 

To Download SFF2005G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFF2004G THRU SFF2005G
Isolation 20.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range 200 to 300 Volts Current 20.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
ITO-220AB
.1 34 (3 .4) D IA .11 3 ( 3 .0 )D I A .112 (2 .85 ) .10 0 ( 2 .5 5)
. 2 72 ( 6 .9 ) . 2 48 ( 6 .3 )
. 6 06 (1 5. 5) . 5 83 (1 4. 8)
Mechanical Data
Cases: ITO-220AB Molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Leads solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260oC/10 seconds .16",(4.06mm) from case. Weight: 2.24 grams
. 11 0 (2 .8 ) .09 8 ( 2 . 5 )
. 5 43 (1 3. 8) . 5 12 (1 3. 2)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol Type Number SFF2004G
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC = 100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 10.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range
SFF2005G
300 210 300 20.0 180
VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj RJC TJ TSTG
200 140 200
Units V V V A A
0.975 10 400 35 90 2.5 -65 to +150 -65 to +150
1.30
V uA uA nS pF /W
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Thermal Resistance from Junction to Case Mounted on Heatsink.
- 290 -
RATINGS AND CHARACTERISTIC CURVES (SFF2004G THRU SFF2005G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
20
INSTANTANEOUS REVERSE CURRENT. ( A)
16 12 8 4 0 0 50 CASE TEMPERATURE. ( C)
o
100
10
TJ=100 0C
100
150
TJ=75 0C
PEAK FORWARD SURGE CURRENT. (A)
250
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
1
TJ=25 0C
200 150 100 50
TJ=125 0C
0.1
8.3ms Single Half Sine Wave JEDEC Method
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL FORWARD CHARACTERISTICS PER LEG
100
INSTANTANEOUS FORWARD CURRENT. (A)
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
30 10
F SF
20
04
G
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
100 90
CAPACITANCE.(pF)
Tj=25 C
0
3 1
SF
F2
00
5G
80 70 60 50 40 1 2 5 10 20 50 100 200 500 1000
0.3 0.1
Tj=25oC Pulse Width=300 s 1% Duty Cycle
0.03 0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
REVERSE VOLTAGE. (V)
FORWARD VOLTAGE. (V)
- 291 -


▲Up To Search▲   

 
Price & Availability of SFF2005G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X