Part Number Hot Search : 
5611A FQP6N50 MC145 HY5V22GF 1N6281 IP9004 B1100 KS11R2CD
Product Description
Full Text Search
 

To Download SFAF1008G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFAF1001G THRU SFAF1008G
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range 50 to 600 Volts Current 10.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
.124(3.16) .118(3.00)
ITO-220AC
.185(4.7) .173(4.4)
.406(10.3) .390(9.90) .13 4(3. 4)D IA . 11 3(3. 0)D IA . 112 (2. 85) . 100 (2.5 5)
.2 72( 6. 9) .2 48( 6. 3)
. 606(1 5.5 ) . 583(1 4.8 )
Mechanical Data
Cases: ITO-220AC molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MILSTD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260oC/10 seconds/.16",(4.06mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 2.24 grams
.110( 2.8) .0 98(2 .5)
.0 63 (1 .6 ) MA X
.161(4.1) .146(3.7)
. 071 (1. 8) MA X
. 543( 13. 8) . 512( 13. 2)
2
. 10 0( 2 . 55)
. 100 (2.5 5)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SFAF SFAF SFAF SFAF Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC = 100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 10.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Maximum Reverse Recovery Time (Note1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range
SFAF SFAF SFAF SFAF 1001G 1002G 1003G 1004G 1005G 1006G 1007G 1008G
Units V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj RJC TJ
50 35 50
100 150 200 300 400 500 600 70 105 140 210 280 350 420 100 150 200 300 400 500 600 10.0 150 0.975 10 400 35 170 4 -65 to +150 140 1.3 1.7
V uA uA nS pF /W
TSTG -65 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mounted on Heatsink. Size (2" x 3" x 0.25") Al-plate.
- 270 -
RATINGS AND CHARACTERISTIC CURVES (SFAF1001G THRU SFAF1008G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
10
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
8
INSTANTANEOUS REVERSE CURRENT. ( A)
6
100
TJ=100 0C
4
TJ=75 0C
2
0
10
0
50
100
o
150
CASE TEMPERATURE. ( C)
PEAK FORWARD SURGE CURRENT. (A)
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
250
Tj=25 0C
1
TJ=25 0C
200
8.3ms Single Half Sine Wave JEDEC Method
0.1
0
20
40
60
80
100
120
140
150 100 50
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT. (A)
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
30 10
SF AF 10 01 G~ SF AF 10 04 G
G F FA ~S 10
06
G
FIG.5- TYPICAL JUNCTION CAPACITANCE
300
Tj=25 0C
AF SF
10
05
3 1
250
AF SF
10
07
G
F FA ~S
10
08
G
CAPACITANCE.(pF)
200
SF AF
0.3 0.1
150 100 50 0
SF AF 1 00
10
01
G~
SF AF
5G ~S FA F1 0
10
04
G
0.03 0.01 0.4
08
G
Tj=25oC Pulse Width=300 s 1% Duty Cycle
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
2
5
10
20
50
100
200
500
1000
FORWARD VOLTAGE. (V)
REVERSE VOLTAGE. (V)
- 271-


▲Up To Search▲   

 
Price & Availability of SFAF1008G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X