Part Number Hot Search : 
XXXGX N800206 2PC945K ECT400 AU5783 RB480Y1 S5778A DIP24
Product Description
Full Text Search
 

To Download SF68G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF61G THRU SF68G
6.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range 50 to 600 Volts Current 6.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
DO-201AD
Mechanical Data
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260oC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Mounting position: Any Weight: 1.2 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SF SF SF SF Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @TA = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 6.0A Maximum DC Reverse Current @ T A=25 at Rated DC Blocking Voltage @ TA=125 Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance
SF SF SF SF Units 61G 62G 63G 64G 65G 66G 67G 68G
VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj RJA RJL TJ
50 100 150 200 300 400 500 600 35 70 105 140 210 280 350 420 50 100 150 200 300 400 500 600 6.0 150 0.975 5.0 100 35 100 50 1.3 1.7
V V V A A V uA uA nS pF /W
40 5.0 Operating Temperature Range -65 to +150 Storage Temperature Range TSTG -65 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mount on Cu-Pad Size 16mm x 16mm on PCB.
- 256 -
RATINGS AND CHARACTERISTIC CURVES (SF61G THRU SF68G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
trr +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A
AVERAGE FORWARD CURRENT. (A)
50W NONINDUCTIVE
10W NONINDUCTIVE
FIG.2- MAXIMUM AVERAGE FORWARD CURRENT DERATING
6.0 5.0 4.0 3.0 2.0 1.0 0 0 25 50 75 100 125 150 175
o
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
FIG.4- TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS REVERSE CURRENT. ( A)
100
Tj=125 0C
INSTANTANEOUS FORWARD CURRENT. (A)
10
Tj=75 C 10
0
1
1 Tj=25 0C
0.1
0.1
SF 61 G~ SF SF 64 G 65 G~ SF SF 66 67 G G ~S F6 8G
Tj=25oC Pulse Width=300 s 1% Duty Cycle
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.01 0.4
0.6
0.8 1.0 1.2 1.4 FORWARD VOLTAGE. (V)
1.6
1.8
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
175 180
FIG.6- TYPICAL JUNCTION CAPACITANCE
PEAK FORWARD SURGE CURRENT. (A)
150 125 100 75 50 25 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
160 8.3ms Single Half Sine Wave JEDEC Method
JUNCTION CAPACITANCE.(pF)
Tj=25 0C 140 120 100 80 60 40 0.1 0.5 1 2 5 10 20 50 100 200 500 1000 REVERSE VOLTAGE. (V)
SF
61
G~
SF
SF
64
G
65
G~
SF
68
G
- 257 -


▲Up To Search▲   

 
Price & Availability of SF68G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X