Part Number Hot Search : 
DD128F FGA30N60 101111FH GL390 T120WCIB 0202MN2 E001700 7C106
Product Description
Full Text Search
 

To Download SF20C06CF-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Glass Passivated Super Fast Recovery Rectifier
SF20C01CF-G THRU SF20C06CF-G
Voltage Range 50 to 600 V Current 20.0 Ampere Features Fast switching for high efficiency Low forward voltage drop High current capability Low reverse leakage current High surge current capability Mechanical Data Case: Molded plastic ITO-220AB Epoxy: UL 94V-0 rate flame retardant Terminals: Solderable per MIL-STD-202 method 208 Polarity:Color band denotes cathode Mounting position: Any Weight: 1.81 grams ITO-220AB
.113(2.87) .103(2.62) .185(4.70) .175(4.44) .412(10.5) MAX DIA .140(3.56) .130(3.30) 1.25(3.18) 1.15(2.92)
.594(15.1) .587(14.9) PIN 123 .16(4.06) .14(3.56) .56(14.22) .53(13.46) .037(0.94) .027(0.68) 1 3 case 2 .105(2.67) .095(2.41) .025(0.64) .014(0.35) .27(6.86) .23(5.84)
.11(2.79) .10(2.54)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SF SF SF SF SF SF SYMBOL 20C01CF 20C02CF 20C03CF 20C04CF 20C05CF 20C06CF UNIT -G -G -G -G -G -G Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TC=125 C Peak Forward Surge Current, 8.3ms single Half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 10.0 A Maximum DC Reverse Current @TJ=25 C At Rated DC Blocking Voltage @TJ=125 C Maximum Reverse Recovery Time (Note 1) Typical junction Capacitance (Note 2)
Operating Junction and Storage Temperature Range
o o o
VRRM VRMS VDC IF(AV)
50 35 50
100 70 100
200 140 200 20.0
300 210 300
400 280 400
600 420 600
V V V A
IFSM
200
175
A
VF
0.975 10.0 250 35 120
-55 to +150
1.3
1.5
V uA uA
IR Trr CJ
TJ, TSTG
50 70
nS pF
o
C
NOTES : (1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A. (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC. (3) Thermal Resistance junction to case.
COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921
Glass Passivated Super Fast Recovery Rectifier
RATINGS AND CHARACTERISTIC CURVES SF20C01CF-G THRU SF20C06CF-G
FIG.1 - FORWARD CURRENT DERATING CURVE
20 200
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT, AMPERES
Pulse Width 8.3ms Single Half-Sire-Wave (JEDEC Method)
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
16
175 150 125 100 75 50 25 0
10
8
6
4 60 Hz Resistive or Inductive load 0 0 50 100
o
150
1
10
100
CASE TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, AMPERES
10 SF20C01C-G-SF20C03C-G
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
100
TJ=125 C
o
1.0
SF20C04C-G-SF20C05C-G
SF20C06C-G
10 TJ=25 C 1
o
0.1
0.01 0.2 0.4 0.6 0.8
TJ=25 C PULSE WIDTH=300uS 1% DUTY CYCLE 1.0 1.2 1.4 1.6
o
0.1 0 20 40 60 80 100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
JUNCTION CAPACITANCE, pF
TJ = 25 C f = 1.0 MHZ Vsig = 50mVp-p
o
100
10 0.1 1.0 4.0 10 100
REVERSE VOLTAGE, VOLTS
COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921


▲Up To Search▲   

 
Price & Availability of SF20C06CF-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X