Part Number Hot Search : 
CI9050 N5245B MAX83410 25X25 P6KE82 MIC2130 TM1130P CY2077SI
Product Description
Full Text Search
 

To Download SF2006G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF2004G THRU SF2006G
20.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range 200 to 400 Volts Current 20.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
TO-220
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C/10 seconds .16",(4.06mm) from case. Weight: 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol Type Number SF2004G
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC = 100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 10.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100
SF2006G
400 280 400 20.0 125
VRRM VRMS VDC I(AV) IFSM VF IR
200 140 200
Units V V V A A
0.975
1.35
V
5.0 uA 400 uA Trr 35 nS Maximum Reverse Recovery Time (Note 1) Cj 80 pF Typical Junction Capacitance (Note 2) 2.5 /W Typical Thermal Resistance (Note 3) RJC TJ -65 to +150 Operating Temperature Range TSTG -65 to +150 Storage Temperature Range Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Thermal Resistance from Junction to Case Mounted on Heatsink. Size of 3" x 5" x 0.25" Al-Plate.
- 288 -
RATINGS AND CHARACTERISTIC CURVES (SF2004G THRU SF2006G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
20
INSTANTANEOUS REVERSE CURRENT. ( A)
16 12 8 4 0 0 50 100
o
100
10
TJ=100 0C
150
CASE TEMPERATURE. ( C)
TJ=75 0C
PEAK FORWARD SURGE CURRENT. (A)
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
150
1
TJ=25 0C
120 90 60 30
TJ=125 0C
0.1
8.3ms Single Half Sine Wave JEDEC Method
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL FORWARD CHARACTERISTICS PER LEG
100
INSTANTANEOUS FORWARD CURRENT. (A)
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
30 10
04
CAPACITANCE.(pF)
Tj=25 0C
80 70 60 50 40 1 2 5 10 20 50 100 200 500 1000 REVERSE VOLTAGE. (V)
0.3 0.1
Tj=25oC Pulse Width=300 s 1% Duty Cycle
0.03 0.01 0.4 0.6 0.8 1.0
SF
90
1.0
20
SF
20
100
G
06
1.2
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
3.0
G
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
- 289 -


▲Up To Search▲   

 
Price & Availability of SF2006G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X