Part Number Hot Search : 
AD736 SD850 BFY56 MT90868 AD5399 BH3866AS 77432 ZTX314
Product Description
Full Text Search
 

To Download SF18S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF11S THRU SF18S
1.0 AMP. Super Fast Rectifiers
Voltage Range 50 to 600 Volts Current 1.0 Ampere
Features
Low forward voltage drop High current capability High reliability High surge current capability
A-405
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260oC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 0.22 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SF SF SF SF Type Number 11S 12S 13S 14S Maximum Recurrent Peak Reverse Voltage V RRM 50 100 150 200 Maximum RMS Voltage V RMS 35 70 105 140 Maximum DC Blocking Voltage V DC 50 100 150 200
Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @T A = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ T A=25 at Rated DC Blocking Voltage @ T A=100 Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3)
SF 15S 300 210 300
SF 16S 400 280 400
SF 17S 500 350 500
SF Units 18S 600 V 420 V 600 V A A
I(AV) IFSM VF IR Trr 0.95
1.0 30 1.3 5.0 100 35 1.7
V uA uA nS pF /W
Cj 30 15 100 RJA Operating Temperature Range TJ -65 to +125 Storage Temperature Range T STG -65 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C 3. Mount on Cu-Pad Size 5mm x 5mm on PCB.
- 224 -
RATINGS AND CHARACTERISTIC CURVES (SF11S THRU SF18S)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
trr +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A
AVERAGE FORWARD CURRENT. (A)
50W NONINDUCTIVE
10W NONINDUCTIVE
FIG.2- MAXIMUM AVERAGE FORWARD CURRENT DERATING
1.5 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
1.0
0.5
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
0 0 25 50 75 100 125 150 175
o
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
FIG.4- TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS REVERSE CURRENT. ( A)
Tj=100 0C 10
1
Tj=25 0C 1
0.1
SF 11 S~ SF 14 S
100
INSTANTANEOUS FORWARD CURRENT. (A)
10
6S F1 ~S S 8S 15 F1 SF ~S 7S F1 S
Tj=25oC Pulse Width=300 s 1% Duty Cycle
0.1
0
20
40
60
80
100
120
140
0.01 0.4
0.6
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.8 1.0 1.2 1.4 FORWARD VOLTAGE. (V)
1.6
1.8
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
35 140 120 100 80 60 40
FIG.6- TYPICAL JUNCTION CAPACITANCE
PEAK FORWARD SURGE CURRENT. (A)
25 20 15 10 5 0
8.3ms Single Half Sine Wave JEDEC Method
JUNCTION CAPACITANCE.(pF)
30
SF
11S
~S
SF1
F1
4S
5S~
SF1
8S
20
1
2
5
10
20
50
100
0.1
0.5
1
2
5
10
20
50
100 200
500 1000
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE. (V)
- 225 -


▲Up To Search▲   

 
Price & Availability of SF18S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X