Part Number Hot Search : 
2403S DTC114E S5T5820C HM965 CY7C6 HZU3CLL R2032 EL2227CS
Product Description
Full Text Search
 

To Download SF1115A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF1115A
* * * * * * Designed for GSM BTS Receiver IF Applications Compatible with National Semiconductor Chip Set Very Flexible Impedance Matching Unbalanced or Balanced Input or Output 9.1 x 7.1 mm Version of the SF1115A-1 Complies with Directive 2002/95/EC (RoHS)
199 MHz SAW Filter
Pb
Absolute Maximum Ratings
Rating Maximum Incident Power in Passband Max. DC voltage between any 2 terminals Storage Temperature Range Suitable for lead-free soldering - Max. Soldering Profile Value +15 30 -40 to +85 260C for 30 s Units dBm VDC C
SM9171-10
Electrical Characteristics
Characteristic Nominal Center Frequency Passband Insertion Loss at fc 1 db Passband Amplitude Ripple over fc100 kHz Group Delay Variation over fc 100 kHz Rejection Room Temperature fc+800 to fc+400 kHz Room Temperature fc-800 to fc-400 kHz fc-800 to fc-600 and fc+600 to fc+800 kHz fc-30 MHz to fc-800 kHz fc+800 kHz to fc+17 MHz fc-80 MHz to fc-30 MHz fc+17 Mhz to fc+80 MHz Operating Temperature Range Frequency Temperature Coefficient Impedance Matching to 50 Unbalanced Impedance Matching to 200 Balanced Impedance Matching to 50 Input / 400 Output Case Style Lid Symbolization (YY = year, WW = week) Notes: 1. Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance matching to 50 and measured with 50 network analyzer. 2. Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc. 3. Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external impedance matching design. See Application Note No. 42 for details. 4. The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The 5. 6. nominal frequency at any case temperature, Tc, may be calculated from: f=fo[1-FTC(To-Tc)2]. The design, manufacturing process, and specifications of this filter are subject to change. Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port 2, so that the filter must always be installed in one direction per the circuit design. US and international patents may apply. Electrostatic Sensitive Device. Observe precautions for handling. TA FTC 1 1 1, 2, 3 GDV 10 10 20 30 30 35 35 -35 0.032 External L-C External L-C External L-C SMP9171-10 9.1 x 7.1 mm Nominal Footprint RFM SF1115A YYWW +85 C ppm/C2 dB Sym fC IL BW1 1, 2 100 0.5 500 Notes 1 Min Typ 199.000 Max 7.0 Units MHz dB kHz dBP-P nsP-P
Electrical Connections
Connection Port 1 Hot Port 1 Gnd Return Port 2 Hot Port 2 Gnd Return Case Ground Terminals 10 1 5 6 All others
7. 8.
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com SF1115A-100605
Page 1 of 12
199 MHz
SAW Filter
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com SF1115A-100605
Page 2 of 12
199 MHz
SAW Filter
SM9171-10 Case
10-Terminal Ceramic Surface-Mount Case 9.1 x 7.1 mm Nominal Footprint
Case Dimensions Dimension A B C D E H P Min 8.86 6.88 mm Nom 9.09 7.11 1.91 0.99 0.79 1.0 2.54 Max 9.40 7.40 2.00 Min 0.349 0.271 Inches Nom 0.358 0.280 0.075 0.039 0.031 0.039 0.100 Max 0.370 0.291 0.079
Materials Solder Pad Termination Lid Body Pb Free Electrical Connections Connection Port 1 Port 2 Input or Return Return or Input Output or Return Return or Output Ground Single Ended Operation Differential Operation Terminals 6 5 1 10 All others Return is ground Return is hot Au plating 30 - 60 inches (76.2-152 m) over 80200 inches (203-508 m) Ni. Fe-Ni-Co Alloy Electroless Nickel Plate (8-11% Phosphorus) 100-200 inches Thick Al2O3 Ceramic
B
3 2
C H
2
P
3
4
1
1
4
5
10
A
E (10 Places)
10
5
6
9
9
6
(10 Places) D
7 8 8 7
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com SF1115A-100605
Page 3 of 12
199 MHz
SAW Filter
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com SF1115A-100605
Page 4 of 12
199 MHz
SAW Filter
SAW Matching Components
Reference Designator C1 C2 L1 L2 C3 C4 xfmr1 xfmr2 Value 4.7 pF 4.7 pF 270 nH 330 nH 18 pF 18 pF 1:4 4:1 Additional Information 0805 Presido 0.25pF 0805 Presido 0.25pF 1008 Coilcraft Q=65 @ 350MHz 10% 1008 Coilcraft Q=65 @ 350MHz 10% 0805 Presido 0.25pF 0805 Presido 0.25pF ADT 4-1UT, 300-600MHz ADT 4-1UT, 300-600MHz
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com SF1115A-100605
Page 5 of 12
199 MHz
SAW Filter
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com SF1115A-100605
Page 6 of 12
199 MHz
SAW Filter
COMPONENT ORIENTATION and DIMENSIONS
4.0 mm 0.1 1.5 mm +0.1 -0.0 PIN #1 2.0 mm 0.1 1.75 mm 0.1
W (CARRIER TAPE SIZE)
7.5 mm 0.1
BO
1.5 mm +0.3 -0.0
AO
P (PITCH)
USER DIRECTION OF FEED
COVER TAPE SIZE
2.15 mm 0.2
KO
COVER TAPE
0.32 mm 0.3
Carrier Tape Dimensions Ao Bo Ko Pitch W 7.55 mm 9.59 mm 2.30 mm 12.0 mm 16.0 mm 0.1 0.1 0.1 0.1 0.3
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com SF1115A-100605
Page 7 of 12
199 MHz
SAW Filter
Leader and Trailer specifications (Based upon EIA-481) Dimensions of the leader and trailer
7 Inch Reel Quantity 500
Symbol Dimension 178 A +0 -4 60 N 1 13 C +0.5 -0.2 20.2 D +1.5 -0 2 B 0.5 16.4 W1 +2 -0 22.4 W2 MAX
13 Inch Reel Quantity 2000
Symbol Dimension 330 A +0 -4 100 N 2 13 C +0.5 -0.2 20.2 D +1.5 -0 2 B 0.5 16.4 W1 +2 -0 22.4 W2 MAX
Dimensional drawing of the reel
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com SF1115A-100605
Page 8 of 12
199 MHz
SAW Filter
Additional items (1) Cover tape peeling strength The cover tape shall be adhered evenly to the carrier tape along both sides in the pulling direction. The cover tape peeling strength shall be as follows for an angle between the cover tape and the pulling direction of 165 to 180 (see the figure) and a peeling speed of 300mm/min. 10mm/min. [EIA-481] 0.1N to 1.3N for a tape width of 12 to 56mm
Fixing method 1. Insert the tip of the carrier tape into the groove. 2. Fix the tip of the cover tape with adhesive tape.
Tape material (1) Carrier tape [anti-charging treatment: carbon used] Surface resistivity: 1 x 108 or less Material: Polystyrene or Polycarbonate (2) Cover tape material: Polyester (anti-charging treated) Surface resistivity: 1 x 1012 or less t = 50 to 100m width = 13.3mm Warranty periods Cover tape peeling strength and mounting performance of stored components. 2-1. Cover tape peeling strength: One year after delivery (Peeling strength: 0.1N to 1.3N) Number of missing components There shall not be two or more consecutive missing components. Also, the maximum number of missing components shall be the larger of one piece or 0.1%. Storage environment Keep the product on which taping has been performed to a temperature below 40C and a humidity within 80% RH. Do not subject in the direct sun.
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com SF1115A-100605
Page 9 of 12
199 MHz
SAW Filter
Labeling The following items are labeled on the surface of a reel. Product Part Number, Date Code, Quantity
RF Monolithics, Inc. 12 RFM Europe
Phone: (972) 233-2903 Phone: 44 1963 251383
Fax: (972) 387-8148 Fax: 44 1963 251510
E-mail: info@rfm.com http://www.rfm.com
Page 10 of
199 MHz
Package for Shipment
SAW Filter
Quanity Per Reel 7 Inch Reel 500 500 Quanity Per Reel 13 Inch Reel 2000 2000 2000
Number Reels Per Carton 4 10 Number Reels Per Carton 2 4 8
External Caton Dimensions 254 x 254 x 127 mm 10 x 10 x 5 inches 254 x 254 x 203 mm 10 x 10 x 8 inches External Caton Dimensions 356 x 356 x 102 mm 14 x 14 x 4 inches 356 x 356 x 178 mm 14 x 14 x 7 inches 356 x 356 x 356 mm 14 x 14 x 14 inches
Reel Weight 896 g 2240 g Reel Weight 1288 g 2576 g 5152 g
Shipping Carton Weight 448 g 448 g Shipping Carton Weight 448 g 448 g 448 g
Total Weight 1344 g 2688 g Total Weight 1736 g 3024 g 5600 g
RF Monolithics, Inc. 12 RFM Europe
Phone: (972) 233-2903 Phone: 44 1963 251383
Fax: (972) 387-8148 Fax: 44 1963 251510
E-mail: info@rfm.com http://www.rfm.com
Page 11 of
199 MHz
SAW Filter
RFM Qualification and Reliability Test
Test
1 Life at Elevated Temperature Temperature Cycling Vibration, Variable Frequency
Standard
MIL-STD-202 Method 108 Condition C JESD22 Method JA-104 Air-to-Air MIL-STD-883 Method 2007 Condition B MIL-STD-883 Method 2002 Condition B MIL-STD-883 Method 2011 Condition C MIL-STD-883 Method 2019
Test Parameters
1,000 Hours 125C Unbiased -55 xCto +125 xC 20 min. Dwell 1,000 cycles 50g Max. 4 Cycles, 3 Axis 20 Hz to 2 kHz to 20 Hz
Pass / Fail Criteria
2
3
Within Electrical & Hermetic Spec. (Note 1)
4
Mechanical Shock Destructive Bond Strength Die Shear Strength
1,500g Max. 5 Shocks 3 Axis
Wire Bond Pull Strength 2.0 grams (After Seal) 0.6 kg (Strength/area limit in development) >95% wetted surface Within specifications Within specifications 8 oz. - 30 sec. Visual Requirements & meets Hermetic Spec. Visual Requirements Within Electrical & Hermetic Spec. (Note 1) < 5,001 PPM Within Electrical & Hermetic Spec. (Note 1) Custom per Device
5
6
Shear Strength
7
Solderability (Note 2) Physical Dimensions Temperature Characteristics Terminal Strength (Note 2) Resistance to Solvents Steady State Life Internal WaterVapor Content Constant Acceleration Substrate Attach Strength
J-STD-002 Method B JESD22 Method JB-100 RFM Procedure MIL-STD-833 Method 2004 Condition A & D MIL-STD-883 Method 2015 MIL-STD-883 Method 1005 MIL-STD-883 Method 1018 MIL-STD-883 Method 2001 Y1 Direction MIL-STD-883 Method 2027
8 hr. steam age 245 x C solder temperature 5 second dwell Critical Dimensions Frequency over Temperature Cond. A-Lead Tension Cond. B -Pad Adhesionr 24 Solvents a, b, d 1,000 Hours Max. Operating Temperature Rated Voltage
8 9
10
11
12
13
14
30,000g
15
Tensile Strength of Die Attachment
RF Monolithics, Inc. 12 RFM Europe
Phone: (972) 233-2903 Phone: 44 1963 251383
Fax: (972) 387-8148 Fax: 44 1963 251510
E-mail: info@rfm.com http://www.rfm.com
Page 12 of


▲Up To Search▲   

 
Price & Availability of SF1115A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X