Part Number Hot Search : 
74458115 MUR10 ILD207 30N60 HUF761 PQ2222 ATMEG RS501
Product Description
Full Text Search
 

To Download SF0156BA02421S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc. TYPICAL PERFORMANCE
156.00 MHz Bandpass Filter 9.4 MHz bandwidth Part Number SF0156BA02421S
-10
-20
-30
-40
-50
-60
131
156
181
Horizontal: 5 MHz/div
Vertical (from top):
Magnitude
10
dB/div
-1
-2
-3
-4
-5
-6
148.5
156.0
163.5
Horizontal: 1.5 MHz/div
Vertical (from top):
Magnitude Group Delay Deviation
1 150
dB/div ns/div
Rev X4 25-Jan-04
Page 1 of 3
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3
Integrated Circuit Systems, Inc.
156.00 MHz Bandpass Filter 9.4 MHz bandwidth Part Number SF0156BA02421S
-10
-20
-30
-40
-50
-60
56
306
556
Horizontal: 50 MHz/div
Vertical (from top):
Magnitude
10
dB/div
SPECIFICATION
Parameter Center Frequency (Fc) 1 Minimum Insertion Loss 2 1 dB Bandwidth Amplitude Variation (151.3 to 160.7 MHz) Group Delay Ripple (151.3 to 160.7 MHz) Relative Attenuation at 141.0 MHz Relative Attenuation at 149.7 MHz Relative Attenuation at 162.3 MHz Relative Attenuation at 171.0 MHz Ultimate Rejection Source and Load Impedance Input Power Operating Temperature Range
Notes: 1. 2. 3.
Min
Typ 156.00 20.6
Max 22.0 1.0 150
9.40
45 40 40 45 50 50 +10 23
-10
65
Units MHz dB MHz dB p-p ns p-p dB dB dB dB dB dBm C
Average of the lower and upper 3 dB band edge frequencies. All dB values are referenced to the insertion loss. Specifications are valid for a temperature of 23C.
Rev X4 25-Jan-04
Page 2 of 3
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3
Integrated Circuit Systems, Inc. PACKAGE OUTLINE
156.00 MHz Bandpass Filter 9.4 MHz bandwidth Part Number SF0156BA02421S
Units: mm Pin Configuration: Input: 11 Output: 5 Ground: 1,2,3,4,6,7,8,9,10,12
MATCHING CIRCUIT
Typical component values: (Minimum inductor Q = 40)
Ls1 = 33 nH Ls2 = 33 nH
Lp1 = 15 nH Lp2 = 22 nH
Notes * Maximum 2% tolerance matching components shall be used. * Tuning values shown are for reference only. Optimum values may change depending upon board layout. ISO 9001 Registered
Rev X4 25-Jan-04
Page 3 of 3
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3


▲Up To Search▲   

 
Price & Availability of SF0156BA02421S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X