Part Number Hot Search : 
NJM8202R 03M25V10 A4954 SMA39 TPE1205D FZT493A BUZ11 1N23A
Product Description
Full Text Search
 

To Download SDR999P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR998N&P thru SDR9912N&P 50 AMP 800 -1200 Volts 80 nsec Ultra Fast Recovery Rectifier
TO-258 TO-259
DESIGNER'S DATA SHEET Features:
* * * * * * * * * * Ultra Fast Recovery: 60 nsec typical High Surge Rating Low Reverse Leakage Current Low Forward Voltage Drop Low Junction Capacitance Hermetically Sealed Package Gold Eutectic Die Attach available Ultrasonic Aluminum Wire Bonds Ceramic Seals for improved hermeticity available TX, TXV, Space Level Screening Available Consult Factory.
Maximum Ratings
Peak Repetitive Reverse and DC Blocking Voltage SDR998N&P SDR999N&P SDR9910N&P SDR9911N&P SDR9912N&P
Symbol
VRRM VRWM VR Io
Value
800 900 1000 1100 1200 50
Units
Volts
Average Rectified Forward Current (Resistive Load, 60 Hz Sine Wave, TA = 25C)note 1 Peak Surge Current (8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to Reach Equilibrium Between Pulses, TA = 25C)note 2 Operating & Storage Temperature Maximum Thermal Resistance Junction to End Tab, note 1
Note 1: Pins 2&3 connected Note 2: High surge ratings available
Amps
IFSM
550
Amps
Top & Tstg RJE
-65 to +200 0.5
C C/W
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0117B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR998N&P thru SDR9912N&P
Symbol
IF = 50Adc IF = 100Adc IF = 50Adc IF = 50Adc VF1 VF2 IR1 IR2 CJ TA = 25C trr
Electrical Characteristics
Instantaneous Forward Voltage Drop (TA = 25C, 300 sec pulse) Instantaneous Forward Voltage Drop (TA = -55C, 300 sec pulse) (TA = 100C, 300 sec pulse) Reverse Leakage Current (Rated VR, TA = 25C, 300 sec pulse minimum) Reverse Leakage Current (Rated VR, TA = 100C, 300 sec pulse minimum) Junction Capacitance (VR = 10 Vdc, TA = 25C, f = 1MHz) Reverse Recovery Time (IF = 500 mA, IR = 1A, IRR = 0.25A)
Case Outline: TO-258 Pin1: Cathode Pin2: Anode Pin3: Anode
Min
-- -- -- -- -- --
Max
1.75 2.3 1.7 1.85 100 10 150 80
Units
Volts Volts A mA pF nsec
Case Outline: TO-259 Pin1: Cathode Pin2: Anode Pin3: Anode
PIN 1
PIN 2
PIN 3
PIN 1
PIN 2
PIN 3
Note 1: Pin 2&3 connected together
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0117B
DOC


▲Up To Search▲   

 
Price & Availability of SDR999P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X