Part Number Hot Search : 
UPD780 IRLR120N AM29DL TLE4291E FCH10A09 TD62801F FCH10A09 BD546
Product Description
Full Text Search
 

To Download SDR956MZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR953M & Z Thru SDR956M & Z
Designer's Data Sheet
Part Number/Ordering Information 1/ SDR95 __ __ __ __
| | + Screening 2/ __ = Not Screened | | | | TX = TX Level | | | TXV = TXV Level | | | S = S Level | | | | + Leg Bend Option | | | (See Figure 1) + | Package M = TO-254, Z = TO-254Z | | + Voltage 3 = 300V, 4 = 400V, 5 = 500V, 6 = 600V.
50A, 35nsec, 300-600 V Hyper Fast Rectifier
Features:
* * * * * * * * * * Hyper Fast Recovery: 35nsec Maximum 3/ High Surge Rating Low Reverse Leakage Current Low Junction Capacitance Hermetically Sealed Low Profile Package Gold Eutectic Die Attach Available Ultrasonic Aluminum Wire Bonds Higher Voltages and Faster Recovery Times Available, Contact Factory Ceramic Seal for Improve d Hermeticity Available TX, TXV, and S-Level Screening Available 2/
Maximum Ratings
SDR953M & Z SDR954M & Z SDR955M & Z SDR956M & Z
Symbol
VRRM VRWM VR Io
4/
Value
300 400 500 600 50 450 -65 to +200 0.7
Units
Peak Repetitive Reverse Voltage And DC Blocking Voltage Average Rectified Forward Current (Resistive Load, 60 Hz Sine Wave, TA = 25 C) Peak Surge Current 5/ (8.3 ms Pulse, Half Sine Wave, or equivalent DC) Operating & Storage Temperature Maximum Total Thermal Resistance Junction to Case
Volts
Amps Amps C C/W
IFSM TOP & TSTG R JC
-
Notes: 1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Recovery Conditions: IF =.5 Amp, IR = 1A, IRR = .25A. 4/ Pins 2 and 3 Tied Together. 5/ Available with higher surge ratings.
-
TO-254 (M)
-
TO-254Z (Z)
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0029C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR953M & Z Thru SDR956M & Z
Symbol
4/
Electrical Characteristics
Instantaneous Forward Voltage Drop (IF = 25A, Pulse) (IF = 50A, Pulse) Instantaneous Forward Voltage Drop (IF = 25Adc, Pulse) Reverse Leakage Current Reverse Recovery Time (IF =.5 Amp, IR = 1A, IRR = .25A) Junction Capacitance (VR = 10VDC, T A = 25C, f = 1MHz) TA = 25 C TA = 25 C
4/
Max
1.30 1.65 1.4 1.2 100 10 35 250
Units
VDC VDC A m nsec pF
VF1 VF2 VF3 VF4 IR1 IR2 tRR CJ
TA = -55 C TA = 100 C TA = 25 C, Rated VR , Pulse TA = 100 C, Rated VR, Pulse TA = 25 C
Figure 1- Optional Lead Bends
PIN ASSIGNMENT (TO-254 and TO-254Z Packages) Code FUNCTION Pin 1 Cathode Pin 2 Anode Pin 3 Anode
Suffix MD & ZD
Suffix MU & ZU
Notes: 1/ For or dering information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Recovery Conditions: IF =.5 Amp, IR = 1A, IRR = .25A. 4/ Pins 2 and 3 Tied Together. 5/ Available with higher surge ratings. TO-254Z (Suffix Z) Outline:
TO-254 (Suffix M) Outline:
NOTE: All specifications are subject to change without notification. SCD's for these devices sh ould be reviewed by SSDI prior to release.
DATA SHEET #: RH0029C
DOC


▲Up To Search▲   

 
Price & Availability of SDR956MZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X