Part Number Hot Search : 
TSL4531 MC7806 1N914A TOSW230 100ML H40RF60 LA4590W 20EIB
Product Description
Full Text Search
 

To Download SDR9553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
SOLID STATE DEVICES, INC.
14005 Stage Road * Santa Fe Springs, Ca 90670 Phone: (562) 404-4474 * Fax: (562) 404-1773
SDR953/3 thru SDR955/3
50 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
TO-3
Designer's Data Sheet
FEATURES:
* * * * * * * Hyper Fast Recovery: 35 nsec Maximum High Surge Rating Low Reverse Leakage Current Low Junction Capacitance Hermetically Sealed Package Gold Eutectic Die Attach Available Ultrasonic Aluminum Wire Bonds
1.30
* TX and TXV Level Screening Available
Maximum Ratings Peak Repetitive Reverse and DC Blocking Voltage SDR953/3 SDR954/3 SDR955/3
SYMBOL VRRM VRWM VR
VALUE 300 400 500
UNITS Volts
Average Rectified Forward Current (Resistive load, 60Hz, Sine Wave, TA = 25oC) Peak Surge Current (8.3 ms Pulse, Half Sine Wave, TA = 25oC) Operating and Storage Temperature Maximum Thermal Resistance Junction to Case
Io IFSM TOP & Tstg R2JC
50 800 -65 TO +200 1.0
Amps Amps
oC oC/W
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RH0135B
SDR953/3 thru SDR955/3
Electrical Characteristics Instantaneous Forward Voltage Drop ( TA = 25oC, 300 :sec Pulse) Instantaneous Forward Voltage Drop ( IF = 25A, 300 :sec Pulse) Reverse Leakage Current (VR = 80% Rated, 300:s pulse minimum ) Breakdown Voltage (IR = 1mA, TA = 25oC) Junction Capacitance (VR = 10 Vdc, TA = 25oC, f = 1MHz) Reverse Recovery Time (IF = 500mA, IR = 1.0A, IRR = 250mA, TA = 25oC) CASE OUTLINE: TO-3
CASE: CATHODE PIN 1: ANODE PIN 2: ANODE
PRELIMINARY
SOLID STATE DEVICES, INC.
14005 Stage Road * Santa Fe Springs, Ca 90670 Phone: (562) 404-4474 * Fax: (562) 404-1773
SYMBOL IF = 25A IF = 50A TA = 100oC TA = -55oC TA = 25oC TA = 100oC SDR953/3 SDR954/3 SDR955/3 VF1 VF2 VF3 VF4 IR1 IR2 BVR CJ tRR
MIN 300 400 500 -
MAX 1.20 1.45 1.10 1.30 100 10 250 35
UNITS Vdc Vdc :A mA Vdc pF nsec
TYPICAL OPERATING CURVES
PERCENT OF MAXIMUM FORWARD CURRENT RATING (%)
100 80 60 40 20 0 0 25 50 75
125 o C
FORWARD CURRENT (Amps)
TA= 25oC Unless otherwise specified
100
10
1
0.1
100 125 150 175 200
o
0.01 0.3
0.5
0.7
0.9
1.1
1.3
CASE TEMPERATURE ( C)
FORWARD VOLTAGE (Volts)


▲Up To Search▲   

 
Price & Availability of SDR9553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X