Part Number Hot Search : 
IT8888G X9315WSI AGKAXRMS 1212D DG613 E002356 1E101 FR106
Product Description
Full Text Search
 

To Download SDR66DRZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR623CTM & Z Thru SDR626DRM & Z
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
Features:
* * * * * * * * * * Hyper Fast Recovery: 35nsec Maximum 3/ High Surge Rating Low Reverse Leakage Current Low Junction Capacitance Hermetically Sealed Package Gold Eutectic Die Attach Ultrasonic Aluminum Wire Bonds Available in Common Anode, Common Cathode, Doubler, and Doubler Reverse Configurations Ceramic Seal for Improved Hermeticity Available TX, TXV, and S-Level Screening Available 2/
Designer's Data Sheet
Part Number/Ordering Information 1/ SDR62 __ __ __ __ __
| | || | + Screening 2/ __ = Not Screened | || TX = TX Level || || TXV = TXV Level || | S = S Level ||| | | + Leg Bend Option || | (See Figure 1) || + || Package M = TO-254, Z = TO-254Z || Configuration CT = Common Cathode, | | + CA = Common Anode, D = Doubler, | DR = Doubler Reverse + Voltage 3 = 300V, 4 = 400V, 5 = 500V, 6 = 600V
Maximum Ratings
SDR623__M & Z SDR624__M & Z SDR625__M & Z SDR626__M & Z
Symbol
VRRM VRWM VR Io IFSM TOP & TSTG R JC
Value
300 400 500 600 40 200 -65 to +200 1.0 2.0
Units
Peak Repetitive Reverse Voltage
Volts
Average Rectified Forward Current (Resistive Load, 60 Hz Sine Wave, TA = 25 C) 4/ Peak Surge Current (8.3 ms Pulse, Half Sine Wave, TA = 25 C) Operating & Storage Temperature Maximum Total Thermal Resistance Junction to Case 4/ Junction to Case 5/
5/
Amps Amps C C/W
Notes: 1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to .25 Amp. 4/ Both Legs Tied Together. 5/ Per Leg.
-
TO-254 (M)
-
TO-254Z (Z)
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0049C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR623CTM & Z Thru SDR626DRM & Z
Symbol
TA = 25 C TA = 25 C TA = 100 C TA = -55 C TA = 25 C TA = 100 C VF1 VF2 VF3 VF4 IR1 IR2 tRR CJ
Electrical Characteristics, per leg
Instantaneous Forward Voltage Drop (IF = 10Adc, Pulse) (IF = 20Adc, Pulse) Instantaneous Forward Voltage Drop (IF = 10Adc, Pulse) Reverse Leakage Current (80% of rated VR, Pulse) Reverse Recovery Time (IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25C) Junction Capacitance (VR = 10VDC, T A = 25C, f = 1MHz)
Max
1.35 1.55 1.25 1.45 50 5 35 150
Units
VDC VDC A m nsec pF
Figure 1- Optional Lead Bends Code CT CA D DR Suffix MDB & ZDB TO-254 (Suffix M) Outline: Suffix MU & ZU
PIN ASSIGNMENT FUNCTION Common Cathode Common Anode Doubler Doubler Reverse Pin 1 Anode Cathode Cathode Anode Pin 2 Cathode Anode Common Common Pin 3 Anode Cathode Anode Cathode
TO-254Z (Suffix Z) Outline:
Measured in Inches
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0049C
DOC


▲Up To Search▲   

 
Price & Availability of SDR66DRZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X