Part Number Hot Search : 
2SA811A 107NN5AA CSNE121 P150T FAIDL45 AD1582 F1002 800ME
Product Description
Full Text Search
 

To Download SDR626CTCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR623CT/CA thru SDR626CT/CA
1/
DESIGNER'S DATA SHEET 6 Pin TO-259
40A 35nsec 300-600 V
Common Anode & Common Cathode
Hyper Fast Centertap Rectifier
Features:
* * * * * * * * Hyper Fast Recovery: 35nsec Maximum 3/ Isolated Low Profile Package Low Reverse Leakage Current Eutectic Die Attach Available Hermetically Sealed Package Dual Centertap: 1 Common Anode, 1 Common Cathode Optional Bent Leads Available TX, TXV, and S-Level Screening Available 2/
Maximum Ratings 6/
SDR623CT/CA SDR624CT/CA SDR625CT/CA SDR626CT/CA Total
Symbol
VRRM VRWM VR Io IFSM TOP & TSTG R JC
Value
300 400 500 600 80 200 -65 to +200 0.65 1.9
Units
Peak Repetitive Reverse Voltage
Volts
Average Rectified Forward Current (Resistive Load, 60 Hz Sine Wave, TA = 25 C) Peak Surge Current 5/ (8.3 ms Pulse, Half Sine Wave, TA = 25 C) Operating & Storage Temperature Maximum Total Thermal Resistance Junction to Case 4/ Junction to Case 5/
Amps Amps C C/W
Notes: 1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to 0.25 Amp. 4/ All Legs Tied Together. 5/ Each Leg. 6/ Ratings at 25C (Unless Otherwise Specified).
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0231G
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR623CT/CA thru SDR626CT/CA
Symbol
TA = 25 C TA = 25 C TA = 100 C TA = -55 C TA = 25 C TA = 100 C VF1 VF2 VF3 VF4 IR1 IR2 trr CJ
Electrical Characteristics
Instantaneous Forward Voltage Drop (IF = 10Adc, Pulse) (IF = 20Adc, Pulse) Instantaneous Forward Voltage Drop (IF = 10Adc, Pulse) Reverse Leakage Current (100% of rated VR, Pulse) Reverse Recovery Time (IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25C) Junction Capacitance (VR = 10VDC, T A = 25C, f = 1MHz)
Max
1.45 1.65 1.35 1.55 50 5 35 150
Units
VDC VDC A m nsec pF
PIN ASSIGNMENT Configuration Common Cathode Pin 1 Anode 1 Pin 2 Cathode Pin 3 Anode 2
Configuration Common Anode TO-259-6 Outline:
Pin 4 Cathode 1
Pin 5 Anode
Pin 6 Cathode 2
Tolerances Unless Specified- .XX .020" .XXX .010"
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0231G
DOC


▲Up To Search▲   

 
Price & Availability of SDR626CTCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X