Part Number Hot Search : 
FAN7310G SFH9202 MPX700GS 9926B 1221C CY7C131 3PMT28A STK4162
Product Description
Full Text Search
 

To Download SDR3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIGN A L P RO C E SSING
SDR-3000 Series
Software Defined Radio Transceiver Platform
cPCI
Benefits
* Ultra high performance wireless processing
Features
* CompactPCI(R)-based architecture * Combines Xilinx(R) Virtex-II FPGAs and
engine
* Industry standard form factors allow easy
integration with third party components
* Industry standard software APIs help
PowerPCTM MPC7410 G4s, and optionally TI TMS320C64X DSPs, in a single system
* Supports IF sampling rates up to 212 MHz * Supports 2-4 ADC channels and 2-4 DAC
preserve your software investment
* Fully re-programmable hardware allows
channels per slot
* flexFabric - Serial RapidIOTM-based switched
pure software defined radios to be realized
* Dataflow optimized for software defined
radio
* Designed to meet high availability
fabric connects all boards with deterministic, low-latency 320 MB/s data paths
* Supports up to 1000 simultaneous transmit
requirements
* Modular design addresses multiple software
and receive communication channels per chassis
* Includes optional SCA core framework * Supplied with full CORBA support (TAO) * Supports the VxWorks(R) RTOS on every
defined radio applications
* Allows optimal partitioning of algorithms
across FPGAs and signal processors
* Available as Integrated Development
PowerPC node
* Supports Spectrum's quicComm API for
Systems (IDS), for rapid development
Applications
* Military communications (e.g. JTRS) * Wireless intelligence and surveillance * Electronic warfare * Commercial wireless gateways * Wireless test and measurement * Wireless prototyping * Beam forming and Smart Antennas
high-performance interprocessor communications and board setup/control
* Supports VSI/Pro, a VSIPL-compliant vector
and image processing library optimized to the PowerPC G4
* Supports quicWave for PowerPC, a powerful
set of wireless application building blocks
Description
SDR-3000 is the latest in Spectrum's family of flexComm platforms, designed specifically for the implementation of high-performance and/or high-density software defined radios. SDR-3000 supports hundreds of simultaneous transmit and receive channels, each with an independent air interface protocol. Virtually any air interface can be supported by SDR-3000, making it ideally suited for defense programs such as software defined military communications programs, signals intelligence, as well as commercial applications including cellular base stations, spectrum monitoring, test and measurement.
flexComm SDR-3000
Hardware
The SDR-3000 hardware consists of a series of cPCI-based boards, including:
* PRO-3100: a front-end processing board supporting four user-programmable Xilinx Virtex-II FPGAs. * PRO-3500: a signal processing board supporting two PowerPC G4 processors, up to two additional
G4 or `C64X procesors, and/or additional I/O.
* TM1-3300: an analog I/O board supporting four 80 MHz ADCs and four 160 MHz DACs. * TM1-3350: an analog I/O board supporting two 212 MHz ADCs and two 212 MHz DACs. * TM1-3902: an I/O reference design and high-performance digital I/O solution.
All boards are designed for use in high availability applications. In order to achieve optimal dataflows, the following standard interconnects are used:
* All FPGAs and G4 processors are connected via flexFabric, a serial RapidIO-based switched fabric that
allows virtually any dataflow to be achieved when working with high-data rate front-end processing.
TM1-3300 TM1-3300
* All processing boards (PRO-3100 and PRO-3500) are
Ethernet
flexFabric (Serial RapidIO)
connected via a PICMG 2.16 switched Ethernet backplane, allowing simple network integration, efficient integration of development tools, and an efficient data path for lower speed payload data.
* Both the PRO-3100 and PRO-3500 have standard
Redundant Ethernet Switch
cPCI interfaces, allowing simple integration with any third-party cPCI boards, and an efficient control path that is independent from the data path.
Redundant PRO-3100
These concepts are illustrated in Figure 1.
Ethernet Switch
PRO-3500
PRO-3500
PRO-3500
cPCI Bus (Control and Setup)
Figure 1. Example SDR-3000 Configuration (high availability)
[ PRO-3100 ]
The PRO-3100 is a cPCI board with four user-programmable Xilinx Virtex-II FPGAs, and is ideal for very high data rate front-end processing. These can support:
* Up to 160 narrowband down converter channels of 2 MHz bandwidth or less, or * Up to 40 wideband channels of 40 MHz or less
The PRO-3100 contains a user-programmable embedded PowerPC 405GP controller to offload system control from the FPGA processors, which can then be dedicated to signal processing. It also provides a seamless network interface. The following summarizes the external interfaces on the PRO-3100 board:
* TM1 interface (to the TM1-3300) - can handle 8 simultaneous 80 MSPS channels * flexFabric interface - supporting up to six 320 MB/s full-duplex switched fabric links * PICMG 2.16 compliant switched Ethernet * 66 MHz, 32-bit PCI via cPCI backplane
For more information on the PRO-3100, please see the PRO-3100 datasheet.
PRO-3100
[ PRO-3500 ]
The PRO-3500 is a signal processing engine with two PowerPC G4 processors, and support for two ePMC modules. Up to two additional G4s or additional I/O can be supported via additional ePMC modules. The PRO-3500 contains a user-programmable embedded PowerPC 405GP controller to provide networking support, and to offload system control from the PowerPC G4 processors, which can then be dedicated to signal processing. The following summarizes the external interfaces on the PRO-3500 board:
* flexFabric interface - supporting up to two 320 MB/s full-duplex switched fabric links * PICMG 2.16 compliant switched Ethernet * 66 MHz, 32-bit PCI via cPCI backplane * ePMC module sites: ePMC modules are PMC modules that are equipped with Solano~link ports to move high-speed data to the
PRO-3500 via an additional connector. Four dedicated, full-duplex 200 MB/s data paths between the PRO-3500 and the ePMC module are supported. For more information on the PRO-3500, please see the PRO-3500 datasheet. Spectrum's ePMC-PPC and ePMC-8311 (`C64X) modules are currently supported.
[ TM1-3300 ]
The TM1-3300 is a cPCI transition module supporting four 80 MHz ADCs and four 160 MHz DACs, for interfacing to any commercial RF front-end unit with an analog IF, or a baseband signal interface. For more information on the TM1-3300, please see the TM1-3300 datasheet.
[ TM1-3350 ]
The TM1-3350 is a cPCI transition module supporting two 212 MHz ADCs and two 212 MHz DACs, for interfacing to any commercial RF front-end unit with an analog IF, or a baseband signal interface. For more information on the TM1-3350, please see the TM1-3350 datasheet.
[ TM1-3902 ]
The TM1-3902 is both a reference design that facilitates the design of custom I/O as well as a high performance digital I/O solution for SDR-3000 systems. For more information on the TM1-3902, please see the TM1-3902 datasheet.
[ flexFabric ]
All signal processing devices, including FPGAs, G4's and `C64X's, are connected via flexFabric, a serial RapidIO-based switched fabric that allows virtually any dataflow to be achieved when working with high-data rate front-end processing. flexFabric supports the following specific features:
* flexFabric - Serial RapidIO-based switched fabric connects all boards with deterministic, low-latency data paths that can
sustain payload data rates of 320 MB/s (full-duplex). A wide variety of application-specific topologies can be created using different backplanes and backplane overlays.
* Packet switches are built into the PRO-3100. This allows use of passive backplanes, eliminating the backplane as a single point
of failure in high availability systems.
[ Ethernet ]
Both the PRO-3100 and PRO-3500 support 100 Mbps Ethernet via either of: * PICMG 2.16 compliant CompactPCI Backplane
* Front panel
flexComm SDR-3000
Software
SDR-3000 features a standards-based software stack, providing performance, code portability, and allowing choice with respect to which components are used in an application.
[ TAO CORBA ]
Waveform N Waveform 2 Waveform 1 Application resource (FPGA)
IP cores (Xilinx or other 3rd party)
Application resource (PPC)
quicWave VSIPL
Application resource (DSP)
CORBA (Common Object Request Broker Architecture) is an industry standard means of developing distributed, multiprocessor, multi-OS, multi-vendor software systems. Every PowerPC processor in the SDR-3000 platform is supplied with an Object Request Broker, or ORB, to facilitate CORBA development if required. Although different variants of CORBA are commercially available from various vendors, Spectrum selected the TAO open-source ORB due to its ideal combination of level of industry adoption, performance and price. Although TAO CORBA is supplied as standard, its actual use is completely optional, and software applications can be built on the VxWorks and quicComm layers.
[ VxWorks and Tornado ]
Application Framework (SCA)
Spectrum SCA BSP Logical Device
CORBA Object Request Broker Operating System (VxWorks) and TCP/IP Stack Hardware
Hardware Abstraction (quicComm, 3rd Party device drivers)
Figure 2. SDR-3000 Software Stack
VxWorks, from Wind River Systems, is the leading realtime operating system in the embedded marketplace. The SDR-3000 series product line supports VxWorks on both the G4 processors as well as the on-board embedded controllers (405GPs). Features of the VxWorks RTOS include:
* Scaleable, high-performance wind(R) microkernel * Advanced networking support * File system and I/O management
VxWorks is bundled with the Tornado II development toolset from Wind River Systems, also available from Spectrum. The package available from Spectrum includes:
* Win2000 development environment * C/ C++ compiler * Editor, debugger, simulator, launcher, browser * The VxWorks operating system * A choice of the supplemental development tools, including WIND(R)VIEW, VxSim, StethoScope, TraceScope,
MemScope, ProfileScope, Real-time Visualisation Pack, CoverageScope, CodeTEST and Visual SlickEdit
[ quicComm ]
quicComm is Spectrum's high-performance library for all board-level functions. These include:
* High-performance interprocessor communication: quicComm provides high-level software links and signals between
all processors allowing a simple, yet extremely powerful programming model
* Booting functions for PowerPCs, user programmable FPGAs and `C64X DSPs * Flash programming tools for both the PRO-3100 and PRO-3500 * Control of all I/O not covered by the operating system (e.g. control of digital radio hardware)
quicComm is available on all generations of flexComm products released since 2000, and will be available on all future generations, allowing maximum code portability and reducing the learning curve.
[ Software Communications Architecture (SCA) ]
The SCA is an open specification sponsored by the Joint Tactical Radio System (JTRS) program. It specifies software, hardware, security, and networking architecture requirements for open, programmable Software Defined Radio (SDR) systems with flexible, re-programmable communication capabilities. Specifically, the SCA specifies a common framework to build-up, configure, connect and tear down distributed, embedded radio applications while maximizing waveform portability. Spectrum has partnered with Harris Corporation to provide a mature, fully functional SCA core framework, in conjunction with Spectrum's SCA BSP, which implements those portions of the SCA core framework specific to the SDR-3000. For full details, please see the "Harris dmTK and Spectrum SCA BSP" datasheet.
[ VSI/Pro ]
Spectrum has partnered with MPI Software Technology to bring you VSI/Pro, a vector and image processing library, specifically optimized to the PowerPC G4. The library is fully compliant with the VSIPL API standard, as published by the VSIPL forum, maximizing code portability via an efficient programming interface. For further details on the VSIPL forum, please see: www.vsipl.org. VSI/Pro contains optimized functions for common signal processing tasks such as FFTs, FIR filters, dot products and trigonometric/algebraic functions. Full details of VSI/Pro can be found at www.mpi-softtech.com.
[ quicWave for PowerPC ]
quicWave for PowerPC is a library of building blocks for the development of wireless modems (waveforms). These building blocks can be combined with user-defined and other quicWave blocks to create a complete PowerPC-based wireless application. Typical blocks would include modulation and demodulation, carrier recovery, symbol rate recovery, forward error correction (FEC) and decision circuits. quicWave for PowerPC is built on top of the VSIPL industry standard interface for signal processing functionality. This allows the library to be optimized to the PowerPC G4 Altivec engine simply by linking with VSI/Pro. For full details, please see the quicWave for PowerPC datasheet.
[ FPGA Cores ]
A comprehensive selection of FPGA cores is available, many of them free, from the Xilinx IP center at http://www.xilinx.com/ipcenter/index.htm. These include both the Digital Downconverter (DDC) and Digital Upconverter LogiCOREs. Please note that Spectrum routinely develops custom cores for clients when these are otherwise unavailable. If you have such a requirement, please contact your Spectrum sales representative. Basic Package vs. Optional Extras Note that developers can use as much or as little of this software stack as they choose. The following table illustrates which components are supplied as part of the basic SDR-3000 package vs. optional extras:
Basic SDR-3000 Software Package Optional Extras
TAO CORBA (use is optional) quicComm for all hardware VxWorks BSPs for all applicable hardware quicWave for PowerPC
Tornado/VxWorks
(specific components required unless already purchased)
Xilinx ISE
(required unless already purchased)
VSI/Pro SCA Core Framework (dmTK and SCA BSP)
[ Hot-Swap ]
Future SDR-3000 releases will be PICMG 2.1 hot-swap compliant. Please contact your Spectrum Sales Representative for further information.
flexComm SDR-3000
SDR-3001 Integrated Development System
In order to allow customers to begin developing immediately with minimal risk, Spectrum has made the SDR-3001 Integrated Development System available. The SDR-3001 IDS includes:
* One complete board set (PRO-3100, PRO-3500, and TM1-3300) * A rackmount CompactPCI chassis * 3-slot flexFabric passive backplane, allowing a level of system expansion * Tornado and VxWorks board support package * quicComm software * quicWave component libraries for PowerPCs * TAO CORBA * Windows 2000 development PC with all software tools installed and tested * All necessary cables and documentation
Other hardware and software can be integrated into the SDR-3001 IDS according to your needs. These include but are not limited to:
* Tornado II / VxWorks 5.4 * FPGA cores for Virtex-II FPGAs * VSI/Pro * Additional PRO-3100, PRO-3500, TM1-3300, TM1-3350 or TM1-3902 boards
[ Customer Training ]
In order to accelerate early development efforts, Spectrum offers a unique customer training service, which can be purchased with any integrated development system (IDS). The standard SDR-3000 training consists of three days of time with a Spectrum Applications engineer, working with actual hardware. An additional three day course covers the dmTK and SCA BSP, if this option is included. Alternatively a five day course is offered covering both SDR-3000 and the SCA components. Training typically consists of:
* Descriptions of over-all system functions and data paths * Demonstrations of the Development Tools * Training on how to run and rebuild software examples * Formal training modules (presentations and hands-on)
Should you have any specific areas that need to be covered in greater detail these can be requested ahead of time (recommended), or at the training. Experience thus far has shown this service to be an invaluable tool that generates significant cost savings and reduces risk for Spectrum customers. Training can be done either at Spectrum's head office in Burnaby, B.C., Canada, or it can be done at additional cost at the customer site.
[ Custom Application Development ]
Spectrum has a long established capability in developing custom application software for its clients. Should you require all or part of your application code to be outsourced, please contact your Spectrum sales representative.
Specifications
flexComm SDR-3000
[ general ] Form Factor I/O
(assumes 1xPRO-3100, 1x PRO-3500, 1xTM1-3300 or TM1-3350 or TM1-3902)
Processors
[ buses ] [ external interfaces ]
Host flexFabric ePMC Ethernet Serial port User-defined I/O
[ performance ] Peak Data Transfer Rates
Spectrum Signal Processing Inc. tel +1/604.421.5422 or +1.800.663.8986 fax +1/604.421.1764 www.spectrumsignal.com
[ software [ environmental [ quality [ ordering information
] ] ] ]
Temperature MTBF
Development PC Hardware SDR-3000 Base Software and Documentation Tornado/VxWorks
SCA Core Framework
VSI/Pro Xilinx ISE
Training
[ custom configurations ]
6U CompactPCI 4 x A/D channels, 14-bit, 80 MHz, 4 x D/A channels, 14-bit, 80 MHz (with 2x interpolation to 160 MSPS), or 2xA/D channels, 12-bit, 212 MHz, 2xD/A channels, 14-bit, 212 MHz, or I/O Reference design/Digital I/O, 640 MB/s bidirectional or 1500 MB/s input only 4 x user programmable Xilinx Virtex-II FPGAs (XC2V6000 or XC2V3000) 2 x PowerPC MPC7410 G4 on PRO-3500, plus additional 2 G4s or `C64X's via ePMC sites PowerPC 405GP embedded controllers on both PRO-3100 and PRO-3500 CompactPCI bus: 32-bit /66 MHz flexFabric Serial RapidI/O switched fabric for interboard communications. Six 320 MB/s links are supported on the PRO-3100 while two are supported on the PRO-3500. Dual 33 MHz, 32-bit PMC sites with Solano enhanced capability 10/100-BaseT Ethernet supported via either: PICMG 2.16 packet switched backplane or front panel RS-232 ports of embedded controllers are routed to the front panels of the PRO-3100 and PRO-3500 Sixteen user-defined pins from each Virtex-II FPGA routed to front panel Please consult individual board datasheets for block diagrams: Between TM1 interface and each Virtex-II FPGA 640 MB/s bidirectional or 1500 MB/s input Between Virtex-II processors 376 MB/s From PRO-3100 to other boards via flexFabric 320 MB/s per link Virtex-II to embedded controller 10 MB/s Between PowerPC G4s via Solano 200 MB/s quicComm, TAO CORBA, VxWorks, VSI/Pro, quicWave for PowerPC Operating temperature range of 0 to 45 C 100,118 hours You should contact your Spectrum Sales Representative for specific ordering information. You can expect to cover the following items: Minimum specifications: 2.5 GHz Pentium-IV processor, 512 MB SDRAM, Windows 2000 Configurations can be constructed from a combination of chassis, PRO-3100, PRO-3500, TM1-3300, TM1-3350, TM1-3902 and flexFabric backplane. Includes quicComm software for all SDR-3000 series boards, plus quicWave, VxWorks BSP's and ACE/TAO CORBA. Licensed on a per site, per project basis. Tornado/VxWorks is ordered on a development seat basis (per developer), plus an OEM license (per processor type). 7410 and 405GP PowerPC processors require separate OEM licenses. All pricing includes first year maintenance, while run-time licensing applies (per processor) for production systems only. The SCA core framework comprises Harris dmTK and Spectrum's SCA BSP. The dmTK is licensed on a per developer basis while the SCA BSP is licensed on a per project, per site basis. VSI/Pro is ordered on a development seat basis and is optional. Run-time licensing applies (per processor), for both development and production systems. Xilinx ISE 6.1 is recommended for FPGA development, and can be ordered from Spectrum as an option. ModelSim 5.8 PE with both VHDL and Verilog licenses is required to use the supplied simulation environment. Initial SDR-3000 and SCA orders require compulsory training, either at Spectrum's headquarters or at your site. Options include: SDR-3000 training (3-days), SCA training (3-days) and combined SDR-3000/SCA training (5-days). For custom configuration options, please contact Spectrum Sales
SIGN A L P RO C E SSING
Rev 05/04 Spectrum reserves the right to modify or discontinue any product or piece of literature at anytime without prior notice. All Trademarks are property of their respective owners. Compliance with export control laws: Various export control laws of Canada, the United States or other counties may restrict or prohibit the export to certain countries of products sold by Spectrum. Spectrum shall not be liable for anything arising from compliance, or efforts to comply, with export control laws.


▲Up To Search▲   

 
Price & Availability of SDR3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X