Part Number Hot Search : 
TCSH0303 2405E2 63MZP5 LPC2290 37101E3 ALO40 MAX80307 ARS50G
Product Description
Full Text Search
 

To Download SDP530WMUF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SDP530WMUF
Attenuator Diode
Features
* Low capacitance : Max 0.5pF * Low series resistance : rs=3(Typ.)@IF=10mA * AGC and attenuator diode for VHF/UHF band tuner
Ordering Information
Type No. SDP530WMU Marking W3M Package Code SOT-323F
Outline Dimensions
unit : mm
2.10.1 0.30~0.40 1.300.1
1.30 BSC
2.00.1
1 3
0.70-0.15
2
0.110.05
+0.1
3
1
0~0.1
2
PIN Connections 1. Anode 2. Cathode 3. Cathode, Anode
KSD-3015-000
1
SDP530WMUF
Absolute maximum ratings
Characteristic
Continuous reverse voltage Forward current Junction temperature Storage temperature
Ta=25C
Symbol
VR IF
*
Ratings
50 50 150 -55 ~ 150
Unit
V mA C C
Tj Tstg
Electrical Characteristics
Characteristic
Reverse voltage Reverse current Forward voltage Total capacitance Series resistance
Ta=25C
Symbol
VR IR VF CT
Test Condition
IR=10A VR=50V IF=50mA VR=50V, f=1MHz IF=0.1mA, f=100MHz IF=1mA, f=100MHz IF=10mA, f=100MHz
Min. Typ. Max.
50 0.95 130 17 3 0.1 0.5 -
Unit
V A V pF
rS
KSD-3015-000
2
SDP530WMUF
Electrical Characteristic Curves
Fig. 1 I C -Ta Fig. 2 IF-VF
Fig. 3 CT -VR
Fig. 4 rs-IF
KSD-3015-000
3


▲Up To Search▲   

 
Price & Availability of SDP530WMUF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X