Part Number Hot Search : 
ADM1170 105K0 2SC181 X1000 H15S2 MC333 AAT3155 57X00
Product Description
Full Text Search
 

To Download SDA312GF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLID STATE DEVICES, INC.
14701 Firestone Blvd. La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773
SDA312AF thru SDA312GF
10 AMPS 180 - 200 nsec FAST RECOVERY 3 PHASE BRIDGE ASSY
SDA312
Designer's Data Sheet
FEATURES:
* * * * * * * * Fast Recovery: 180 -200 nsec Maximum 50 to 1000 V Blocking Voltage Average Output Current 10 Amps Low Reverse Leakage Current Glass Passivated Rectifiers Hermetically Sealed Discretes Aluminum Case for Maximum Thermal Conductivity TX and TXV Level Screening Available
1.30
Maximum Ratings Peak Repetitive Reverse and DC Blocking Voltage SDA312AF SDA312BF SDA312CF SDA312DF SDA312EF SDA312FF SDA312GF
SYMBOL
VALUE 50 100 200 400 600 800 1000 10 75 -55 TO +150 1.5
UNITS
VRRM VRWM VR
Volts
Average Rectified Forward Current (Resistive load, 60Hz, Sine Wave, TA = 25oC, No Heatsink) Peak Surge Current (8.3 ms Pulse, Half Sine Wave, TA = 25oC, per leg) Operating and Storage Temperature Maximum Thermal Resistance Junction to Case
Io IFSM TOP & Tstg R JC
Amps Amps
oC oC/W
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RC0034B
SDA312AF thru SDA312GF
Electrical Characteristics
1/
SOLID STATE DEVICES, INC.
14701 Firestone Blvd. La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773
(per leg)
SYMBOL VF1 IR1 IR2 tRR
V ALUE 1.40 5 0.25 180 200
1.062
UNITS Vdc A mA nsec
Instantaneous Forward Voltage Drop (IF = 3A, 300 - 500sec pulse) Reverse Leakage Current (Rated VR, 300s pulse minimum ) Reverse Leakage Current (Rated VR, TA = 100oC, 300s pulse minimum ) Reverse Recovery Time SDA312AF-SDA312EF (IF = 0.5A, IR = 1.0A, IRR = 0.25A) SDA312FF-SDA312GF 1/ TA = 25oC, Unless otherwise specified CASE OUTLINE: SDA312 AC AC AC
.75 .38
#4-40 UNF THRU 2 PLACES
.31 REF
.40 REF
.28 REF
.31 REF 5x O.055 REF
2x O.125 REF
Tolerances: XX: "0.30 XXX: "0.010
+
.325 MAX
AC
AC
AC
+
.475 MAX
1.25
TEMPERATURE DERATING CURVE
PERCENT OF MAXIMUM FORWARD CURRENT RATING (%)
100 80 60 40 20 0 0
75 oC
50 100 150 CASE TEMPERATURE (oC)


▲Up To Search▲   

 
Price & Availability of SDA312GF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X