|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Solid State Devices, Inc. 14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SDA116 Series DESIGNER'S DATA SHEET Part Number / Ordering Information 1/ SDA116 __ __ __ | + Lead Bend 3/ __ = Straight Leads | | | UB = Up Bend | | DB = Down Bend | | | + Terminals 2/ 3/ L = Copper Leads | _ = Turret Terminals | + Voltage J = 600 V K = 800 V M = 1000 V 25A / 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST - 70 ns Features: * * * * * * * Higher Blocking Voltage Available. Contact Factory. Average Output Current 25 Amps Low Reverse Leakage Current Constructed with Void-free, Hermetically Sealed Discretes Aluminum Case for Maximum Thermal Conductivity Small Package Size (1.500 x 0.875 x 0.310") TX and TXV & S Level Screening Available * Standard, Fast, & Hyper Fast Versions Available. Contact Factory. Maximum Ratings Symbol Value Units Peak Repetitive and Peak Surge Reverse Voltage SDA116J SDA116K SDA116M TC = 55C VRRM VRSM VR Io IFSM Top & Tstg RJC 600 800 1000 25 125 -55 to +150 2.5 Volts Amps Amps C C/W Average Rectified Forward Current 4/ (Resistive Load, 60 Hz Sine Wave) Peak Surge Current (8.3 ms Pulse, Half Sine Wave, TA = 25 C, per leg) Operating & Storage Temperature Maximum Thermal Resistance, Junction to Case SDA116 ( L ) SDA116 (_) Lead Dia = .050" Lead Length = 0.5" min NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: RA0046A DOC Solid State Devices, Inc. 14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SDA116 Series Electrical Characteristic 5/ Symbol IF = 3A IF = 9A IF = 9A Min -- -- -- -- -- -- Typ -- -- -- -- -- -- Max 1.40 1.75 1.95 25 500 70 Units Instantaneous Forward Voltage Drop (TA = 25C, pulsed) (TA = 25C, pulsed) (TA = -55C, pulsed) Reverse Leakage Current (Rated VR, TA = 25C, pulsed) Reverse Leakage Current (Rated VR, TA = 100C, pulsed) Reverse Recovery Time (IF = 500 mA, IR = 1 A, IRR = 250 mA TA = 25C NOTES: 1/ 2/ 3/ 4/ 5/ VF1 IR1 IR2 trr Volts A A ns For Ordering Information, Price, and Availability Contact Factory. For Package Outlines Contact Factory. Up and Down Bend Configurations are Available for `__' ( Leaded ) Packages Only. Derate Linearly at 0.26 A/C for TC > 55C. Unless Otherwise Specified, All Electrical Characteristics @25C. Mounting Diagram: 2/ Thickness = 0.340" min |
Price & Availability of SDA116M |