Part Number Hot Search : 
IRF995 TLRF1060 PB1002S TBA120U PB1002S 80007 FR10A04 04365
Product Description
Full Text Search
 

To Download SD453R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
DISCRETE POWER DIODES and THYRISTORS
DATA BOOK
To Order
Previous Datasheet
Index
Next Data Sheet Bulletin I2076/A
SD453N/R SERIES
FAST RECOVERY DIODES Stud Version
Features
High power FAST recovery diode series 2.0 to 3.0 s recovery time High voltage ratings up to 2500V High current capability Optimized turn on and turn off characteristics Low forward recovery Fast and soft reverse recovery Compression bonded encapsulation Stud version case style B-8 Maximum junction temperature 150C
400A 450A
Typical Applications
Snubber diode for GTO High voltage free-wheeling diode Fast recovery rectifier applications
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz V RRM range trr @ TJ TJ
SD453N/R S20
400 70 630 9300 9730
Units
A C A A A V s C C
S30
450 70 710 9600 10050
1200 to 2500 1200 to 2500 2.0 25 - 40 to 150 3.0 25
case style B-8
To Order
Previous Datasheet SD453N/R Series
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
12 SD453N/R 16 20 25
Index
Next Data Sheet
VRRM , maximum repetitive peak reverse voltage V
1200 1600 2000 2500
VRSM , maximum nonrepetitive peak rev. voltage V
1300 1700 2100 2600
IRRM max.
@ TJ = TJ max.
mA
50
Forward Conduction
Parameter
I F(AV) Max. average forward current @ case temperature I F(RMS) Max. RMS forward current @ case temperature I FSM Max. peak, one-cycle forward, non-repetitive surge current
SD453N/R S20
400 70 630 55 9300 9730 7820 8190
S30
450 70 710 52 9600 10050 8070 8450 460 420 326 297 4600 0.95
Units Conditions
A C A C t = 10ms A t = 8.3ms t = 10ms t = 8.3ms t = 10ms KA2s t = 8.3ms t = 10ms t = 8.3ms KA s
2
180 conduction, half sine wave
No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
It
2
Maximum I t for fusing
2
432 395 306 279
I t
2
Maximum I t for fusing
2
4320 1.00
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 Low level value of forward slope resistance High level value of forward
V 1.09 1.04 (I > x IF(AV)),TJ = TJ max.
0.80
0.60
m
(16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (I > x IF(AV)),TJ = TJ max.
0.74 slope resistance Max. forward voltage drop 2.20
0.54 1.85 V
V FM
Ipk= 1500A, TJ = TJ max, tp = 10ms sinusoidal wave
Recovery Characteristics
Code
TJ = 25 oC typical t
rr
Test conditions
I
pk
Max. values @ TJ = 150 C
V
r
di/dt
t
rr
Q
rr
I
rr
@ 25% IRRM (s)
Square Pulse (A) 1000 1000 (A/s) 50 50 (V) - 50 - 50
@ 25% IRRM (s) 3.5 5.0 (C) 250 380 (A) 120 150
S20 S30
2.0 3.0
To Order
Previous Datasheet
Index
Next Data Sheet
SD453N/R Series
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
D-649
To Order
Previous Datasheet
Index
Next Data Sheet
SD453N/R Series
Fig. 7 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
Fig. 9 - Maximum Non-repetitive Surge Current
Fig. 10 - Maximum Non-repetitive Surge Current
Fig.11 - Maximum Non-repetitive Surge Current
Fig.12 - Maximum Non-repetitive Surge Current
D-650
To Order
Previous Datasheet
Index
Next Data Sheet
SD453N/R Series
Fig. 13 - Forward Voltage Drop Characteristics
Fig. 14 - Forward Voltage Drop Characteristics
Fig. 15 - Thermal Impedance ZthJC Characteristic
Fig. 16 - Typical Forward Recovery Characteristics
Fig. 17 - Typical Forward Recovery Characteristics
D-651
To Order
Previous Datasheet
Index
Next Data Sheet
SD453N/R Series
Fig. 18 - Recovery Time Characteristics
Fig. 19 - Recovery Charge Characteristics
Fig. 20 - Recovery Current Characteristics
Fig. 21 - Recovery Time Characteristics
Fig. 22 - Recovery Charge Characteristics
Fig. 23 - Recovery Current Characteristics
Fig. 24 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 25 - Frequency Characteristics
D-652
To Order
Previous Datasheet
Index
Next Data Sheet
SD453N/R Series
Fig. 26 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 27 - Frequency Characteristics
Fig. 28 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 29 - Frequency Characteristics
Fig. 30 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 31 - Frequency Characteristics
D-653
To Order
Previous Datasheet
Index
Next Data Sheet
SD453N/R Series
Fig. 32 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 33 - Frequency Characteristics
Fig. 34 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 35 - Frequency Characteristics
D-654
To Order
Previous Datasheet
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC RthCS T wt Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Mounting torque, 10% Approximate weight Case style
Index
NextSD453N/R Series Data Sheet
SD453N/R S20 S30
-40 to 150 -40 to 150 0.1 0.04 50 454 B-8
Units
C
Conditions
DC operation K/W Nm g See Outline Table Mounting surface, smooth, flat and greased Not lubricated threads
RthJ-hs Conduction
(The following table shows the increment of thermal resistence RthJ-hs when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
S20 0.010 0.014 0.017 0.025 0.042 S30 0.010 0.014 0.017 0.025 0.042
Rectangular conduction
S20 0.008 0.014 0.019 0.026 0.042 S30 0.008 0.014 0.019 0.026 0.042
Units
Conditions
TJ = TJ max.
K/W
Ordering Information Table
Device Code
SD
1 1 2 3 4 Diode Essential part number 3 = Fast recovery
45
2
3
3
N
4
25 S30
5 6
P
7
S
8
C
9
N = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud)
5 6 7
-
Voltage code: Code x 100 = V RRM (see Voltage Ratings table) trr code (see Recovery Characteristics table) P = Stud base B-8 3/4" 16UNF-2A M = Stud base B-8 M24 X 1.5
8
-7 S = Isolated lead with silicone sleeve (Red = Reverse Polarity; Blue = Normal Polarity) None = Not isolated lead T = Threaded Top Terminal 3/8" 24UNF-2A
9
-
C = Ceramic housing
To Order
Previous Datasheet SD453N/R Series
Outlines Table
CERAMIC HOUSING
26 (1.023) MAX.
Index
Next Data Sheet
5(0.20) 0.3(0.01) 10.5 (0.41) DIA.
12 (0.47) MIN.
C.S. 70mm
2
Case Style B-8
All dimensions in millimeters (inches)
38 (1.5) DIA. MAX.
SW 45
3/4"-16UNF-2A * * FOR METRIC DEVICE: M24 x 1.5 - SCREW LENGTH -- 21(0.83) MAX.
CERAMIC HOUSING
17 (0.67) DIA.
3/8"-24UNF-2A
38 (1.5) DIA. MAX.
Case Style B-8 with top thread terminal 3/8"
All dimensions in millimeters (inches)
SW 45
3/4"-16UNF-2A *
To Order
* FOR METRIC DEVICE: M24 x 1.5 - SCREW LENGTH -- 21(0.83) MAX.


▲Up To Search▲   

 
Price & Availability of SD453R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X