Part Number Hot Search : 
0R12K 85238 D1300 2SD11 SD120 AT49F 30D60 30D60
Product Description
Full Text Search
 

To Download SD300R32PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2081 rev. C 03/03
SD300N/R SERIES
STANDARD RECOVERY DIODES Stud Version
Features
Wide current range High voltage ratings up to 3200V High surge current capabilities Stud cathode and stud anode version Standard JEDEC types
380A
Typical Applications
Converters Power supplies Machine tool controls High power drives Medium traction applications
Major Ratings and Characteristics
SD300N/R Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM TJ range
16 to 20
380 100 595 6050 6335 183 167 1600 to 2000 - 40 to 180
25 to 32
380 70 425 6050 6335 183 167 2500 to 3200 - 40 to 150
Units
A C A A A KA2s KA2s V C
case style DO-205AB (DO-9)
www.irf.com
1
SD300N/R Series
Bulletin I2081 rev. C 03/03
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number
SD300N/R
Voltage Code
16 20 25 28 32
VRRM , maximum repetitive peak reverse voltage V
1600 2000 2500 2800 3200
VRSM , maximum nonrepetitive peak rev. voltage V
1700 2100 2600 2900 3300
IRRM max.
@ TJ = TJ max.
mA
15
Forward Conduction
Parameter
I F(AV) I F(AV) Max. average forward current @ Case temperature Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
SD300N/R Units Conditions 16 to 20 25 to 32
380 100 300 125 595 6050 6335 5090 5330 270 100 380 70 425 6050 6335 5090 5330 183 167 129 118 1830 0.95 V 1.05 1.05 (I > x IF(AV)),TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. m 0.66 1.83 0.66 1.83 V (I > x IF(AV)),TJ = TJ max. Ipk= 1180A, TJ = TJ max, tp = 10ms sinusoidal wave KA2s KA2s A A C A C A DC @ TC = 88C (02 to 24), TC = 91C (25 to 32) t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max. 180 conduction, half sine wave 180 conduction, half sine wave
I 2t
Maximum I2t for fusing
183 167 129 118
I 2t
Maximum I2t for fusing
1830 0.95
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 V FM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
0.75
0.75
2
www.irf.com
SD300N/R Series
Bulletin I2081 rev. C 03/03
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC RthCS T wt Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Max. allowed mounting torque 10% Approximate weight Case style
SD300N/R 16 to 20 25 to 32
-40 to 180 -55 to 200 -40 to 150 -55 to 200
Units
C
Conditions
0.11 0.04 27 250 DO-205AB (DO-9)
K/W
DC operation Mounting surface, smooth, flat and greased Not lubricated threads
Nm g
See Outline Table
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction Rectangular conduction 16 to 20
0.019 0.023 0.028 0.042 0.073
Units
Conditions
25 to 32
0.019 0.023 0.028 0.042 0.073
16 to 20
0.013 0.023 0.030 0.044 0.074
25 to 32
0.013 0.023 0.030 0.044 0.074 K/W TJ = TJ max.
Ordering Information Table
Device Code
SD
1
30
2
0
3
N
4
32
5
P
6
C
7
1 2 3 4 5 6 7
-
Diode Essential part number 0 = Standard recovery N = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) Voltage code: Code x 100 = VRRM (See Voltage Ratings table) P = Stud base DO-205AB (DO-9) 3/4" 16UNF-2A C = Ceramic Housing NOTE: For metric Device M16 x 1.5 Contact Factory
www.irf.com
3
SD300N/R Series
Bulletin I2081 rev. C 03/03
Outline Table
CERAMIC HOUSING
19 (0.75) MAX. 9.5 (0.37) MIN. 39 (1.53) MAX. C.S. 35mm (0.054 s.i.) 2 4 (0.16) MAX.
210 (8.27) 10 (0.39)
DIA. 8.5 (0.33) NOM.
Conform to JEDEC DO-205AB (DO-9)
82 (3.23) MIN. DIA. 27.5 (1.08) MAX.
All dimensions in millimeters (inches)
38 (1.50) MAX.
SW 32 16 (0.63) MAX.
21 (0.82) MAX.
* FOR METRIC DEVICE: M16 X 1.5 CONTACT FACTORY
3/4"-16UNF-2A*
Maximum Allowable Case T emperature (C)
170 160 150 140 130 120 110 100 90 80 0
S D300N/ R S eries (1600V to 2000V) RthJC (DC) = 0.11 K/ W
Maximum Allowable Cas T e emperature (C)
180
180 170 160 150 140
Conduction Period
S D300N/ R S eries (1600V to 2000V) RthJC (DC) = 0.11 K/ W
Conduction Angle
30
130 120 110 100 90 80 0 100 200 300 400 500 600 700 Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics
60 90 120 180
30
90 60 120
180
DC
50 100 150 200 250 300 350 400 Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
4
www.irf.com
SD300N/R Series
Bulletin I2081 rev. C 03/03
Maximum Allowable Case T emperature (C)
Maximum Allowable Case T emperature (C)
150 140 130
S D300N/ R S eries (2500V to 3200V) RthJC (DC) = 0.11 K/ W
150 140 130 120 110 100 90 80 0
S D300N/ R S eries (2500V to 3200V) RthJC (DC) = 0.11 K/ W
Conduction Angle
Conduction Period
120 110 100 30 90 0 50 100 150 200 250 300 Average Forward Current (A)
Fig. 3 - Current Ratings Characteristics
30 60 90 120 180 100 200 300 DC 400 500
60
90
120 180
Average Forward Current (A)
Fig. 4 - Current Ratings Characteristics
Maximum Average F orward Power Los (W) s
700 600 500
400
180 120 90 60 30
R th
06 0.
K/ W
0. 1
A S
W K/
= 3 0.0 W K/ elt -D
RMSLimit
0.2 K/ W
a R
300
Conduc tion Angle
0.4 K/ W
200 100
0.6 K /
W
S D300N/ R S eries (1600V to 2000V) T = 180C J 0
0.8 K/ W
2 K/ W
0 50 100 150 200 250 300 350 400 20 Average Forward Current (A) 40 60 80 100 120 140 160 180 Maximum Allowable Ambient Temperature (C)
Fig. 5 - Forward Power Loss Characteristics
Maximum Average F orward Power L s (W) os
900 800 700 600 500 400 300 200 100 0 0 100 200 300 400 500 Average Forward Current (A) RMSLimit
Conduction Period
DC 180 120 90 60 30
R
th SA
=
0. 06
0.1
K/ W
0. 03
K/ W
K/ W
-D el ta
R
0.2
K/ W
0.4 K/
W
S D300N/ R S eries (1600V to 2000V) T = 180C J
0.6 K /
W
0.8 K/ W
2 K/ W
20 600 40
60
80 100 120 140 160 180
Maximum Allowable Ambient T emperature (C)
Fig. 6 - Forward Power Loss Characteristics
www.irf.com
5
SD300N/R Series
Bulletin I2081 rev. C 03/03
Maximum Average Forward Pow er Loss (W) 700
Rt
600 500 400
180 120 90 60 30
A hS
=
RMSLimit
K/ W 0.1 K/ W
0. 06
02 0. W K/ -D ta el R
0.2
K/ W
300 200 100 0 0 50 100 150 200 250 300 350 400 25 Average Forward Current (A) 50 75 100 125 150 Maximum Allowable Ambient T emperature (C)
Conduction Angle
0.4 K/ W
0.8 K /
S D300N/ R S eries (2500V to 3200V) T = 150C J
W
1.8 K/ W
Fig. 7 - Forward Power Loss Characteristics
Maximum Average Forward Pow er L (W) oss
900 800 700 600 500 400 RMS Limit
Conduction Period
DC 180 120 90 60 30
R
SA th
=
0.0 6K /W 0.1 K/ W
0. 02
K/ W
-D el ta
R
300
200 100
0.2 K/ W
S D300N/ R S eries (2500V to 3200V) T = 150C J
0.4 K /W
0.8 K / W
1.8 K/ W
0 0 100 200 300 400 500
25 600 50 75 100 125 150 Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
Fig. 8 - Forward Power Loss Characteristics
Peak Half S Wave F ine orward Current (A)
5000 4500 4000 3500 3000 2500 2000 1500 1
At Any Rated Load Condition And With Rated VRRMApplied Following S urge. Initial T = T max. J J @60 Hz 0.0083 s @50 Hz 0.0100 s
Peak Half S Wave F ine orward Current (A)
5500
6500 6000 5500 5000 4500 4000 3500 3000 2500 2000 1500
Maximum Non R epetitive S urge Current Versus Pulse T rain Duration. Initial T = T max. J J No Voltage Reapplied Rated VRRM Reapplied
S D300N/ R S eries
S D300N/ R S eries
10
100
1000 0.01
0.1 Pulse T rain Duration (s)
1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
6
www.irf.com
SD300N/R Series
Bulletin I2081 rev. C 03/03
10000 Instantaneous Forward Current (A)
T = 25C J 1000 T = TJ max. J
S D300N/ R S eries 100 0.5
1
1.5
2
2.5
3
3.5
Instantaneous Forward Voltage (V)
Fig. 11 - Forward Voltage Drop Characteristics
1
T rans ient T hermal Impedance Z thJC (K/ W)
0.1
S teady S tate Value: RthJC = 0.11 K/ W (DC Operation)
0.01 S D300N/ R S eries
0.001 0.001
0.01
0.1 S quare Wave Pulse Duration (s )
1
10
Fig. 12 - Thermal Impedance ZthJC Characteristics
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 2527105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/03
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of SD300R32PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X