Part Number Hot Search : 
EN2537A MSMA152 N4006 MT140 THL42A SF81S THL42A THL42A
Product Description
Full Text Search
 

To Download SD300C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet Bulletin I2083/B
SD300C..C SERIES
STANDARD RECOVERY DIODES Hockey Puk Version
Features
Wide current range High voltage ratings up to 3200V High surge current capabilities Diffused junction Hockey Puk version Case style DO-200AA
650A
Typical Applications
Converters Power supplies Machine tool controls High power drives Medium traction applications
case style DO-200AA
Major Ratings and Characteristics
SD300C..C Parameters
IF(AV) @ Ths IF(RMS) @ Ths IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM range TJ
04 to 20
650 55 1150 25 6050 6335 183 167 400 to 2000 - 40 to 180
25 to 32
540 55 995 25 6050 6335 183 167 2500 to 3200 - 40 to 150
Units
A C A C A A KA2s KA2s V C
To Order
Previous Datasheet SD300C..C Series
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
04 08 12 SD300C..C 16 20 25 28 32
Index
Next Data Sheet
VRRM , maximum repetitive peak reverse voltage V
400 800 1200 1600 2000 2500 2800 3200
VRSM , maximum nonrepetitive peak rev. voltage V
500 900 1300 1700 2100 2600 2900 3300
IRRM max.
@ TJ = TJ max.
mA
15
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Heatsink temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
SD300C..C Units Conditions 04 to 20 25 to 32
650(380) 540(250) 55(65) 1150 6050 6335 5090 5330 55(85) 995 6050 6335 5090 5330 183 167 129 118 1830 0.95 V 1.00 1.00 (I > x IF(AV)),TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. m 0.72 2.08 0.72 2.08 V (I > x IF(AV)),TJ = TJ max. Ipk= 1500A, TJ = TJ max, tp = 10ms sinusoidal wave KA2s KA2s A A C A 180 conduction, half sine wave Double side (single side) cooled @ 25C heatsink temperature double side cooled t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal halfwave, Initial TJ = TJ max.
I2t
Maximum I2t for fusing
183 167 129 118
I 2 t
Maximum I2t for fusing
1830 0.95
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 V FM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
0.75
0.75
To Order
Previous Datasheet
Index
NextSD300C..C Series Data Sheet
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Current Ratings Characteristics
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Current Ratings Characteristics
To Order
Fig. 8 - Current Ratings Characteristics
Previous Datasheet SD300C..C Series
Index
Next Data Sheet
Fig. 9 - Forward Power Loss Characteristics
Fig. 10 - Forward Power Loss Characteristics
Fig. 11 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
Fig. 12 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
Fig. 13 - Forward Voltage Drop Characteristics
To Order
Previous Datasheet
Index
NextSD300C..C Series Data Sheet
Fig. 14 - Thermal Impedance ZthJC Characteristics
To Order
Previous Datasheet
Thermal and Mechanical Specifications
Parameter
TJ Tstg Max. junction operating temperature range Max. storage temperature range
Index
Next Data Sheet SD300C..C Series
SD300C..C 04 to 20 25 to 32
-40 to 180 -55 to 200 -40 to 150 -55 to 200
Units
C
Conditions
RthJ-hs Max. thermal resistance, junction to heatsink F wt Mounting force, 10% Approximate weight Case style
0.163 K/W 0.073 4900 (500) 70 DO-200AA N (Kg) g
DC operation single side cooled DC operation double side cooled
See Outline Table
RthJ-hs Conduction
(The following table shows the increment of thermal resistence RthJ-hs when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
Single Side Double Side 0.017 0.020 0.025 0.036 0.064 0.017 0.020 0.025 0.036 0.062
Rectangular conduction
Single Side Double Side 0.011 0.020 0.027 0.038 0.065 0.012 0.020 0.027 0.038 0.062
Units
Conditions
K/W
TJ = TJ max.
Ordering Information Table
Device Code
SD
1 1 2 3 4 5 6 Diode Essential part number 0 = Standard recovery
30
2
0
3
C
4
32
5
C
6
C = Ceramic Puk Voltage code: Code x 100 = VRRM (See Voltage Ratings table) C = Puk Case DO-200AA
To Order
Previous Datasheet SD300C..C Series
Outline Table
Index
Next Data Sheet
3.5(0.14) 0.1(0.004) DIA. NOM.x 1.8 (0.07) DEEP MIN. BOTH ENDS 19(0.75) DIA. MAX. TWO PLACES 0.3 (0.01) MIN. BOTH ENDS
4 2 ( 1 .6 5 ) D IA . M A X . 38 (1.50) DIA. MAX. 1 4 .4 ( 0 .5 7 )
Fig. 1 - Current Ratings Characteristics All dimensions in millimeters Fig. 2 - Current Ratings Characteristics
To Order
1 3 .7 (0 .54 )
Case Style DO-200AA


▲Up To Search▲   

 
Price & Availability of SD300C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X