Part Number Hot Search : 
MKW2541 ADM705AN TFS170F R223J UF804F D10NF10 BP60070 01234
Product Description
Full Text Search
 

To Download SD203R25S20PV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2064 rev. A 09/94
SD203N/R SERIES
FAST RECOVERY DIODES Features
High power FAST recovery diode series 1.0 to 2.0 s recovery time High voltage ratings up to 2500V High current capability Optimized turn on and turn off characteristics Low forward recovery Fast and soft reverse recovery Compression bonded encapsulation Stud version JEDEC DO-205AB (DO-9) Maximum junction temperature 125C
Stud Version
200A
Typical Applications
Snubber diode for GTO High voltage free-wheeling diode Fast recovery rectifier applications
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I 2t @ 50Hz @ 60Hz V RRM range trr range @ TJ TJ
SD203N/R
200 85 314 4990 5230 125 114 400 to 2500 1.0 to 2.0 25 - 40 to 125
Units
A C A A A KA2s KA2s V s C C
case style DO-205AB (DO-9)
www.irf.com
1
SD203N/R Series
Bulletin I2064 rev. A 09/94
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage V RRM max. repetitive Code peak and off-state voltage V
04 SD203N/R..S10 08 10 12 SD203N/R..S15 14 16 SD203N/R..S20 20 25 400 800 1000 1200 1400 1600 2000 2500
VRSM , maximum nonrepetitive peak voltage V
500 900 1100 1300 1500 1700 2100 2600
I RRM max. TJ = 125C mA
35
Forward Conduction
Parameter
IF(AV) Max. average forward current @ Case temperature IF(RMS) Max. RMS current IFSM Max. peak, one-cycle non-repetitive forward current
SD203N/R
200 85 314 4990 5230 4200 4400
Units
A C A
Conditions
180 conduction, half sine wave.
DC @ 76C case temperature t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
A
t = 10ms t = 8.3ms t = 10ms
I2 t
Maximum I2 t for fusing
125 114 88 81 KA2s
t = 8.3ms t = 10ms t = 8.3ms
I2 t
Maximum I2t for fusing
1250 1.00 1.47 1.10 0.46 1.65
KA2s V m V
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (I > x IF(AV)), TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (I > x IF(AV)), TJ = TJ max. Ipk= 628A, TJ = 25C, tp = 400 s square pulse
V F(TO)1 Low level of threshold voltage V F(TO)2 High level of threshold voltage r f1 r f2 VFM Low level of forward slope resistance High level of forward slope resistance Max. forward voltage
Recovery Characteristics
Code
T J = 25 oC typical t (s)
rr
Test conditions
I
pk
Max. values @ TJ = 125 C
V
r
di/dt (A/s)
t
rr
Q
rr
I
rr
@ 25% IRRM
Square Pulse (A) (V)
@ 25% IRRM (s) 2.4 (C) 52 90 107 (A) 33 44 46
S10 S15 S20
1.0 1.5 2.0 750 25 - 30
2.9 3.2
2
www.irf.com
SD203N/R Series
Bulletin I2064 rev. A 09/94
Thermal and Mechanical Specification
Parameter
TJ T
stg
SD203N/R
-40 to 125 -40 to 150 0.115 0.08 31 24.5
Units
C
Conditions
Max. operating temperature range Max. storage temperature range
RthJC Max. thermal resistance, junction to case RthCS Max. thermal resistance, case to heatsink T Mounting torque 10%
K/W
DC operation Mounting surface, smooth, flat and greased
Nm g
Not lubricated threads Lubricated threads
wt
Approximate weight Case style
250
DO-205AB (DO-9)
See Outline Table
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
0.010 0.013 0.017 0.025 0.044
Rectangular conduction Units
0.008 0.014 0.019 0.027 0.044 K/W
Conditions
TJ = TJ max.
Ordering Information Table
Device Code
SD
1 1 2 3 4 Diode Essential part number 3 = Fast recovery
20
2
3
3
R
4
25 S20
5 6
P
7
B
8
C
9
N = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud)
5 6 7
-
Voltage code: Code x 100 = V RRM (see Voltage Ratings table) trr code (see Recovery Characteristics table) P = Stud base DO-205AB (DO-9) 3/4" 16UNF-2A M = Stud base DO-205AB (DO-9) M16 X 1.5
8
-7 B = Flag top terminals (for Cathode/ Anode Leads) S = Isolated lead with silicone sleeve (Red = Reverse Polarity; Blue = Normal Polarity) None = Not isolated lead
9
-
C = Ceramic housing (over 1600V) V = Glass-metal seal (only up to 1600V)
www.irf.com
3
SD203N/R Series
Bulletin I2064 rev. A 09/94
Outline Table
CERAMIC HOUSING
19 (0.75) MAX. 9.5 (0.37) MIN. 39 (1.53) MAX. C.S. 35mm (0.054 s.i.) 2 SW 32 16 (0.63) MAX. 4 (0.16) MAX.
210 (8.27) 10 (0.39)
DIA. 8.5 (0.33) NOM.
82 (3.23) MIN.
DIA. 27.5 (1.08) MAX.
21 (0.82) MAX.
38 (1.50) MAX.
Conform to JEDEC DO-205AB (DO-9)
3/4"-16UNF-2A*
All dimensions in millimeters (inches)
* FOR METRIC DEVICE: M16 X 1.5
GLASS-METAL SEAL
19 (0.75) MAX. 9.5 (0.37) MIN.
4 (0.16) MAX.
200 (7.87) 10 (0.39)
DIA. 8.5 (0.33) NOM.
C.S. 35mm (0.054 s.i.)
75 (2.95) MIN.
DIA. 28.5 (1.08) MAX.
28.5 (1.12) MAX.
21 (0.82) MAX.
16 ( 0.63) MAX.
SW 32
3/4-16UNF-2A* * FOR METRIC DEVICE: M16 X 1.5
4
39 (1.53) MAX. 2
www.irf.com
SD203N/R Series
Bulletin I2064 rev. A 09/94
Outline Table
CERAMIC HOUSING
21 (0.83) 14 (0.55) DIA. 6.5 (0.25) 13 (0.51) 79 (3.11) MAX. DIA. 27.5 (1.08) MAX. 72 (2 .8 3) 38 (1. 50)
MAX.
2 1 (0.82) M AX .
16 (0.63) MAX.
3/4"-16UNF-2A*
*FOR METRIC DEVICE. M16 X 1.5 3 (0 .1 2)
DO-205AB (DO-9) Flag
All dimensions in millimeters (inches)
32 (1. 26 )
GLASS-METAL SEAL
21 (0.83) 14 (0.55) DIA. 6.5 (0.26) 13 (0.51)
7 0 (2.7 5) M AX.
28.5 (1.12) M AX .
21 (0.83) MA X.
16 (0.63) MAX .
3/4"-16UNF-2A*
*FOR METRIC DEVICE: M16 X 1.5
32 (1.26)
3 (0 .1 2)
62 (2.4 4)
DIA. 28.5 (1.12) MAX.
www.irf.com
5
SD203N/R Series
Bulletin I2064 rev. A 09/94
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C) 130 120 110
Conduction Angle
SD203N/R Series R thJC (DC) = 0.115 K/W
130 120 110
Conduction Period
SD203N/R Series R thJC (DC) = 0.115 K/W
100 90 80 70 0 40 80 120 160 200 240 Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
100 90 80 70 0 50 100 150 200 250 300 350 Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics
30 60 90 120 180
30 60 90 120 180
DC
Maximum Average Forward Power Loss (W)
300 250 200 150 100 50 0 0 50
180 120 90 60 30 RMS Limit
Maximum Average Forward Power Loss (W)
350
550 500 450 400 350 300 250 200 RMS Limit 150 100 50 0 0 50 100 150 200 250 300 350 Average Forward Current (A)
Fig. 4 - Forward Power Loss Characteristics
Conduction Period
DC 180 120 90 60 30
Conduction Angle
SD203N/R Series T J = 125C 100 150 200
SD203N/R Series T J = 125C
Average Forward Current (A)
Fig. 3 - Forward Power Loss Characteristics
Peak Half Sine Wave Forward Current (A)
4500 4000 3500 3000 2500 2000 1500 1000 1
At Any Rated Load Condition And With Rated VRRM Applied Following Surge. Initial TJ = 125C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Peak Half Sine Wave Forward Current (A)
5000
5500 5000 4500 4000 3500 3000 2500 2000 1500
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial TJ = 125 C No Voltage Reapplied Rated VRRMReapplied
SD203N/R Series
SD203N/R Series 0.1 Pulse Train Duration (s)
Fig. 6 - Maximum Non-repetitive Surge Current
10
100
1000 0.01
1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non-repetitive Surge Current
6
www.irf.com
SD203N/R Series
Bulletin I2064 rev. A 09/94
(K/W)
10000 Instantaneous Forward Current (A) TJ = 25 C T J= 125 C
1 Steady State Value: R thJC = 0.115 K/W (DC Operation) 0.1
1000
Transient Thermal Impedance Z
thJC
0.01 SD203N/R Series
SD203N/R Series
100 .5 2.5 4.5 6.5 Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
120
V
0.001 0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Fig. 8 - Thermal Impedance ZthJC Characteristic
100 Forward Recovery (V) 80 60
FP
I
T J = 125C
T J = 25C 40 20 0 0 200 400 600 800 1000 1200 1400 1600 1800 2000 Rate Off Fall Of Forward Current di/dt (A/usec) SD203N/R..S20 Series
Fig. 9 - Typical Forward Recovery Characteristics
Maximum Reverse Recovery Current - Irr (A)
Maximum Reverse Recovery Time - Trr (s)
2.8 2.6 2.4 2.2 2 1.8
200 A 400 A
Maximum Reverse Recovery Charge - Qrr (C)
140 130 120 110 100 90 80 70 60 50 40 30 20 10 0 20
I FM = 750 A Square Pulse
100
I FM = 750 A
SD203N/R..S10 Series TJ = 125 C, V r = 30V
I FM = 750 A Square Pulse
90 80 70 60 50 40 30
Square Pulse 400 A
400 A
200 A
200 A
SD203N/R..S10 Series TJ = 125 C, V r = 30V 40 60 80 100
SD203N/R..S10 Series TJ = 125 C, V r = 30V
1.6 10
100
20 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 10 - Recovery Time Characteristics
Fig. 11 - Recovery Charge Characteristics
Fig. 12 - Recovery Current Characteristics
www.irf.com
7
SD203N/R Series
Bulletin I2064 rev. A 09/94
Maximum Reverse Recovery Current - Irr (A) Maximum Reverse Recovery Charge - Qrr (C)
Maximum Reverse Recovery Time - Trr (s)
3.6 SD203N/R..S15 Series TJ = 125 C, V r = 30V 3.2
I FM = 750 A
170 160 150 140 130 120 110 100 90 80 70 60 SD203N/R..S15 Series TJ = 125 C, V r = 30V
200 A 400 A I FM = 750 A Square Pulse
130 120 110 100 90 80 70 60 50 40 30 20
I FM = 750 A Square Pulse
400 A
2.8
Square Pulse
200 A
2.4
400 A
2
200 A
SD203N/R..S15 Series TJ = 125 C, V r = 30V
1.6 10
100
50 10 20 30 40 50 60 70 80 90 100
10 10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Fig.13 - Recovery Time Characteristics
3.6 3.4 3.2 3 2.8 2.6 2.4 10 SD203N/R..S20 Series TJ = 125 C, V r = 30V
I FM = 750 A Square Pulse
Fig. 14 - Recovery Charge Characteristics
Maximum Reverse Recovery Charge - Qrr (C) 300
I FM = 750 A Square Pulse
Fig. 15 - Recovery Current Characteristics
Maximum Reverse Recovery Current - Irr (A) 130 120 110 100 90 80 70 60 50 40 30 SD203N/R..S20 Series TJ = 125 C, V r = 30V
200 A I FM = 750 A Square Pulse 400 A
Maximum Reverse Recovery Time - Trr (s)
250
200
400 A
400 A 200 A
150
200 A
100
SD203N/R..S20 Series TJ = 125 C, V r = 30V
100
50 10 20 30 40 50 60 70 80 90 100
20 10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Fig.16 - Recovery Time Characteristics
1E4
Fig. 17 - Recovery Charge Characteristics
Fig. 18 - Recovery Current Characteristics
20 joules per pulse 10 4
20 joules per pulse 10 4 2 1 0.4 0.2 0.1 0.06
SD203N/R..S1 0 Series Trapezoidal Pulse T J = 125C, VRRM = 1120V dv/dt=1000V/s, di/dt=50A/s
Peak Forward Current (A)
1
2
1E3
0.4 0.2 0.1 0.04 0.02
1E2
0.01
SD203N/R..S10 Series Sinusoidal Pulse T J = 125C, V RRM = 1120V dv/dt = 1000V/s
tp
1E1 1E1
1E2
1E3
1E1 1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (s)
Pulse Basewidth (s)
Fig. 19 - Maximum Total Energy Loss Per Pulse Characteristics
8
www.irf.com
SD203N/R Series
Bulletin I2064 rev. A 09/94
1E4
20 joules per pulse 10
20 jo ules per pulse 10 4 2 1 0.4 0.2
Peak Forward Current (A)
4 2 1
1E3
0.4 0.2 0.1 0.04 0.02 0.01
SD203N/R..S15 Series Sinusoidal Pulse T J = 125C, VRRM = 1120V dv/dt = 1000V/s
1E2
0.1
SD203N/R..S15 Series Trapezoidal Pulse T J = 125C, VRRM = 1120V dv/dt=1000V/s, di/dt=50A/s
tp
tp
1E1 1E1
1E2
1E3
1E4 1E1 1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (s)
Pulse Basewidth (s)
Fig. 20 - Maximum Total Energy Loss Per Pulse Characteristics
1E4
20 joules per pulse 10 4 2
20 joules per pulse 10 4 2 1 0.4
Peak Forward Current (A)
1E3
1 0.4 0.2
1E2
SD203N/R..S20 Series Sinusoidal Pulse T J = 125C, VRRM = 1760V dv/dt = 1000V/s
0.1 0.04 0.02 0.01
tp 0.2
SD203N/R..S20 Series Trapezoidal Pulse T J = 125C, VRRM = 1760V dv/dt=1000V/s, di/dt=50A/s
tp
1E1 1E1
1E2
1E3
1E4 1E1 1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (s)
Pulse Basewidth (s)
Fig. 21 - Maximum Total Energy Loss Per Pulse Characteristics
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of SD203R25S20PV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X