Part Number Hot Search : 
4017BD 1200P60G AD7124 1C220 CM7555 PT12216 SW535 AN620
Product Description
Full Text Search
 

To Download SD153R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
DISCRETE POWER DIODES and THYRISTORS
DATA BOOK
To Order
Previous Datasheet
Index
Next Data Sheet Bulletin I2063/A
SD153N/R SERIES
FAST RECOVERY DIODES Features
High power FAST recovery diode series 1.0 to 1.5 s recovery time High voltage ratings up to 1600V High current capability Optimized turn on and turn off characteristics Low forward recovery Fast and soft reverse recovery Compression bonded encapsulation Stud version JEDEC DO-30 Maximum junction temperature 125C
Stud Version
150A
Typical Applications
Snubber diode for GTO High voltage free-wheeling diode Fast recovery rectifier applications
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I 2t @ 50Hz @ 60Hz V RRM range trr range @ TJ TJ
SD153N/R
150 85 235 4280 4480 92 84 400 to 1600 1.0 to 1.5 25 - 40 to 125
Units
A C A A A KA2s KA2s V s C C
case style DO-205AC (DO-30)
To Order
Previous Datasheet SD153N/R Series
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code
04 SD153N/R..S10 08 10 12 SD153N/R..S15 14 16
Index
Next Data Sheet
V RRM max. repetitive peak and off-state voltage V
400 800 1000 1200 1400 1600
VRSM , maximum nonrepetitive peak voltage V
500 900 1100 1300 1500 1700
I RRM max. TJ = 125C mA
35
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Case temperature I F(RMS) Max. RMS current I FSM Max. peak, one-cycle non-repetitive forward current
12 SD153N/R
150 85 235 4280 4480 3600 3770 A
Units
A C A
Conditions
180 conduction, half sine wave.
DC @ 74C case temperature t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
I 2t
Maximum I2t for fusing
92 84 65 59 KA2s
t = 8.3ms t = 10ms t = 8.3ms
I 2 t
Maximum
I2t
for fusing
916 1.00 1.46 1.35 0.52 1.55
KA2s V
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (I > x IF(AV)), TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (I > x IF(AV)), TJ = TJ max.
V F(TO)1 Low level of threshold voltage V F(TO)2 High level of threshold voltage r f1 r f2 V FM Low level of forward slope resistance High level of forward slope resistance Max. forward voltage
m V
2222222222222 Ipk= 470 A, TJ = 25C, tp = 400 s square pulse
Recovery Characteristics
Code
TJ = 25 oC typical t (s)
rr
Test conditions
I
pk
Max. values @ TJ = 125 C
V
r
di/dt (A/s)
t
rr
Q
rr
I
rr
@ 25% IRRM
Square Pulse (A) (V)
@ 25% IRRM (s) 1.6 (C) 21 61 (A) 27 37
S10 S15
1.0 350 1.5 25 - 30
2.3
To Order
Previous Datasheet
Index
Next SD153N/R Series Data Sheet
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-repetitive Surge Current
To Order
Fig. 6 - Maximum Non-repetitive Surge Current
Previous Datasheet SD153N/R Series
Index
Next Data Sheet
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristic
Fig. 9 - Recovery Time Characteristics
Fig. 10 - Recovery Charge Characteristics
Fig. 11 - Recovery Current Characteristics
To Order
Fig. 12 - Recovery Time Characteristics Fig. 13 - Recovery Charge Characteristics Fig. 14 - Recovery Current Characteristics
Previous Datasheet
Index
Next Data Sheet SD153N/R Series
Fig. 15 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 16 - Maximum Total Energy Loss Per Pulse Characteristics
To Order
Previous Datasheet
Thermal and Mechanical Specification
Parameter
TJ Tstg Max. operating temperature range Max. storage temperature range
Index
Next Data Sheet SD153N/R Series
SD153N/R
-40 to 125 -40 to 150 0.16 0.10 15.5 13.5
Units
C
Conditions
RthJC Max. thermal resistance, junction to case RthCS Max. thermal resistance, case to heatsink T Mounting torque 10%
K/W
DC operation Mounting surface, smooth, flat and greased Not lubricated threads
Nm g
Lubricated threads
wt
Approximate weight Case style
120
DO-205AC (DO-30)
See Outline Table
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction Rectangular conduction Units
0.011 0.016 0.021 0.029 0.041 0.012 0.019 0.023 0.030 0.041 K/W
Conditions
TJ = TJ max.
23
Ordering Information Table
Device Code
SD
1 1 2 3 4 Diode Essential part number 3 = Fast recovery
15
2
3
3
R
4
16
5
S15
6
P
7
B
8
V
9
N = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud)
5 6 7
-
Voltage code: Code x 100 = V RRM (see Voltage Ratings table) trr code (see Recovery Characteristics table) P = Stud base DO-205AC (DO-30) 1/2" 20UNF-2A M = Stud base DO-205AC (DO-30) M12 X 1.75
8
-7 B = Flag top terminals (for Cathode/ Anode Leads) S = Isolated lead with silicone sleeve (Red = Reverse Polarity; Blue = Normal Polarity) None = Not isolated lead
9
-
V = Glass-metal seal
To Order
Previous Datasheet SD153N/R Series
Outline Table
GLASS-METAL SEAL
16.5 (0.65) MAX. 6 . 5 ( 0 .2 6 ) M IN .
Index
Next Data Sheet
2.6 (0.10) MAX.
DIA. 8.5 (0.33) NOM. 1 5 7 (6 .1 8 ) 1 7 0 ( 6 .6 9 )
3 5 (1 .3 8 ) MAX. C.S. 16mm (0.015 s.i.) 2
5 5 (2 .1 6 ) M IN .
DIA. 23.5 (0.93) MAX.
2 4 ( 0 .9 4 ) M AX .
12
1 2 .5 ( 0 .4 9) M AX . SW 27
Conforms to JEDEC DO-205AC (DO-30)
All dimensions in millimeters (inches)
2 1 (0 .8 2 ) M AX .
1/2"-20UNF-2A*
* FOR METRIC DEVICE: M12 X 1.75
GLASS-METAL SEAL
16.5 (0.65)
5.6 (0.22) DIA. 5.54 (0.22) 9 .5 ( 0.3 7) DIA. 23.5 (0.93) MAX. 36 .5 ( 1.44 ) 2 4 (0 .9 4) M AX . 1 2.5 (0 .4 9) M A X.
4 1 (1.61 ) M A X.
2222222222222
DO-205AC (DO-30) Flag
All dimensions in millimeters (inches)
2 1 ( 0.8 2 ) MAX.
1/2"-20UNF-2A*
*FOR METRIC DEVICE. M12 X 1.75 2 .4 (0.0 9)
To Order
2 7 (1 .0 6)


▲Up To Search▲   

 
Price & Availability of SD153R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X