![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CRYSTAL CLOCK OSCILLATORS LVPECL UHF CLOCK (XO) Data Sheet 0628A Rev. A SD-A29JXXX Series (3.3 Volt) SD-B29JXXX Series (2.5 Volt) Description The SD-X29JXXX Series of quartz crystal oscillators provides ultra high frequency with LVPECL complementary outputs. The outputs can be Tri-stated for test automation or combining multiple clocks. The device is based on advanced PLL multiplication for higher frequencies, and packaged in a miniature, low profile leadless ceramic SMD package with 6 gold plated pads. Applications and Features * Wide frequency range - 38.0MHz to 640.000MHz * Fiber Channel; 10 GbE; Infiniband; Network Processors; SOHO Routing * High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions * Low Phase Noise, Low Jitter * High shock resistance, to 1000g * Ultra High Frequency * Tight frequency stability - 20 ppm overall available * Grounded lid and internal by-pass capacitor reduce EMI * RoHS Compliant, Lead Free Construction Creating a Part Number SD - X 29J X X X - FREQ Package Code Overall Frequency Stability, ppm SD 6 pad 5x7mm SMD E 20 F 25 Input Voltage G 50 A 3.3V5% H 100 B 2.5V5% 9 Customer specific Enable Option H Enable High L Enable Low Temperature Range, C A 0 to 50 B 0 to 70 C -20 to 70 D -40 to 85 9 Customer specific 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com CRYSTAL CLOCK OSCILLATORS SD-X29JXXX Series Continued LVPECL UHF CLOCK (XO) Data Sheet 0628A Rev. A Absolute Maximum Ratings Parameter Operating Temperature Range Storage Temperature Range Supply Voltage Enable/Disable Voltage Parameter Nominal Frequency Supply Voltage Supply current Output Logic Type Load Output Levels Symb Fo Vcc Icc Output to Vcc-2V, or Thevenin Equivalent overall Symbol To Tst Vcc Ven/dis Conditions, Note Code A Code B Value -40 to +85 -50 to +90 -0.5 to 4.5 0 to Vcc MIN 38 3.135 2.375 TYP 3.3 2.5 80 LVPECL 50 MAX 640 3.465 2.625 100 Unit C C V V Unit MHz V mA Ohm V Electrical Parameters Voh Vol Duty Cycle (Symmetry) Rise/Fall Time Jitter Integrated Tr/Tf J Wavecrest characterized Phase Noise (f) Frequency Stability F/F At 50% of output voltage swing 20 to 80, 80 to 20 % Integrated from Phase Noise, 12 KHz to 20 MHz , RMS Random 155 MHz period, 622 MHz Accumul., 155 MHz pk-to-pk 622 MHz 155 MHz @ 10 Hz @100 Hz @1 KHz @10KHz @100KHz @1MHz @>10M Overall, including initial calibration, temperature, aging 10 years, shock and vibration CMOS logic 1 or N/C CMOS logic 0 CMOS logic 1 or N/C CMOS logic 0 Vcc1.025 Vcc1.620 45/55 50/50 0.5 0.4 55/45 0.7 % ns ps 3.5 6 20 40 -60 -90 -120 -130 -128 -144 -150 See "Creating a Part Number" Not all combinations available, consult factory ps ps dBc/Hz ppm Enable High Option Pin 2 Enabled Pin 2 Disabled Enable Low Option Pin 2 Disabled Pin 2 Enabled 0.7 Vcc 0 0.7 Vcc 0 Vcc 0.3 Vcc Vcc 0.3 Vcc V V 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com CRYSTAL CLOCK OSCILLATORS Rev. A SD-X29JXXX Series Continued LVPECL UHF CLOCK (XO) Electrical Connection Pin Connection 1 Enable/Disable 2 N.C. 3 VEE /Ground 4 Output 5 /Output 6 VCC Environmental and Mechanical Characteristics Operating temp. range Mechanical Shock Thermal Shock Vibration Hermetic Seal Soldering conditions see part # table Per MIL-STD-202, Method 213, Cond. E Per MIL-STD-883, Method 1011, Cond. A Per MIL-STD-883, Method 2007, Cond. A Leak rate less than 1x10-8 atm.cc/s of helium See MAX reflow profile below Maximum Reflow Profile 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com |
Price & Availability of SD-B29JLDH-FREQ
![]() |