|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Sharma Ceramic Capacitors SCY1, SCY2 Series Safety Recognized Ceramic Capacitor Specifications Operating Temperature Capacitance Range Capacitance Tolerance Rated voltage Temperature Coefficient Dissipation Factor (tand) Insulation Resistance at 25 C Dielectric Strength -25 to +85 C C 100pF to 10000pF (Y2 series) 100pF to 4700pF (Y1 series) K=10%, M=20% 250VAC, 400VAC 10% for Y5P, +30% to -80% for Y5V (Y2 series) 10% for Y5P, +20% to -55% for Y5U (Y1 series) Y5P: 2.5% max at 25 and 1KHz, 10.2 Vrms C Y5V: 5% max at 25 and 1KHz, 10.2 Vrms (Y2 series) C Y5U: 2.5% max at 25 and 1KHz, 10.2 Vrms (Y1 series) C 10000Mohm at 500VDC for 1 minute 2600VAC for 60 seconds (Rated voltage: 400VAC) - Y2 series 4000VAC for 60 seconds (Rated voltage: 400VAC) - Y1 series Dimensions and Tolerance: B = 3.0 mm max d = 0.60 mm 0.05 mm F = 7.5 or 9.5 0.8 mm (Y2 Series) F = 9.5 0.8 mm (Y1 Series) L = 5 ~ 25 mm Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 Sharma Ceramic Capacitors SCY1 Series - Special size or items on request. - Tolerance Dimension 0.5 mm. T.C. CAP. 100PF 150PF 220PF TOL. D 8 8 8 Dimension (mm) 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 T 8 8 8 8 8 8 8 8 8 8 8 8 8 8 10% (Y5P) 330PF 470PF 560PF 680PF 1000PF 1000PF 1500PF K10% 9 10 10 12 14 8 9 +20 ~ -55% 2200PF (Y5U) 3300PF 3900PF 4700PF M20% 12 14 14 16 SCY2 Series - Special size or items on request. - Tolerance Dimension 0.5 mm. T.C. CAP. 100PF 150PF 220PF TOL. D 8 8 8 Dimension (mm) 7.50.8 7.50.8 7.50.8 7.50.8 7.50.8 7.50.8 7.50.8 7.50.8 T 5 5 5 5 5 5 5 5 10% (Y5P) 330PF 470PF 560PF 680PF 1000PF K10% 8 8 10 10 12 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 Sharma Ceramic Capacitors 1000PF 1500PF 2200PF +30 ~ -80% (Y5V) 3300PF 3900PF 4700PF 6800PF 8200PF 10000PF M20% 8 8 9 10 12 12 16 16 18 7.50.8 7.50.8 7.50.8 7.50.8 7.50.8 7.50.8 9.50.8 9.50.8 9.50.8 5 5 5 5 5 5 5 5 5 PART NUMBERING EXPLANATION Series: SCY1, SCY2 Capacitor Value: 3 digit EIA Code Tolerance Code: K (10%) M (20%) Voltage Code: 250 - 250VAC RoHS compliant: RH 400 - 400VAC Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |
Price & Availability of SCY1 |