Part Number Hot Search : 
2SB977A ACS712EL 1MC04011 LVA519 LF713RW 1N5233B PTK8756 BSP10FH
Product Description
Full Text Search
 

To Download SCF-0273 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CCFL-Inverter
sFeatures
qBuilt qRegulated qBuilt
SCF-0273 ( For 3 W 1 Lamp )
in On/Off control function lamp current
in Current Mode dimming control circuit.
qApplications:
LCD size 12 to 13 inches for monitor Suitable Sanken's CCFL: Lamp length 200 to 230 mm : Exterior Diameter 1.8, 2.0mm
sOutline
105.00.5
(2.5)
(9.0)
(2.5) CN2 2-2.2
(2.5) 12.00.5
Top View
CN1
PWB (Printed wiring board): FR-4 or CEM-3(t =0.8) Weight: 8.7g typ
Unit : mm
sConnector terminal number and Function
Connector No. Terminal No. 1 2 CN1 (Input) 3 4 5 CN 2 (Output) 1 2 Symbol VIN GND Vrmt Vbr N.C Lamp-H Lamp-L Output high side SM02B-BHSS-1-TB/JST Output low side Function DC input voltage Input GND On-Off control dimming control 53261-0590/molex Connector type name/Manufacturer
6.0max
Side View
SCF-0273
sApplication
CN1 12V H SW 3 L 0 to 2V SW H: enable 2.5V to VIN L : disable 0 to 0.5V 2 4 Vrmt GND Vbr Lamp-L 2 Cold-Cathode Fluorescent Lamp 1 VIN Lamp-H CN2 1 RL
Inverter Unit
sAbsolute maximum ratings
Parameter DC input voltage On/Off voltage Dimming voltage Output power Operating temp. Storage temp. Humidity Symbol VIN Vrmt Vbr PL Topr Tstg RH Ratings 0 to 16 0 to 16 0 to 2.5 3.3 0 to 60 - 20 to 80 95 Unit V V V W C C %RH Maximum wet-bulb temp. 38C No dew condensation Remarks
sElectrical characteristics
Parameter DC input voltage Input current Driving frequency Output current Output Power Open voltage Symbol VIN IIN fsw IL PL VO min 9.6 -- 50 -- -- -- 1500 Ratings typ 12 -- 55 6.0 3.0 3.0 --
Conditions : at Topr=25C, VIN=12V (unless otherwise stated)
max 15 500 60 -- -- -- --
Unit V mA kHz mArms mArms W Vrms
Remarks
VIN=12V RL=100k RL=100k, Vbr =0V RL=100k, Vbr = 2V RL=100k VIN=9.6V, RL=100M
sDimming characteristics
6.0
Output Current (mArms)
5.0 4.0 3.0 2.0 1.5 0.0 0.5 1.0 1.5 2.0 2.5
Dimming voltage (Vbr)


▲Up To Search▲   

 
Price & Availability of SCF-0273

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X