Part Number Hot Search : 
TCS3414 XXXSP 16011 0512E SM4001A 210A0 3238E 1SV216
Product Description
Full Text Search
 

To Download SCA-4-15-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount
Power Splitter/Combiner
4 Way-0 75
Maximum Ratings
Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -40C to 85C -55C to 100C 0.5W max. 0.375W max.
! NEW
SCA-4-15-75
10 to 1500 MHz
Features
* * * * wideband, 10-1500 MHz high isolation, 25 dB typ. excellent amplitude unbalance, 0.3 dB typ. patent pending
CASE STYLE: DZ943 PRICE: $7.95 ea. QTY (10-49)
Pin Connections
SUM PORT PORT 1 PORT 2 PORT 3 PORT 4 GROUND 3 6 7 9 10 1,2,4,5,8
Applications
* cable * cellular * UHF/VHF receivers/transmitters
Splitter Electrical Specifications
FREQ. RANGE (MHz)
fL-fU 10-1500 10-40 40-1000 1000-1500
ISOLATION (dB)
Typ. 19 25 19 Min. 14 17 15
INSERTION LOSS (dB) ABOVE 6 dB
Typ. 0.5 1.2 1.4 Max. 1.3 2.0 2.8
PHASE UNBALANCE (Degrees)
Max. 8 9 16
AMPLITUDE UNBALANCE (dB)
Max. 0.8 0.9 1.1
Outline Drawing
Typical Performance Data
Freq. (MHz)
10.00 50.00 100.00 200.00 300.00 400.00 500.00 600.00 700.00 750.00 800.00 900.00 1000.00 1200.00 1500.00
Insertion Loss (dB) S-1 S-2 S-3 S-4
6.55 6.46 6.47 6.59 6.73 6.81 6.90 6.94 7.01 7.00 6.99 7.08 7.22 7.33 7.53 6.54 6.44 6.46 6.57 6.69 6.81 6.89 6.91 7.01 7.02 7.04 7.13 7.27 7.44 7.71 6.94 6.68 6.69 6.80 6.91 7.00 7.07 7.09 7.16 7.16 7.18 7.24 7.35 7.47 7.84 6.94 6.70 6.69 6.79 6.92 7.01 7.12 7.16 7.25 7.25 7.26 7.36 7.52 7.62 7.92
Amp. Unbal. (dB)
0.40 0.26 0.24 0.22 0.23 0.21 0.22 0.24 0.24 0.25 0.27 0.28 0.30 0.28 0.39
Isolation (dB) 1-2 1-3 2-3
16.87 21.16 22.43 23.48 24.51 25.83 26.56 26.70 25.82 25.11 24.45 23.02 21.58 19.96 20.11 33.94 39.62 40.59 41.01 41.51 36.92 33.56 30.99 28.63 28.05 27.38 26.15 24.72 22.62 20.47 33.83 39.56 40.60 42.08 43.50 37.42 33.57 30.78 28.45 27.96 27.29 26.12 24.75 23.07 21.65
Phase Unbal. (deg.)
3.51 1.08 0.73 0.58 0.65 0.96 1.12 1.59 1.88 2.08 2.43 2.47 2.80 3.85 6.46
VSWR VSWR VSWR VSWR VSWR S 1 2 3 4
1.34 1.09 1.15 1.36 1.55 1.67 1.74 1.75 1.75 1.76 1.72 1.76 1.77 1.69 1.27
SCA-4-15-75 ISOLATION ISO 1-2 ISO 1-3 ISO 2-3
1.77 1.33 1.26 1.30 1.38 1.45 1.47 1.50 1.51 1.50 1.49 1.51 1.57 1.68 1.82
1.76 1.31 1.26 1.30 1.39 1.46 1.52 1.55 1.57 1.59 1.61 1.61 1.62 1.69 1.90
1.89 1.33 1.26 1.29 1.38 1.45 1.49 1.51 1.53 1.52 1.53 1.54 1.54 1.58 1.76
1.89 1.34 1.26 1.27 1.32 1.36 1.38 1.40 1.42 1.42 1.43 1.45 1.49 1.56 1.78
Outline Dimensions ( inch) mm
A .30 7.62 H .057 1.45 B .250 6.35 J .004 0.10 C .190 4.83 K .085 2.16 D .274 6.96 L .296 7.52 E .050 1.27 M .030 0.76 F .050 1.27 G .012 0.30 wt grams 0.5
8.0
at RF level of -10 dBm
SCA-4-15-75 INSERTION LOSS 60 50
ISOLATION (dB)
at RF level of -10 dBm
INSERTION LOSS (dB)
7.6 7.2
40 30 20
Demo Board MCL P/N: TB-247 Suggested PCB Layout (PL-133)
6.8 6.4 S-1(dB) 6.0 0 300 600 900 1200 1500 FREQUENCY(MHz) S-3(dB)
10 0 300 600 900 1200 1500 FREQUENCY (MHz)
3.0
at RF level of -10 dBm
SCA-4-15-75 VSWR #S-VSWR #1-VSWR #3-VSWR
2.0
VSWR
1.0
0.0 0 300 600 900 1200 1500 FREQUENCY (MHz)
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV. A M88711 ED-10856/2 SCA-4-10-75 WZ/TC/CP 041112


▲Up To Search▲   

 
Price & Availability of SCA-4-15-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X