Part Number Hot Search : 
MT3170BE 100110 MC68488P 247FN CS843 C3197 20020 BT878
Product Description
Full Text Search
 

To Download SCA-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Description
Stanford Microdevices SCA-14 is a high performance Gallium Arsenide Heterojunction Bipolar Transistor MMIC Amplifier. A Darlington configuration is utilized for broadband performance up to 4 GHz. The heterojunction increases breakdown voltage and minimizes leakage current between junctions. Cancellation of emitter junction non-linearities results in higher suppression of intermodulation products. Typical IP3 at 850 MHz with 65mA is 33.2 dBm. These unconditionally stable amplifiers provide 20 dB of gain and 17.7 dBm of 1dB compressed power and require only a single positive voltage supply. Only 2 DC-blocking capacitors, a bias resistor and an optional inductor are needed for operation. This MMIC is an ideal choice for wireless applications such as cellular, PCS, CDPD, wireless data and SONET.
Small Signal Gain vs. Frequency @ ID=65mA
25 20
SCA-14
Preliminary Preliminary
DC-4 GHz, Cascadable GaAs HBT MMIC Amplifier
NGA-589 Recommended for New Designs
dB
15 10 5 0 0 1 2 3 4 5 6
Product Features High Output IP3: 33.2 dBm @ 850 MHz Cascadable 50 Ohm Gain Block Patented GaAs HBT Technology Operates From Single Supply Applications Cellular, PCS, CDPD, Wireless Data, SONET
Units Min. Ty p. 17.7 18.1 18.1 33.2 31.1 30.7 18 20.0 19.0 18.6 4000 1.4:1 1.8:1 22.7 22.5 22.2 4.0 4.3 4.8 224 5.3 Max.
Frequency GHz Electrical Specifications
Sy mbol Parameters: Test Conditions: GHz Z0 = 50 Ohms, ID = 65mA, T = 25C Output Pow er at 1dB Compression f = 850 MHz f = 1950 MHz f = 2400 MHz f = 850 MHz f = 1950 MHz f = 2400 MHz f = 850 MHz f = 1950 MHz f = 2400 MHz
P1dB
dBm dBm dBm dBm dBm dBm dB dB dB MHz
IP3
Third Order Intercept Point Pow er out per tone = 0 dBm
S21 Bandw idth S11 S22 S12 NF VD Rth,j-l
Small Signal Gain (Determined by S11, S22 Values) Input VSWR Output VSWR Reverse Isolation Noise Figure, ZS = 50 Ohms Device Voltage Thermal Resistance (junction - lead)
f = DC-4000 MHz f = DC-4000 MHz f = 850 MHz f = 1950 MHz f = 2400 MHz f = 1950 MHz
dB dB dB dB V
o
C/W
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the users own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 1
http://www.stanfordmicro.com
EDS-101395 Rev A
Preliminary Preliminary SCA-14 DC-4GHz Cascadable MMIC Amplifier Absolute Maximum Ratings
Operation of this device above any one of these parameters may cause permanent damage. Bias Conditions should also satisfy the following expression: IDVD (max) < (TJ - TOP)/Rth, j-l
Parameter Supply Current Operating Temperature M aximum Input Pow er Storage Temperature Range Operating Junction Temperature Value 120 -40 to +85 10 -40 to +150 +175 Unit mA C dBm C C
Parameter 500 MH z Gai n Noi se Fi gure Output IP3 Output P1dB Input Return Loss Isolati on 850 MH z Gai n Noi se Fi gure Output IP3 Output P1dB Input Return Loss Isolati on 1950 MH z Gai n Noi se Fi gure Output IP3 Output P1dB Input Return Loss Isolati on 2400 MH z Gai n Output IP3 Output P1dB Input Return Loss Isolati on
Ty pical 25C 20.2 3.9 32.3 17.5 14.0 22.6 20.0 4.0 33.2 17.7 13.7 22.7 19.0 4.0 31.1 18.1 15.8 22.4 18.6 30.7 18.1 18.7 22.2 U nit
Test C ondition (ID = 65 mA, unless otherwise noted)
dB dB ZS = 50 Ohms dBm Tone spaci ng = 1 MHz, Pout per tone = 0 dBm dB m dB dB dB dB ZS = 50 Ohms dBm Tone spaci ng = 1 MHz, Pout per tone = 0 dBm dB m dB dB dB dB ZS = 50 Ohms dBm Tone spaci ng = 1 MHz, Pout per tone = 0 dBm dB m dB dB dB dBm Tone spaci ng = 1 MHz, Pout per tone = 0 dBm dB m dB dB
*NOTE: While the SCA-4 can be operated at different bias currents, 65 mA is the recommended bias for lower junction temperature and longer life. This reflects typical operating conditions which we have found to be an optimal balance between high IP3 and MTTF. In general, MTTF is improved to more than 100,000 hours when biasing at 65 mA and operating up to 85C ambient temperature.
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 2
http://www.stanfordmicro.com
EDS-101395 Rev A
Preliminary Preliminary SCA-14 DC-4GHz Cascadable MMIC Amplifier
Junction Temp vs. Dissipated Power
250
MTTF vs. Dissipated Power
1.E+07 Device Lead Temp = +85C
Junction Temperature (C)
Device Lead Temp = +85 C 230
1.E+06
210
MTTF (hrs)
+175C
1.E+05
190
1.E+04
170
150 0.35
0.45
0.55
1.E+03 0.35
0.45
0.55
Pdiss (W) Output IP3 vs. ID vs. Frequency
40 IP3_65mA IP3_80mA IP3_100mA 35
20
Pdiss (W) Output P1dB vs. ID vs. Frequency
P1dB_65mA P1dB_80mA P1dB_100mA
19
dBm
30
dBm
18 17 16
25 0.5 1.5 2.5 3.5
15 0.5 1.5 2.5 3.5
GHz NF vs. ID vs. Frequency
4.5 4.4 4.3 4.2
GHz Small Signal Gain vs. ID vs. Frequency
21 G_65mA G_80mA G_100mA
20
dB
dB
19
4.1 4 3.9 3.8 0.5 1 1.5 NF_65mA NF_80mA NF_100mA 2
18
17 0.5 1.5 2.5 3.5
GHz
GHz
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 3
http://www.stanfordmicro.com
EDS-101395 Rev A
Preliminary Preliminary SCA-14 DC-4GHz Cascadable MMIC Amplifier
Pin # 1 2 3 Function RF IN GND RF OUT/Vcc Description RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation. Connection to ground. Use via holes for best performance to reduce lead inductance. Place vias as close to ground leads as possible. RF output and bias pin. Bias should be supplied to this pin through an external series resistor and RF choke inductor. Because DC biasing is present on this pin, a DC blocking capacitor should be used in most applications (see application schematic). The supply side of the bias netw ork should be w ell bypassed. Same as Pin 2.
4
GND
Application Schematic for Operation at 850 MHz
R ecommended B ias R esistor Values Supply Voltage(Vs) R bias (Ohms) @ 65 mA R bias (Ohms) @ 80 mA R bias (Ohms) @ 100 mA 8V 51 39 33 9V 68 51 43 12V 110 91 75 15V 160 130 100
1uF
68pF
Rbias VS
33nH
50 ohm microstrip
2 1 100pF 3 4 100pF
50 ohm microstrip
Application Schematic for Operation at 1950 MHz
1uF 22pF Rbias VS
22nH
50 ohm microstrip
2 1 68pF 3 4 68pF
50 ohm microstrip
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 4
http://www.stanfordmicro.com
EDS-101395 Rev A
Preliminary Preliminary SCA-14 DC-4GHz Cascadable MMIC Amplifier
S21, ID=65mA, T=25C
25 20
-10 -15
S12, ID=65mA, T=25C
dB
15 10 5 0 0 1 2 3 4 5 6
dB -20
-25 -30 0 1 2 3 4 5 6
Frequency GHz
Frequency GHz
S11, ID=65mA, T=25C
0 -5
0 -5
S22, ID=65mA, T=25C
dB
-10 -15 -20 -25 0 1 2 3 4 5 6
dB -10
-15 -20 0 1 2 3 4 5 6
Frequency GHz
Frequency GHz
S11, ID=65mA, Ta=25C
Freq. Min = 0.05 GHz Freq. Max = 6.0 GHz
S22, ID=65mA, Ta=25C
Freq. Min = 0.05 GHz Freq. Max = 6.0 GHz
F = 6.0 GHz
F = 6.0 GHz
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 5
http://www.stanfordmicro.com
EDS-101395 Rev A
Preliminary Preliminary SCA-14 DC-4GHz Cascadable MMIC Amplifier
Appropriate precautions in handling, packaging and testing devices must be observed.
Caution: ESD Sensitive
Part Number Ordering Information
Part Number SCA-14 Reel Size 7" Devices/Reel 1000
Part Symbolization The part will be symbolized with a C4 designator on the top surface of the package.
Outline Drawing
1
Mounting Instructions
The data shown was taken on a 31 mil thick FR-4 board with 1 ounce of copper on both sides. The board was mounted to a baseplate with 3 screws as shown. The screws bring the top side copper temperature to the same value as the baseplate. 1. Use 1 or 2 ounce copper, if possible. 2. Solder the copper pad on the backside of the device package to the ground plane. 3. Use a large ground pad area with many plated throughholes as shown. 4. If possible, use at least one screw no more than 0.2 inch from the device package to provide a low thermal resistance path to the baseplate of the package. 5. Thermal resistance from ground lead to screws is 2 deg. C/W.
2 3
PCB Pad Layout
C4
4
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC 6
http://www.stanfordmicro.com
EDS-101395 Rev A


▲Up To Search▲   

 
Price & Availability of SCA-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X