Part Number Hot Search : 
ON1111 68710H VCS1625 Q4840 SDA803AS 1GT101DC P89C52BN 1N5236
Product Description
Full Text Search
 

To Download SC56-11SRWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SRWA
SUPER BRIGHT RED
Features
z0.56 zLOW
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
INCH DIGIT HEIGHT. CURRENT OPERATION. CHARACTER APPEARANCE.
zEXCELLENT zEASY zI.C.
MOUNTING ON P.C. BOARDS OR SOCKETS.
zMECHANICALLY zSTANDARD zRoHS
COMPATIBLE. RUGGED.
: GRAY FACE, WHITE SEGMENT.
COMPLIANT.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAA7778 APPROVED: J. Lu
REV NO: V.7 CHECKED: Joe Lee
DATE: MAY/27/2005 DRAWN: H.Q.YUAN
PAGE: 1 OF 4 ERP: 1301001099
Selection Guide
Part No. Dice Lens Type Iv (ucd) @ 10mA Min. SC56-11SRWA SUPER BRIGHT RED (GaAIAs) WHITE DIFFUSED 4700 Typ. 24000 Common Cathode, Rt. Hand Decimal. Description
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Super Bright Red 100 30 155 5 -40C To +85C 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAA7778 APPROVED: J. Lu
REV NO: V.7 CHECKED: Joe Lee
DATE: MAY/27/2005 DRAWN: H.Q.YUAN
PAGE: 2 OF 4 ERP: 1301001099
Super Bright Red
SC56-11SRWA
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAA7778 APPROVED: J. Lu
REV NO: V.7 CHECKED: Joe Lee
DATE: MAY/27/2005 DRAWN: H.Q.YUAN
PAGE: 3 OF 4 ERP: 1301001099
PACKING & LABEL SPECIFICATIONS
SC56-11SRWA
SPEC NO: DSAA7778 APPROVED: J. Lu
REV NO: V.7 CHECKED: Joe Lee
DATE: MAY/27/2005 DRAWN: H.Q.YUAN
PAGE: 4 OF 4 ERP: 1301001099


▲Up To Search▲   

 
Price & Availability of SC56-11SRWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X