Part Number Hot Search : 
UC3843DX 3831F AT73C203 2SC979A 1N463A ATR0839 ATR0839 MDA920A2
Product Description
Full Text Search
 

To Download SC39-12YWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAYS
SA39-11EWA/GWA/YWA/SRWA SC39-11EWA/GWA/YWA/SRWA SA39-12EWA/GWA/YWA/SRWA SC39-12EWA/GWA/YWA/SRWA
Features
!0.39
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
INCH DIGIT HEIGHT. CURRENT OPERATION. CHARACTER APPEARANCE. MOUNTING ON P.C. BOARDS OR SOCKETS. FOR LUMINOUS INTENSITY, RUGGED.
!LOW
!EXCELLENT !EASY !I.C.
COMPATIBLE.
!CATEGORIZED
YELLOW AND GREEN CATEGORIZED FOR COLOR.
!MECHANICALLY !STANDARD
: GRAY FACE, WHITE SEGMENT.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change whitout notice.
SPEC NO: CDA0848 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 1 OF 5
Selection Guide
Iv (u c d ) @ 10 m A Min. SA39-11EWA SA39-12EWA SC39-11EWA SC39-12EWA SA39-11GWA SA39-12GWA SC39-11GWA SC39-12GWA SA39-11YWA SA39-12YWA SC39-11YWA SC39-12YWA SA39-11SRWA SA39-12SRWA SC39-11SRWA SC39-12SRWA Typ.
P ar t N o .
Dic e
D es c r i p t i o n Common Anode.Rt. Hand Decimal
HIGH EFFICIENCY RED (GaAsP/GaP)
1200
4100 Common Cathode.Rt. Hand Decimal Common Anode.Rt. Hand Decimal
GREEN (GaP)
1900
6400 Common Cathode.Rt. Hand Decimal Common Anode.Rt. Hand Decimal
YELLOW (GaAsP/GaP)
12 0 0
300 0 Common Cathode.Rt. Hand Decimal Common Anode.Rt. Hand Decimal
SUPER BRIGHT RED (GaAlAs)
4700
16 0 0 0 Common Cathode.Rt. Hand Decimal
Electrical / Optical Characteristics at T)=25C
Sy m b o l Par am et er D ev i c e High Efficiency Red Green Yellow Super Bright Red High Efficiency Red Green Yellow Super Bright Red Ty p . 627 565 590 660 625 568 588 640 45 30 35 20 15 15 20 45 2.0 2.2 2.1 1.85 2.5 2.5 2.5 2.5 10 Max . Un it s Tes t Co n d it io n s
peak
Peak Wavelength
nm
IF=20mA
D
Dominate Wavelength
nm
IF=20mA
1/2
High Efficiency Red Green Spectral Line Halfwidth Yellow Super Bright Red Capacitance High Efficiency Red Green Yellow Super Bright Red High Efficiency Red Green Yellow Super Bright Red All
nm
IF=20mA
C
pF
VF=0V;f=1MHz
VF IR
Forward Voltage
V
IF=20mA
Reverse Current
uA
V R = 5V
SPEC NO: CDA0848 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 2 OF 5
Absolute Maximum Ratings at T)=25C
Par am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
H i g h E f f i c i en c y R ed 105 30 160 5
Gr een 105 25 140 5
Yello w 105 30 14 0 5 -40C To +85C 260C For 5 Seconds
S u p er B r i g h t R ed 100 30 155 5
Un it s mW mA mA V
High Efficiency Red
SPEC NO: CDA0848 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 3 OF 5
Green
Yellow
SPEC NO: CDA0848 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 4 OF 5
Super Bright Red
SPEC NO: CDA0848 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 5 OF 5


▲Up To Search▲   

 
Price & Availability of SC39-12YWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X