Part Number Hot Search : 
V470M 171ED SFAF504 PA61A MC33363 TEA5582 74162 ULN20
Product Description
Full Text Search
 

To Download SC321 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SC321 (1.0A)
FAST RECOVERY DIODE
( 200V / 1.0A )
Outline drawings, mm
30.2
Marking
2.50.2
2.60.2
1.350.4
2 MIN.
+0.4
1.350.4
1.20.2
5.1-0.1
Features
Surface mount device High voltage by mesa design High reliability
Marking
Applications
High speed switching
HB
Cathode mark
Code Lot. No
Type name code
SC321-2
0.1
HB
Maximum ratings and characteristics
Absolute maximum ratings
Item Repetitive peak reverse voltage Non-repetitive peak reverse voltage Average output current Surge current Operating junction temperature Storage temperature Symbol VRRM VRSM IO IFSM Tj Tstg Resisitive load (Ta=25C) Sine wave 10ms Conditions Rating -02 200 200 1.0* 40 -40 to +150 -40 to +150 Unit V V A A C C
*Mounted to glass fabric base epoxy resin printed circuits, land (15mm x 15mm)
Electrical characteristics (Ta=25C Unless otherwise specified )
Item Forward voltage drop Reverse current Reverse recovery time Thermal resistance Symbol VFM IRRM t rr Rth(j-a) Conditions IFM=1.0A VR=VRRM IF=0.1A, IR=0.1A Junction to ambient Max. 1.05 50 100 120* Unit V A ns C/W
(200V / 1.0A )
Characteristics
Forward characteristics
5 3 10 1.0 5 30
SC321(1.0A)
Reverse characteristics
IF 0.5 [A]
0.3
IR 3 [A]
1.0 0.5
0.1 0.3 0.05 0.03 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 100 200
VF [V]
VR [V]
Current derating (Io - Ta)
100 1.4 1.2 1.0 50 30
Junction capacitance characteristics
IO [A] 0.6
0.4 0.2 0
0.8
Cj [pF]
10
5 3 10 30 50 100 300
0
20
40
60
80
100
120
140
Ta [C]
VR [V]
Surge capability
100 500
Thermal resistance print land
50 100 30
IFSM [A]
10
[C/W]
10
5 3 1 3 5 10 30 1 10 100 1000
[time] (at 50Hz)
[mm2]
(200V / 1.0A )
Transient thermal impedance
100
SC321(1.0A)
[C/W]
10
1 10-3 10-2 10-1 100 101 102
t [sec.]


▲Up To Search▲   

 
Price & Availability of SC321

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X