Part Number Hot Search : 
5N06D 1215S 43000 LTC1562I BP210 5251B VN1206 D75206G
Product Description
Full Text Search
 

To Download SC3027B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SC3027B
* * * * * Quartz SAW Frequency Stability Fundamental Fixed Frequency Very Low Jitter and Power Consumption Rugged, Miniature, Surface-Mount Case Low-Voltage Power Supply (3.3 VDC)
This digital clock is designed for use with high-speed CPUs and digitizers. Fundamental-mode oscillation is made possible by surface-acoustic-wave (SAW) technology. The design results in low jitter, compact size, and low power consumption. Differential outputs provide a sine wave that is capable of driving 50 loads.
380.0 MHz Differential Sine-Wave Clock
Rating Power Supply Voltage (VCC at Terminal 1) Input Voltage (ENABLE at Terminal 8) Case Temperature (Powered or Storage)
Value 0 to +4.0 0 to +4.0 -40 to +85
Units VDC VDC C
SMC-8 Case
Electrical Characteristics
Output Frequency Q and Q Output Characteristic Absolute Frequency Tolerance from 380.000 MHz Voltage into 50 (VSWR 1.2) Operating Load VSWR Symmetry Harmonic Spurious Nonharmonic Spurious Q and Q Period Jitter Output (Disabled) No Noise on VCC 200 mVP-P from 1 MHz to 1/2 fO on Amplitude into 50 VIH VIL IIH IIL tPD VCC ICC TA 1, 3 1, 3 +3.13 0 +3.30 20 RFM SC3027B 380.00 MHz YYWW 3, 9 Sym fO fO VO Notes 1, 2 1, 3 3, 4, 5 3, 4, 6 3, 4, 6, 7 3, 4, 7, 8 3, 9 3 50 VCC-0.1 0.0 3 VCC VCC+0.1 0.20 5 -1 1 +3.47 40 +70 15 Minimum 379.924 0.60 49 Typical Maximum 380.076 200 1.1 2:1 51 -30 -60 30 35 75 Units MHz ppm VP-P % dBc dBc psP-P psP-P mVP-P K V V mA mA ms VDC mA C
Output DC Resistance (between Q & Q) ENABLE (Terminal 14) Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current Propagation Delay DC Power Supply Operating Voltage Operating Current Operating Ambient Temperature Lid Symbolization (YY = Year, WW = Week)
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling. NOTES:
1. Unless otherwise noted, all specifications include any combination of load VSWR, VCC, and TA. In addition, Q and Q are terminated into 50 loads to ground. (See: Typical Test Circuit.) One or more of the following United States patents apply: 4,616,197; 4,670,681; 4,760,352. The design, manufacturing process, and specifications of this device are subject to change without notice. Only under the nominal conditions of 50 load impedance with VSWR 1.2 and nominal power supply voltage. Symmetry is defined as the pulse width (in percent of total period) measured at the 50% points of Q or Q. (See: Timing Definitions.) 6. Jitter and other spurious outputs induced by externally generated electrical noise on VCC or mechanical vibration are not included. Dedicated external voltage regulation and careful PCB layout are recommended for optimum performance. Applies to period jitter of Q and Q. Measurements are made with the Tektronix CSA803 signal analyzer with at least 1000 samples. Period jitter measured with a 200 mVP-P sine wave swept from 1 MHz to one-half of fO at the VCC power supply terminal. The outputs are enabled when Terminal 8 is at logic HIGH. Propagation delay is defined as the time from the 50% point on the rising edge of ENABLE to the 90% point on the rising edge of the output amplitude or as the fall time from the 50% point to the 10% point. (SEE: Timing Definitions.) E-mail: info@rfm.com http://www.rfm.com SC3027B-111799 Page 1 of 2
2. 3. 4. 5.
7. 8. 9.
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-9148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
380.0 MHz
Electrical Connections Footprint
Actual size footprint:
Terminal Number
1 2 3 4 5 6 7 8 LID
Connection
VCC Ground NC or Ground Q Output Q Output
1 2 3 4
8 7 6 5
Typical Printed Circuit Board Land Pattern
TOP VIEW
Ground ENABLE Ground
A typical land pattern for a circuit board is shown below. Grounding of the metallic center pad is optional.
Typically 0.01" to 0.05" or 0.25 mm to 1.25 mm (8 Places)
Case Design
All pads consist of 30 microinches (min) electroless gold on 50 microinches (min) electroless nickel over base metal. The metallic center pad was designed for mechanical support. Grounding of this pad is optional. Lid symbolization, including terminal 1 locator dot, are in contrasting ink. Symbolization varies by model number. For purposes of illustration, only terminal 1 dot is shown.
B C D E
(The optimum value of this dimension is dependent on the PCB assembly process employed.)
.
Typical Test Circuit
V cc 4.7 H 0.1 F Sine-Wave Signal Generator
N (X8) A
F (X8)
V cc
M G L
(X3)
50 Q 50 Q
*
Tektronix CSA 803 Digitizing Oscilloscope
Ch 1 Trigger Ch 2
Clock Under Test
H (X2)
*
ENABLE 50
K
J
*Power Splitter, Mini-Circuits ZFSC2-4
Timing Definitions
Propagation Delay: ENABLE 50% 50%
Dimensions
Millimeters Min Max 13.97 9.66 Min 0.530 0.360
Inches Max 0.550 0.380
A B C D E F G H J K L M N
13.46 9.14
2.05 Nominal 3.56 Nominal 2.24 Nominal 1.27 Nominal 2.54 Nominal 3.05 Nominal 1.93 Nominal 5.54 Nominal 4.32 Nominal 4.83 Nominal 0.50 Nominal
0.081 Nominal 0.141 Nominal 0.088 Nominal 0.050 Nominal 0.100 Nominal 0.120 Nominal 0.076 Nominal 0.218 Nominal 0.170 Nominal 0.190 Nominal 0.020 Nominal
Q or Q Output Amplitude Envelope
90% 10%
t PD
Symmetry:
t PD
Q or Q Output 50% 50% 50%
Symmetry as % of Period Period
Symmetry as % of Period
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-9148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com SC3027B-111799
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SC3027B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X