Part Number Hot Search : 
BSF68G65 1N5818 DA726 D3Z5V1BF TA8184F L5871 15120 C6074C
Product Description
Full Text Search
 

To Download SC2002F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LCD MODULES
SC2002F ( 20 CHARACTERS x 2 LINES )
FEATURES
5 x 7 DOTS WITH CURSOR BUILT-IN CONTROLLER (KS0066 OR EQUIVALENT) 5 V POWER SUPPLY 1/16 DUTY CYCLE 4.2 V LED FORWARD VOLTAGE
Supply Voltage Supply Current Input Voltage "HIGH" Level "LOW" Level "HIGH" Level "LOW" Level VDD-VSS IDD VIH VIL VOH VOL
ELECTRICAL CHARACTERISTICS
ITEM
LCD Operating Voltage VDD-VO
SYMBOL CONDITION MIN. TYP. MAX. UNIT
o T=0 C o T=25 C o T=50 C
4.7 2.2 0 2.4 -
4.8 4.5 4.2 5 3.2 -
5.3 6 VDD 0.6 0.4
V V V V mA V V V V
-
MECHANICAL DATA
ITEM
Module Size (W x H x T) Viewing Area ( W x H ) Character Size ( W x H ) Character Pitch (W x H) Dot Size ( W x H ) Dot Pitch ( W x H )
Output
DIMENSIONS
80.0 x 36.0 x 8.8 65.0 x 16.0 2.56 x 5.56 3.06 x 5.94 0.48 x 0.66 0.56 x 0.70
UNIT
mm mm mm mm mm mm
Voltage
BLOCK DIAGRAM
DB7 DB0 E R/ W RS Vo V DD V ss
LCD PANEL COM16 L CD CONTROL L ER SEG6 0 SEG4 0 4 L CD SEGMENT DRI V ER
INTERFACE PIN CONNECTIONS
NO.
1 2 3 4 5 6 7 8
SYMBOL
VSS VDD VO RS R/W E DB0 DB1
FUNCTION
Supply Ground Supply Voltage Contrast Adj. Register Select Read/Write Enable Signal Data Bit 0 Data Bit 1
NO. SYMBOL
9 10 11 12 13 14 15 16 DB2 DB3 DB4 DB5 DB6 DB7 A K
FUNCTION
Data Bit 2 Data Bit 3 Data Bit 4 Data Bit 5 Data Bit 6 Data Bit 7 LED Power LED Power
A K
L ED BACKLI GHT
EXTERNAL DIMENSIONS


▲Up To Search▲   

 
Price & Availability of SC2002F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X