Part Number Hot Search : 
SEL4226C FR102 C2500 M54564 BU2727 A2000 9N03L BUK75
Product Description
Full Text Search
 

To Download SC15-11YWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Kingbright
Features
l1.5 INCH DIGIT HEIGHT. lLOW
(R)
38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SA15-11 SBA15-11 SC15-11 SBC15-11
Description
The Bright Red source color devices are made with Gallium Phosphide Red Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode .
CURRENT OPERATION. CHARACTER APPEARANCE. LIGHT OUTPUT. MOUNTING ON P.C. BOARDS OR SOCKETS.
lEXCELLENT lHIGH lEASY lI.C.
COMPATIBLE.
AVAILABLE. lCATEGORIZED FOR LUMINOUS INTENSITY, YELLOW AND GREEN CATEGORIZED FOR COLOR. lMECHANICALLY RUGGED. lSTANDARD : GRAY FACE, WHITE SEGMENT.
lMULTICOLOR
Package Dim ensions
Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is o0.25(0.01")unless otherwise noted. 2. Specifications are subjected to change whitout notice.
7-S12-1
Selection Guide
Part No.
SA15-11HWA SC15-11HWA SA15-11EWA SC15-11EWA SA15-11GWA SC15-11GWA SA15-11YWA SC15-11YWA SA15-11SRWA SC15-11SRWA SBA15-11EGWA SBC15-11EGWA
Dic e
Iv (ucd) @ 10 m A Min. Max.
2200 21000 9000 9000 31000 21000 9000
Description
Common Anode, Rt Hand Decimal Common Cathode, Rt. Hand Decimal Common Anode, Rt Hand Decimal Common Cathode, Rt. Hand Decimal Common Anode, Rt Hand Decimal Common Cathode, Rt. Hand Decimal Common Anode, Rt Hand Decimal Common Cathode, Rt. Hand Decimal Common Anode, Rt Hand Decimal Common Cathode, Rt. Hand Decimal Common Anode, Rt Hand Decimal Common Cathode, Rt. Hand Decimal
BRIGHT RED (GaP) HIGH EFFICIENCY RED (GaAsP/GaP) GREEN (GaP) YELLOW (GaAsP/GaP) SUPER BRIGHT RED (GaAlAs) HIGH EFFICIENCY RED (GaAsP/GaP) GREEN (GaP)
900 3600 3600 3600 14000 3600 3600
Electrical / Optical Characteristics at TA=25 C
Sym bol Param eter Device
Bright Red High Efficiency Red Green Yellow Super Bright Red Bright Red High Efficiency Red Green Yellow Super Bright Red Bright Red High Efficiency Red Green Yellow Super Bright Red Bright Red High Efficiency Red Green Yellow Super Bright Red All
Typ.
700 625 565 590 660 45 45 30 35 20 40 12 45 10 95 2.0 2.0 2.2 2.1 1.85 10
Max.
Units
Test Conditions
peak
Peak Wavelength
nm
IF=20mA
U1/2
Spectral Line Halfwidth
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
vF IR
Forward Voltage
2.5 2.5 2.5 2.5 2.5
V
IF=20mA
Reverse Current
uA
VR = 5V
7-S12-2
Absolute Maximum Ratings at TA=25 C
Param eter
Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Soldering Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
B right Red
120 25 150 5
High Efficiency Red
105 30 150 5
Green
105 25 150 5
Yellow
105 30 150 5
Super B right Red
100 30 150 5
Units
mW mA mA V
-40 C To +85 C 260 C For 5 Seconds
Bright Red
7-S12-3
High Efficiency Red
Green
7-S12-4
Yellow
Super Bright Red
7-S12-5


▲Up To Search▲   

 
Price & Availability of SC15-11YWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X