Part Number Hot Search : 
T7300 T7300 LV432 LN524GK T7300 SDD10N04 167BZX 014014
Product Description
Full Text Search
 

To Download SC08-11YWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-11YWA
YELLOW
Features
0.8 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAC3423 APPROVED: J. Lu
REV NO: V.5 CHECKED: Joe Lee
DATE: APR/25/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 3 ERP:1301000762
Selection Guide
Part No. Dice Lens Type Iv (ucd) @ 10mA Min. SC08-11YWA YELLOW (GaAsP/GaP) WHITE DIFFUSED 1200 Typ. 4700 Common Cathode,Rt. Hand Decimal. Description
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Yellow Yellow Yellow Yellow Yellow Yellow Typ. 590 588 35 20 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 5mm below package base.
Yellow 105 30 140 5 -40C To +85C 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAC3423 APPROVED: J. Lu
REV NO: V.5 CHECKED: Joe Lee
DATE: APR/25/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 3 ERP:1301000762
Yellow
SC08-11YWA
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAC3423 APPROVED: J. Lu
REV NO: V.5 CHECKED: Joe Lee
DATE: APR/25/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 3 ERP:1301000762


▲Up To Search▲   

 
Price & Availability of SC08-11YWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X